Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRLHS6276TRPBF Datasheet(PDF) 2 Page - International Rectifier

Part # IRLHS6276TRPBF
Description  HEXFET Power MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRLHS6276TRPBF Datasheet(HTML) 2 Page - International Rectifier

  IRLHS6276TRPBF Datasheet HTML 1Page - International Rectifier IRLHS6276TRPBF Datasheet HTML 2Page - International Rectifier IRLHS6276TRPBF Datasheet HTML 3Page - International Rectifier IRLHS6276TRPBF Datasheet HTML 4Page - International Rectifier IRLHS6276TRPBF Datasheet HTML 5Page - International Rectifier IRLHS6276TRPBF Datasheet HTML 6Page - International Rectifier IRLHS6276TRPBF Datasheet HTML 7Page - International Rectifier IRLHS6276TRPBF Datasheet HTML 8Page - International Rectifier IRLHS6276TRPBF Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
IRLHS6276PbF
2
www.irf.com
S
D
G
Notes:
 Repetitive rating; pulse width limited by max. junction temperature.
‚ Current limited by package.
ƒ Pulse width ≤ 400μs; duty cycle ≤ 2%.
„ When mounted on 1 inch square copper board.
… Rθ is measured at TJ of approximately 90°C.
† For DESIGN AID ONLY, not subject to production testing.
Thermal Resistance
Parameter
Typ.
Max.
Units
RθJC (Bottom)
Junction-to-Case
g
–––
19
RθJC (Top)
Junction-to-Case
g
–––
175
°C/W
RθJA
Junction-to-Ambient
f
–––
86
RθJA (<10s)
Junction-to-Ambient
f
–––
69
Static @ TJ = 25°C (unless otherwise specified)
Parameter
Min. Typ. Max. Units
BVDSS
Drain-to-Source Breakdown Voltage
20
–––
–––
V
ΔΒVDSS/ΔTJ
Breakdown Voltage Temp. Coefficient
–––
9.3
–––
mV/°C
RDS(on)
Static Drain-to-Source On-Resistance
–––
33
45
–––
46
62
VGS(th)
Gate Threshold Voltage
0.5
0.8
1.1
V
ΔVGS(th)
Gate Threshold Voltage Coefficient
–––
-3.8
–––
mV/°C
IDSS
Drain-to-Source Leakage Current
–––
–––
1.0
–––
–––
150
IGSS
Gate-to-Source Forward Leakage
–––
–––
100
Gate-to-Source Reverse Leakage
–––
–––
-100
gfs
Forward Transconductance
8.8
–––
–––
S
Qg
Total Gate Charge
h
–––
3.1
–––
VDS = 10V
Qgs
Gate-to-Source Charge
h
–––0.22–––
Qgd
Gate-to-Drain Charge
h
–––
1.3
–––
RG
Gate Resistance
–––
4.0
–––
Ω
td(on)
Turn-On Delay Time
–––
4.4
–––
tr
Rise Time
–––
9.3
–––
td(off)
Turn-Off Delay Time
–––
10
–––
tf
Fall Time
–––
4.9
–––
Ciss
Input Capacitance
–––
310
–––
Coss
Output Capacitance
–––
79
–––
Crss
Reverse Transfer Capacitance
–––
49
–––
Diode Characteristics
Parameter
Min. Typ. Max. Units
IS
Continuous Source Current
(Body Diode)
ISM
Pulsed Source Current
(Body Diode)
Ù
VSD
Diode Forward Voltage
–––
–––
1.2
V
trr
Reverse Recovery Time
–––
5.2
7.8
ns
Qrr
Reverse Recovery Charge
–––
5.0
7.5
nC
ton
Forward Turn-On Time
Time is dominated by parasitic Inductance
VDS = VGS, ID = 10μA
VGS = 2.5V, ID = 3.4A ed
m
Ω
VDD = 10V, VGS = 4.5V
RG=1.8
Ω
VDS = 10V, ID = 3.4Ad
VDS = 16V, VGS = 0V, TJ = 125°C
μA
ID = 3.4Ad (See Fig.17 & 18)
ID = 3.4A
d
VGS = 0V
VDS = 10V
VDS = 16V, VGS = 0V
TJ = 25°C, IF = 3.4Ad, VDD = 10V
di/dt = 126A/μs
TJ = 25°C, IS = 3.4Ad, VGS = 0V e
showing the
integral reverse
p-n junction diode.
Conditions
See Fig.15
ƒ = 1.0MHz
Conditions
VGS = 0V, ID = 250μA
Reference to 25°C, ID = 1mA
VGS = 4.5V, ID = 3.4A ed
–––
–––
40
–––
–––
9.6
d
MOSFET symbol
nA
ns
A
pF
nC
VGS = 4.5V
VGS = 12V
VGS = -12V


Similar Part No. - IRLHS6276TRPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRLHS6276 IRF-IRLHS6276 Datasheet
268Kb / 2P
   Small PowIR MOSFETs
IRLHS6276PBF IRF-IRLHS6276PBF Datasheet
294Kb / 9P
   Compatible with Existing Surface Mount Techniques
IRLHS6276PBF IRF-IRLHS6276PBF_15 Datasheet
294Kb / 9P
   Compatible with Existing Surface Mount Techniques
More results

Similar Description - IRLHS6276TRPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7316 IRF-IRF7316 Datasheet
237Kb / 7P
   HEXFET POWER MOSFET
IRF6215 IRF-IRF6215 Datasheet
125Kb / 8P
   HEXFET Power MOSFET
IRF530NS IRF-IRF530NS Datasheet
618Kb / 10P
   HEXFET Power MOSFET
IRLMS2002 IRF-IRLMS2002 Datasheet
95Kb / 8P
   HEXFET Power MOSFET
IRFH5301PBF IRF-IRFH5301PBF Datasheet
309Kb / 8P
   HEXFET Power MOSFET
IRLR8726PBF IRF-IRLR8726PBF_09 Datasheet
360Kb / 11P
   HEXFET Power MOSFET
IRLML2502GPBF IRF-IRLML2502GPBF Datasheet
180Kb / 8P
   HEXFET Power MOSFET
IRF7304QPBF IRF-IRF7304QPBF_10 Datasheet
248Kb / 9P
   HEXFET POWER MOSFET
IRFS3107-7PPBF IRF-IRFS3107-7PPBF Datasheet
320Kb / 9P
   HEXFET Power MOSFET
IRFH5106PBF IRF-IRFH5106PBF Datasheet
339Kb / 8P
   HEXFET Power MOSFET
IRFH5406PBF IRF-IRFH5406PBF Datasheet
305Kb / 8P
   HEXFET Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com