Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL29011IROZ-T7 Datasheet(PDF) 6 Page - Intersil Corporation

Part # ISL29011IROZ-T7
Description  Digital Ambient Light Sensor and Proximity Sensor with Interrupt Function
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL29011IROZ-T7 Datasheet(HTML) 6 Page - Intersil Corporation

Back Button ISL29011IROZ-T7 Datasheet HTML 2Page - Intersil Corporation ISL29011IROZ-T7 Datasheet HTML 3Page - Intersil Corporation ISL29011IROZ-T7 Datasheet HTML 4Page - Intersil Corporation ISL29011IROZ-T7 Datasheet HTML 5Page - Intersil Corporation ISL29011IROZ-T7 Datasheet HTML 6Page - Intersil Corporation ISL29011IROZ-T7 Datasheet HTML 7Page - Intersil Corporation ISL29011IROZ-T7 Datasheet HTML 8Page - Intersil Corporation ISL29011IROZ-T7 Datasheet HTML 9Page - Intersil Corporation ISL29011IROZ-T7 Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
6
FN6467.4
May 5, 2011
Principles of Operation
Photodiodes and ADC
The ISL29011 contains two photodiode arrays which convert
light into current. The spectral response for ambient light
sensing and IR sensing is shown in Figure 7 in the performance
curves section. After light is converted to current during the light
signal process, the current output is converted to digital by a
built-in 16-bit Analog-to-Digital Converter (ADC). An I2C
command reads the ambient light or IR intensity in counts.
The converter is a charge-balancing integrating type 16-bit
ADC. The chosen method for conversion is best for converting
small current signals in the presence of an AC periodic noise. A
100ms integration time, for instance, highly rejects 50Hz and
60Hz power line noise simultaneously. See “Integration and
Conversion Time” on page 10.
The built-in ADC offers user flexibility in integration time or
conversion time. Integration time is determined by an internal
oscillator (fOSC), and the n-bit (n = 4, 8, 12,16) counter inside
the ADC. A good balancing act of integration time and
resolution depending on the application is required for optimal
results.
The ADC has I2C programmable range select to dynamically
accommodate various lighting conditions. For very dim
tSU:STO
Set-up Time for STOP Condition
600
ns
tBUF
Bus Free Time Between a STOP and START
Condition
1300
ns
Cb
Capacitive Load for Each Bus Line
400
pF
Rpull-up
SDA and SCL system bus pull-up resistor
Maximum is determined by tR and tF
1k
Ω
tVD;DAT
Data Valid Time
0.9
µs
tVD:ACK
Data Valid Acknowledge Time
0.9
µs
VnL
Noise Margin at the LOW Level
0.1VDD
V
VnH
Noise Margin at the HIGH Level
0.2VDD
V
NOTE:
9. All parameters in I2C Electrical Specifications table are guaranteed by design and simulation.
I2C Electrical Specifications
For SCL and SDA unless otherwise noted, VSUP(VDDD,VDDA) = 3V, TA = +25°C, REXT = 499kΩ 1%
tolerance, 16-bit ADC operation (Note 9).
PARAMETER
DESCRIPTION
CONDITION
MIN
TYP MAX UNIT
FIGURE 1. I2C TIMING DIAGRAM
ISL29011


Similar Part No. - ISL29011IROZ-T7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL29011IROZ-T7 INTERSIL-ISL29011IROZ-T7 Datasheet
631Kb / 15P
   Digital Ambient Light Sensor and Proximity Sensor with Interrupt Function
ISL29011IROZ-T7 INTERSIL-ISL29011IROZ-T7 Datasheet
680Kb / 16P
   Digital Ambient Light Sensor and Proximity Sensor with Interrupt Function
ISL29011IROZ-T7 INTERSIL-ISL29011IROZ-T7 Datasheet
822Kb / 19P
   Digital Ambient Light Sensor and Proximity Sensor with Interrupt Function
May 1, 2014
logo
Renesas Technology Corp
ISL29011IROZ-T7 RENESAS-ISL29011IROZ-T7 Datasheet
1Mb / 19P
   Digital Ambient Light Sensor and Proximity Sensor with Interrupt Function
More results

Similar Description - ISL29011IROZ-T7

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL29011 RENESAS-ISL29011 Datasheet
1Mb / 19P
   Digital Ambient Light Sensor and Proximity Sensor with Interrupt Function
logo
Intersil Corporation
ISL29011IROZ-T7 INTERSIL-ISL29011IROZ-T7 Datasheet
822Kb / 19P
   Digital Ambient Light Sensor and Proximity Sensor with Interrupt Function
May 1, 2014
ISL29018 INTERSIL-ISL29018 Datasheet
633Kb / 15P
   Digital Ambient Light Sensor and Proximity Sensor with Interrupt Function
ISL29011 INTERSIL-ISL29011_10 Datasheet
680Kb / 16P
   Digital Ambient Light Sensor and Proximity Sensor with Interrupt Function
ISL29011 INTERSIL-ISL29011 Datasheet
631Kb / 15P
   Digital Ambient Light Sensor and Proximity Sensor with Interrupt Function
ISL29018IROZ-T7 INTERSIL-ISL29018IROZ-T7 Datasheet
803Kb / 19P
   Digital Ambient Light Sensor and Proximity Sensor with Interrupt Function
October 8, 2012
logo
Renesas Technology Corp
ISL29018 RENESAS-ISL29018 Datasheet
1Mb / 19P
   Digital Ambient Light Sensor and Proximity Sensor with Interrupt Function
logo
ON Semiconductor
NOA3301 ONSEMI-NOA3301 Datasheet
658Kb / 23P
   Digital Proximity Sensor with Ambient Light Sensor and Interrupt
February, 2013 - Rev. 2
logo
Intersil Corporation
ISL29023 INTERSIL-ISL29023 Datasheet
511Kb / 11P
   Integrated Digital Ambient Light Sensor with Interrupt Function
ISL29021 INTERSIL-ISL29021 Datasheet
583Kb / 12P
   Digital Proximity Sensor with Interrupt Function
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com