Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL29028AIROZ-T7 Datasheet(PDF) 9 Page - Intersil Corporation

Part # ISL29028AIROZ-T7
Description  Low Power Ambient Light and Proximity Sensor with Intelligent Interrupt and Sleep Modes
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL29028AIROZ-T7 Datasheet(HTML) 9 Page - Intersil Corporation

Back Button ISL29028AIROZ-T7 Datasheet HTML 5Page - Intersil Corporation ISL29028AIROZ-T7 Datasheet HTML 6Page - Intersil Corporation ISL29028AIROZ-T7 Datasheet HTML 7Page - Intersil Corporation ISL29028AIROZ-T7 Datasheet HTML 8Page - Intersil Corporation ISL29028AIROZ-T7 Datasheet HTML 9Page - Intersil Corporation ISL29028AIROZ-T7 Datasheet HTML 10Page - Intersil Corporation ISL29028AIROZ-T7 Datasheet HTML 11Page - Intersil Corporation ISL29028AIROZ-T7 Datasheet HTML 12Page - Intersil Corporation ISL29028AIROZ-T7 Datasheet HTML 13Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
ISL29028A
9
FN7721.2
March 24, 2011
The proximity sensor is an 8-bit ADC which operates in a similar
fashion. When proximity sensing is enabled, the IRDR pin will
drive a user-supplied infrared LED, the emitted IR reflects off an
object (i.e., a human head) back into the ISL29028A, and a sensor
converts the reflected IR wave to a current signal in 0.54ms. The
ADC subtracts the IR reading before and after the LED is driven
(to remove ambient IR such as sunlight), and converts this value
to a digital count stored in Register 0x8.
The ISL29028A is designed to run two conversions concurrently: a
proximity conversion and an ALS (or IR) conversion. Please note that
because of the conversion times, the user must let the ADCs perform
one full conversion first before reading from I2C Registers
PROX_DATA (wait 0.54ms) or ALSIR_DT1/2 (wait 100ms). The timing
between ALS and Prox conversions is arbitrary (as shown in Figure 3).
The ALS runs continuously with new data available every 100ms. The
proximity sensor runs continuously with a time between conversions
decided by PROX_SLP (Register 1 Bits [6:4]).
Ambient Light and IR Sensing
The ISL29028A is set for ambient light sensing when Register bit
ALSIR_MODE = 0 and ALR_EN = 1. The light-wavelength response of
the ALS appears as shown in Figure 6. ALS measuring mode (as
opposed to IR measuring mode) is set by default.
When the part is programmed for infrared (IR) sensing
(ALSIR_MODE = 1; ALS_EN = 1), infrared light is converted into a
current and digitized by the same ALS ADC. The result of an IR
conversion is strongly related to the amount of IR energy incident
on our sensor, but is unitless and is referred to in digital counts.
Proximity Sensing
When proximity sensing is enabled (PROX_EN = 1), the external
IR LED is driven for 0.1ms by the built-in IR LED driver through
the IRDR pin. The amplitude of the IR LED current depends on
Register 1 bit 3: PROX_DR. If this bit is low, the load will see a
fixed 110mA current pulse. If this bit is high, the load on IRDR
will see a fixed 220mA current pulse as seen in Figure 4.
When the IR from the LED reaches an object and gets reflected
back into the ISL29028A, the reflected IR light is converted into
current as per the IR spectral response shown in Figure 7. One
entire proximity measurement takes 0.54ms for one conversion
(which includes 0.1ms spent driving the LED), and the period
between proximity measurements is decided by PROX_SLP
(sleep time) in Register 1 Bits 6:4.
Average LED driving current consumption is given by Equation 1.
A typical IRDR scheme is 220mA amplitude pulses every 800ms,
which yields 28μA DC.
Total Current Consumption
Total current consumption is the sum of IDD and IIRDR. The IRDR
pin sinks current (as shown in Figure 4) and the average IRDR
current can be calculated using Equation 1. IDD depends on
voltage and the mode-of-operation as seen in Figure 11.
Interrupt Function
The ISL29028A has an intelligent interrupt scheme designed to
shift some logic processing away from intensive microcontroller
I2C polling routines (which consume power) and towards a more
independent light sensor which can instruct a system to “wake
up” or “go to sleep”.
ALS
ACTIVE
100ms
100ms
100ms
PROX
SENSOR
ACTIVE
IRDR
(CURRENT
DRIVER)
ALS CONVERSION TIME =
100ms (FIXED)
0.54ms FOR PROX
CONVERSION
SERIES OF
CURRENT PULSES
TOTALING 0.1ms
SLEEP TIME
(PROX_SLP)
100ms
100ms
SEVERAL µs BETWEEN
CONVERSIONS
TIME
TIME
TIME
FIGURE 3. TIMING DIAGRAM FOR PROX/ALS EVENTS - NOT TO SCALE
FIGURE 4. CURRENT DRIVE MODE OPTIONS
PIN 8 - IRDR
220mA
(PROX_DR = 1)
(IRDR IS HI-Z WHEN
NOT DRIVING)
110mA
(PROX_DR = 0)
IlRDR AVE
;
IlRDR PEAK
;
100
μs
×
TSLEEP 540μs
+
-----------------------------------------------------
=
(EQ. 1)


Similar Part No. - ISL29028AIROZ-T7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL29028AIROZ-T7 INTERSIL-ISL29028AIROZ-T7 Datasheet
753Kb / 16P
   Low Power Ambient Light and Proximity Sensor with Intelligent Interrupt
ISL29028AIROZ-T7 INTERSIL-ISL29028AIROZ-T7 Datasheet
600Kb / 16P
   Low Power Ambient Light and Proximity Sensor with Intelligent Interrupt and Sleep Modes
January 29, 2014
logo
Renesas Technology Corp
ISL29028AIROZ-T7 RENESAS-ISL29028AIROZ-T7 Datasheet
825Kb / 16P
   Low Power Ambient Light and Proximity Sensor with Intelligent Interrupt and Sleep Modes
More results

Similar Description - ISL29028AIROZ-T7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL29028IROZ INTERSIL-ISL29028IROZ Datasheet
624Kb / 16P
   Low Power Ambient Light and Proximity Sensor with Intelligent Interrupt and Sleep Modes
November 4, 2011
logo
Renesas Technology Corp
ISL29028 RENESAS-ISL29028 Datasheet
820Kb / 16P
   Low Power Ambient Light and Proximity Sensor with Intelligent Interrupt and Sleep Modes
logo
Intersil Corporation
ISL29030A INTERSIL-ISL29030A_11 Datasheet
724Kb / 16P
   Low Power Ambient Light and Proximity Sensor with Intelligent Interrupt and Sleep Modes
ISL29028AIROZ-T7 INTERSIL-ISL29028AIROZ-T7 Datasheet
600Kb / 16P
   Low Power Ambient Light and Proximity Sensor with Intelligent Interrupt and Sleep Modes
January 29, 2014
ISL29029IROZ-T7 INTERSIL-ISL29029IROZ-T7 Datasheet
576Kb / 16P
   Low Power Ambient Light and Proximity Sensor with Intelligent Interrupt and Sleep Modes
November 23, 2010
logo
Renesas Technology Corp
ISL29028A RENESAS-ISL29028A Datasheet
825Kb / 16P
   Low Power Ambient Light and Proximity Sensor with Intelligent Interrupt and Sleep Modes
ISL29029 RENESAS-ISL29029 Datasheet
825Kb / 16P
   Low Power Ambient Light and Proximity Sensor with Intelligent Interrupt and Sleep Modes
logo
Intersil Corporation
ISL29030IROZ-T7 INTERSIL-ISL29030IROZ-T7 Datasheet
538Kb / 17P
   Low Power Ambient Light and Proximity Sensor with Intelligent Interrupt and Sleep Modes - Analog and Digita Out
November 12, 2012
logo
Renesas Technology Corp
ISL29030 RENESAS-ISL29030 Datasheet
853Kb / 17P
   Low Power Ambient Light and Proximity Sensor with Intelligent Interrupt and Sleep Modes - Analog and Digital Out
ISL29030A RENESAS-ISL29030A Datasheet
824Kb / 16P
   Low Power Ambient Light and Proximity Sensor with Intelligent Interrupt and Sleep Modes - Analog and Digital Out
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com