Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL34340_0806 Datasheet(PDF) 6 Page - Intersil Corporation

Part # ISL34340_0806
Description  WSVGA 24-Bit Long-Reach Video SERDES with Bidirectional Side-Channel
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL34340_0806 Datasheet(HTML) 6 Page - Intersil Corporation

Back Button ISL34340_0806 Datasheet HTML 2Page - Intersil Corporation ISL34340_0806 Datasheet HTML 3Page - Intersil Corporation ISL34340_0806 Datasheet HTML 4Page - Intersil Corporation ISL34340_0806 Datasheet HTML 5Page - Intersil Corporation ISL34340_0806 Datasheet HTML 6Page - Intersil Corporation ISL34340_0806 Datasheet HTML 7Page - Intersil Corporation ISL34340_0806 Datasheet HTML 8Page - Intersil Corporation ISL34340_0806 Datasheet HTML 9Page - Intersil Corporation ISL34340_0806 Datasheet HTML 10Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
6
FN6255.1
June 23, 2008
49
VIDEO_TX
CMOS input for video flow direction
1: video serializer
0: video deserializer
29, 30
SDA, SCL
I2C Interface Pins (I2C DATA, I2C CLK)
31 to 34
I2CA[3:0]
I2C Device Address
16
RSTB/PDB
CMOS input for Reset and Power-down. For normal operation, this pin must be forced high. When
this pin is forced low, the device will be reset. If this pin stays low, the device will be in PD mode.
14
STATUS
CMOS output for Receiver Status:
1: Valid 8b/10b data received
0: otherwise
Note: serializer and deserializer switch roles during side-channel reverse traffic
36
REF_RES
Analog bias setting resistor connection; use 3.16k
Ω ±1% to ground
27
GND_P
PLL Ground
48, 64
GND_IO
Digital (Parallel and Control) Ground
44, 45
GND_CDR
Analog (Serial) Data Recovery Ground
39, 42
GND_TX
Analog (Serial) Output Ground
37
GND_AN
Analog Bias Ground
17, 18
GND_CR
Core Logic Ground
19, 20
VDD_CR
Core Logic VDD
43
VDD_TX
Analog (Serial) Output VDD
38
VDD_AN
Analog Bias VDD
46, 47
VDD_CDR
Analog (Serial) Data Recovery VDD
1, 50
VDD_IO
Digital (Parallel and Control) VDD
28
VDD_P
PLL VDD
15, 35
TEST_EN, TEST
Must be connected to ground
Exposed Pad
Exposed Pad
Must be connected to ground
NOTES:
3. Pins with the same name are internally connected together. However, this connection must NOT be used for connecting together external
components or features.
4. The various differently-named Ground pins are internally weakly connected. They must be tied together externally. The different names are
provided to assist in minimizing the current loops involved in bypassing the associated supply VDD pins. In particular, for ESD testing, they
should be considered a common connection.
Pin Descriptions (Continued)
PIN NUMBER
PIN NAME
DESCRIPTION
SERIALIZER
DESERIALIZER
ISL34340


Similar Part No. - ISL34340_0806

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL34340INZ INTERSIL-ISL34340INZ Datasheet
183Kb / 10P
   WSVGA 24-Bit Long-Reach Video Serdes with Bidirectional Side-Channel
logo
Renesas Technology Corp
ISL34340INZ RENESAS-ISL34340INZ Datasheet
609Kb / 11P
   WSVGA 24-Bit Long-Reach Video SERDES with Bidirectional Side-Channel
More results

Similar Description - ISL34340_0806

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL34340 RENESAS-ISL34340 Datasheet
609Kb / 11P
   WSVGA 24-Bit Long-Reach Video SERDES with Bidirectional Side-Channel
logo
Intersil Corporation
ISL34340 INTERSIL-ISL34340 Datasheet
183Kb / 10P
   WSVGA 24-Bit Long-Reach Video Serdes with Bidirectional Side-Channel
ISL34341 INTERSIL-ISL34341 Datasheet
190Kb / 11P
   WSVGA 24-Bit Long-Reach Video SERDES with Bi-directional Side-Channel
ISL34341INZ INTERSIL-ISL34341INZ Datasheet
369Kb / 11P
   WSVGA 24-Bit Long-Reach Video SERDES with Bi-directional Side-Channel
October 8, 2010
ISL34341 INTERSIL-ISL34341 Datasheet
371Kb / 11P
   WSVGA 24-Bit Long-Reach Video SERDES with Bi-directional Side-Channel
logo
Renesas Technology Corp
ISL34341 RENESAS-ISL34341 Datasheet
616Kb / 11P
   WSVGA 24-Bit Long-Reach Video SERDES with Bi-directional Side-Channel
logo
Intersil Corporation
ISL34321 INTERSIL-ISL34321 Datasheet
376Kb / 13P
   16-Bit Long-Reach Video SERDES with Bi-directional Side-Channel
logo
Renesas Technology Corp
ISL34321 RENESAS-ISL34321 Datasheet
659Kb / 13P
   16-Bit Long-Reach Video SERDES with Bi-directional Side-Channel
ISL76321 RENESAS-ISL76321 Datasheet
633Kb / 14P
   16-Bit Long-Reach Video Automotive Grade SERDES with Bi-directional Side-Channel
logo
Intersil Corporation
ISL76321 INTERSIL-ISL76321 Datasheet
514Kb / 14P
   16-Bit Long-Reach Video Automotive Grade SERDES with Bi-directional Side-Channel
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com