Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GL6EG26T Datasheet(PDF) 1 Page - Sharp Corporation

Part # GL6EG26T
Description  5.8zX4.6mm, Oval Type(with Tie-bar), Colored/Colorless Transparency, Wide Viewing Angle LED Lamps for Outdoor Use
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

GL6EG26T Datasheet(HTML) 1 Page - Sharp Corporation

  GL6EG26T Datasheet HTML 1Page - Sharp Corporation GL6EG26T Datasheet HTML 2Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
56
(Notice)
¡In the absence of confirmation by device specification sheets, SHARP takes no responsibility for any defects that may occur in equipment using any SHARP
devices shown in catalogs, data books, etc. Contact SHARP in order to obtain the latest device specification sheets before using any SHARP device.
(Internet) ¡Data for sharp's optoelectronic/power device is provided for internet.(Address http://www.sharp.co.jp/ecg/)
GL6EG26T/GL6EG27T
(Unit : mm)
(Ta=25˚C)
LED Lamp
GL6EG26T/GL6EG27T
s Outline Dimensions
1
2
Colored transparency
GL6EG26T
Colorless transparency
GL6EG27T
5.8
0.5
±0.1
4.6
0.5
±0.1
2.54NOM
Pin connections
1 Anode
2 Cathode
Unspecified tolerance:
±0.2
s Radiation Diagram
-50
0
80
40
20
0
60
-20˚
-10˚
-30˚
+20˚
+30˚
+10˚
+40˚
+60˚
+80˚
+90˚
+70˚
+50˚
-40˚
-60˚
-80˚
-90˚
-70˚
-50˚
100
DC
Pulse
GL6EG26T
GL6EG27T
Yellow-green GaP
84
30
0.40
0.67
260
50
5
Model No. Radiation color Radiation material
Power dissipation
P
(mW)
Forward current
IF
(mA)
Derating factor
(mA/˚C)
Peak forward current
IFM*1
(mA)
Operating temperature
Topr
(˚C)
Storage temperature
Tstg
(˚C)
Soldering temperature
Tsol*2
(˚C)
Reverse voltage
VR
(V)
(Ta=25˚C)
-25 to +85
-25 to +100
*1 Duty ratio=1/10, Pulse width=0.1ms
*2 5s or less(At the position of 1.6mm or more from the bottom face of resin package)
s Absolute Maximum Ratings
GL6EG26T
GL6EG27T
TYP
MAX
2.1
2.8
565
20
20
20
10
4
35
1
30
140
Model No.
Lens type
Forward voltage
VF(V)
λp(nm)
TYP
IV(mcd)
TYP
IF
(mA)
IF
(mA)
IF
(mA)
(MHZ)
VR
(V)
IR(
µA)
MAX
Ct(pF)
TYP
∆λ(nm)
TYP
Peak emission wavelength
Luminous intensity
Spectrum radiation bandwidth
Reverse current
Page for
characteristics
diagrams
Terminal capacitance
(Ta=25˚C)
Colored transparency
Colorless transparency
s Electro-optical Characteristics
5.8!4.6mm, Oval Type(with Tie-bar),
Colored/Colorless Transparency, Wide
Viewing Angle LED Lamps for Outdoor Use


Similar Part No. - GL6EG26T

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GL6EG26T ETC1-GL6EG26T Datasheet
1Mb / 11P
   HIGH-LUMINOSITY LED LAMP
More results

Similar Description - GL6EG26T

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
GL6UR26T SHARP-GL6UR26T Datasheet
104Kb / 3P
   5.8X4.6mm, Oval Type, Colored/Colorless Transparency, High-luminosity LED Lamps for Outdoor Use
LT9600CU SHARP-LT9600CU Datasheet
74Kb / 3P
   6.8 X 7.6mm, Oval Type(Flangeless), Colorless Transparency, High-luminosity, Wide Viewing Angle, Dichromatic Large LED Lamp for Outdoor Use
LT9560U SHARP-LT9560U Datasheet
274Kb / 6P
   첩10mm, Cylinder Type, Colorless Transparency, High-luminosity Large LED lamps for Outdoor Use
GL5UR2K SHARP-GL5UR2K Datasheet
47Kb / 2P
   첩5mm(T-1 3/4), Cylinder Type, Colored Transparency, High-luminosity LED Lamps for Outdoor Use
GL5UR44 SHARP-GL5UR44 Datasheet
71Kb / 3P
   첩5mm(T-1 3/4), Cylinder Type, Colorless Transparency, High-luminosity LED Lamps for Outdoor Use
GL5UR2K1 SHARP-GL5UR2K1 Datasheet
72Kb / 3P
   첩5mm(T-1 3/4), Cylinder Type, Colorless Transparency, High-luminosity LED Lamps for Outdoor Use
GL8HD5 SHARP-GL8HD5 Datasheet
91Kb / 4P
   2.9X4.9mm, Rectangle Type, Colored Transparency LED Lamps for Backlight/Indicator
GL8PR25 SHARP-GL8PR25 Datasheet
83Kb / 4P
   2.0X3.2mm, Rectangle Type, Colored Transparency LED Lamps for Backlight/Indicator
GL3PR43 SHARP-GL3PR43 Datasheet
82Kb / 4P
   첩3mmT-1, CylinderThin Type, Colored Transparency LED Lamps for Backlight
LT9550U SHARP-LT9550U Datasheet
61Kb / 3P
   첩7.5mm, Cylinder Type(Flangeless), Colorless Transparency, High-luminosity Large LED lamps for Indoor Use
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com