Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL28207FRTZ-T7A Datasheet(PDF) 6 Page - Intersil Corporation

Part # ISL28207FRTZ-T7A
Description  Precision Single, Dual and Quad Low Noise Operational Amplifiers
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL28207FRTZ-T7A Datasheet(HTML) 6 Page - Intersil Corporation

Back Button ISL28207FRTZ-T7A Datasheet HTML 2Page - Intersil Corporation ISL28207FRTZ-T7A Datasheet HTML 3Page - Intersil Corporation ISL28207FRTZ-T7A Datasheet HTML 4Page - Intersil Corporation ISL28207FRTZ-T7A Datasheet HTML 5Page - Intersil Corporation ISL28207FRTZ-T7A Datasheet HTML 6Page - Intersil Corporation ISL28207FRTZ-T7A Datasheet HTML 7Page - Intersil Corporation ISL28207FRTZ-T7A Datasheet HTML 8Page - Intersil Corporation ISL28207FRTZ-T7A Datasheet HTML 9Page - Intersil Corporation ISL28207FRTZ-T7A Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
6
FN6631.3
September 9, 2010
Absolute Maximum Ratings
Thermal Information
Maximum Supply Voltage . . . . . . . . . . . . . . . . . . . . . . 42V
Maximum Differential Input Current . . . . . . . . . . . . . 20mA
Maximum Differential Input Voltage . . . (V-) - 0.5V to (V+) + 0.5V
Min/Max Input Voltage . . . . . . . . (V-) - 0.5V to (V+) + 0.5V
Max/Min Input Current for Input Voltage >V+ or <V- . . . . ±20mA
Output Short-Circuit Duration (1 Output at a Time) . . . Indefinite
ESD Tolerance
Human Body Model . . . . . . . . . . . . . . . . . . . . . . . . 4.5kV
Machine Model . . . . . . . . . . . . . . . . . . . . . . . . . . . 500V
Charged Device Model . . . . . . . . . . . . . . . . . . . . . . 1.5kV
Thermal Resistance (Typical)
θJA (°C/W) θJC (°C/W)
8 Ld SOIC (ISL28107, Notes 4, 5) . . .
120
60
8 Ld SOIC (ISL28207, Notes 4, 5) . . .
105
50
8 Ld MSOP (ISL28107, Notes 4, 5) . .
155
50
8 Ld TDFN (ISL28107, Notes 6, 7) .
48
7
8 Ld TDFN (ISL28207, Notes 6, 7) .
43
2
14 Ld SOIC (ISL28407) . . . . . . . .
TBD
TBD
14 Ld TSSOP (ISL28407) . . . . . . .
TBD
TBD
16 Ld QFN (ISL28407) . . . . . . . . .
TBD
TBD
Storage Temperature Range . . . . . . . . . . . -65°C to +150°C
Pb-Free Reflow Profile. . . . . . . . . . . . . . . . . . see link below
http://www.intersil.com/pbfree/Pb-FreeReflow.asp
Operating Conditions
Ambient Operating Temperature Range. . . . -40°C to +125°C
Maximum Operating Junction Temperature . . . . . . . +150°C
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact
product reliability and result in failures not covered by warranty.
NOTES:
4. θJA is measured with the component mounted on a high effective thermal conductivity test board in free air. See Tech Brief
TB379 for details.
5. For θJC, the “case temp” location is taken at the package top center.
6. θJA is measured in free air with the component mounted on a high effective thermal conductivity test board with “direct attach”
features. See Tech Brief TB379.
7. For θJC, the “case temp” location is the center of the exposed metal pad on the package underside.
IMPORTANT NOTE: All parameters having Min/Max specifications are guaranteed. Typical values are for information purposes only. Unless
otherwise noted, all tests are at the specified temperature and are pulsed tests, therefore: TJ = TC = TA
Electrical Specifications VS ±15V, VCM = 0, VO = 0V, RL = Open, TA= +25°C, unless otherwise noted. Boldface limits
apply over the operating temperature range, -40°C to +125°C. Temperature data
established by characterization.
PARAMETER
DESCRIPTION
CONDITIONS
MIN
(Note 8)
TYP
MAX
(Note 8) UNIT
VOS
Offset Voltage Magnitude;
SOIC Package
-75
5
75
µV
-140
140
µV
Offset Voltage Magnitude;
MSOP Package
-100
5
100
µV
-180
180
µV
Offset Voltage Magnitude;
TDFN Package
ISL28107
-100
10
100
µV
-190
190
µV
ISL28207
-100
10
100
µV
-175
175
µV
TCVOS
Offset Voltage Drift; SOIC
Package
-0.65
0.1
0.65
µV/°C
Offset Voltage Drift; MSOP
Package
-0.85
0.1
0.85
µV/°C
Offset Voltage Drift; TDFN
Package
ISL28107
-0.9
0.1
0.9
µV/°C
ISL28207
-0.75
0.1
0.75
µV/°C
IB
Input Bias Current
TA = -40°C to +85°C
-300
15
300
pA
TA = -40°C to +125°C
-600
600
pA
ISL28107, ISL28207, ISL28407


Similar Part No. - ISL28207FRTZ-T7A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL28207FRTZ INTERSIL-ISL28207FRTZ Datasheet
1Mb / 32P
   Precision Single, Dual and Quad Low Noise Operational Amplifiers
ISL28207FRTZ INTERSIL-ISL28207FRTZ Datasheet
1Mb / 31P
   Precision Single, Dual and Quad Low Noise Operational Amplifiers
September 29, 2015
logo
Renesas Technology Corp
ISL28207FRTZ RENESAS-ISL28207FRTZ Datasheet
1Mb / 31P
   Precision Single, Dual and Quad Low Noise Operational Amplifiers
More results

Similar Description - ISL28207FRTZ-T7A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL28107FBZ INTERSIL-ISL28107FBZ Datasheet
1Mb / 31P
   Precision Single, Dual and Quad Low Noise Operational Amplifiers
September 29, 2015
ISL28107_1110 INTERSIL-ISL28107_1110 Datasheet
1Mb / 32P
   Precision Single, Dual and Quad Low Noise Operational Amplifiers
logo
Renesas Technology Corp
ISL28107 RENESAS-ISL28107 Datasheet
1Mb / 31P
   Precision Single, Dual and Quad Low Noise Operational Amplifiers
logo
Linear Technology
OP-270 LINER-OP-270 Datasheet
266Kb / 4P
   Dual/Quad Low Noise, Precision Operational Amplifiers???
logo
Intersil Corporation
ISL28107 INTERSIL-ISL28107_09 Datasheet
1Mb / 22P
   Precision Single and Dual Low Noise Operational Amplifiers
ISL28107 INTERSIL-ISL28107_10 Datasheet
1Mb / 23P
   Precision Single and Dual Low Noise Operational Amplifiers
ISL28127 INTERSIL-ISL28127_10 Datasheet
1Mb / 23P
   Precision Single and Dual Low Noise Operational Amplifiers
logo
Renesas Technology Corp
ISL28127 RENESAS-ISL28127 Datasheet
2Mb / 33P
   Precision Single and Dual Low Noise Operational Amplifiers
logo
Intersil Corporation
ISL28107 INTERSIL-ISL28107 Datasheet
957Kb / 12P
   Precision Single and Dual Low Noise Operational Amplifiers
ISL28127 INTERSIL-ISL28127 Datasheet
1Mb / 12P
   Precision Single and Dual Low Noise Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com