Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL54048 Datasheet(PDF) 2 Page - Intersil Corporation

Part # ISL54048
Description  Ultra Low ON-Resistance, 1.65V to 4.5V, Single Supply, Dual SPST Analog Switch
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL54048 Datasheet(HTML) 2 Page - Intersil Corporation

  ISL54048 Datasheet HTML 1Page - Intersil Corporation ISL54048 Datasheet HTML 2Page - Intersil Corporation ISL54048 Datasheet HTML 3Page - Intersil Corporation ISL54048 Datasheet HTML 4Page - Intersil Corporation ISL54048 Datasheet HTML 5Page - Intersil Corporation ISL54048 Datasheet HTML 6Page - Intersil Corporation ISL54048 Datasheet HTML 7Page - Intersil Corporation ISL54048 Datasheet HTML 8Page - Intersil Corporation ISL54048 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
FN6469.1
June 11, 2007
Pinouts (Note 1)
ISL54048
(10 LD
μTQFN)
TOP VIEW
ISL54049
(10 LD
μTQFN)
TOP VIEW
NOTE:
1. Switches Shown for Logic “0” Input.
V+
NO1
COM1
IN1
N.C.
NO2
COM2
IN2
N.C.
GND
1
2
3
4
5
10
9
8
7
6
V+
N.C.
COM1
IN1
NC1
N.C.
COM2
IN2
NC2
GND
1
2
3
4
5
10
9
8
7
6
Truth Table
LOGIC
ISL54048
ISL54049
0OFF
ON
1ON
OFF
NOTE:
Logic “0”
≤0.5V. Logic “1” ≥1.4V with a 3V supply.
Pin Descriptions
PIN
FUNCTION
V+
System Power Supply Input (+1.65V to +4.5V)
GND
Ground Connection
IN
Digital Control Input
COM
Analog Switch Common Pin
NOx
Analog Switch Normally Open Pin
NCx
Analog Switch Normally Closed Pin
NC
No Connect
ISL54048, ISL54049


Similar Part No. - ISL54048

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL54048 INTERSIL-ISL54048 Datasheet
326Kb / 12P
   Ultra Low ON-Resistance, 1.65V to 4.5V, Single Supply, Dual SPST Analog Switch
ISL54048 INTERSIL-ISL54048 Datasheet
9Mb / 44P
   Providing high-performance solutions for every link in the signal chain
logo
Renesas Technology Corp
ISL54048 RENESAS-ISL54048 Datasheet
591Kb / 12P
   Ultra Low ON-Resistance, 1.65V to 4.5V, Single Supply, Dual SPST Analog Switch
logo
Intersil Corporation
ISL54048IRUZ-T INTERSIL-ISL54048IRUZ-T Datasheet
326Kb / 12P
   Ultra Low ON-Resistance, 1.65V to 4.5V, Single Supply, Dual SPST Analog Switch
logo
Renesas Technology Corp
ISL54048IRUZ-T RENESAS-ISL54048IRUZ-T Datasheet
591Kb / 12P
   Ultra Low ON-Resistance, 1.65V to 4.5V, Single Supply, Dual SPST Analog Switch
More results

Similar Description - ISL54048

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL54048 INTERSIL-ISL54048 Datasheet
326Kb / 12P
   Ultra Low ON-Resistance, 1.65V to 4.5V, Single Supply, Dual SPST Analog Switch
logo
Renesas Technology Corp
ISL54048 RENESAS-ISL54048 Datasheet
591Kb / 12P
   Ultra Low ON-Resistance, 1.65V to 4.5V, Single Supply, Dual SPST Analog Switch
ISL54050 RENESAS-ISL54050 Datasheet
589Kb / 12P
   Ultra Low ON-Resistance, 1.65V to 4.5V, Single Supply, Dual SPDT Analog Switch
logo
Intersil Corporation
ISL54050IRUZ-T INTERSIL-ISL54050IRUZ-T Datasheet
290Kb / 12P
   Ultra Low ON-Resistance, 1.65V to 4.5V,Single Supply, Dual SPDT Analog Switch
November 22, 2008
ISL8484 INTERSIL-ISL8484_07 Datasheet
330Kb / 15P
   Ultra Low ON-Resistance, 1.65V to 4.5V, Single Supply, Dual SPDT Analog Switch
ISL54050_0706 INTERSIL-ISL54050_0706 Datasheet
290Kb / 12P
   Ultra Low ON-Resistance, 1.65V to 4.5V, Single Supply, Dual SPDT Analog Switch
ISL8484 INTERSIL-ISL8484_06 Datasheet
326Kb / 13P
   Ultra Low ON-Resistance, 1.65V to 4.5V, Single Supply, Dual SPDT Analog Switch
ISL8484 INTERSIL-ISL8484 Datasheet
323Kb / 13P
   Ultra Low ON-Resistance, 1.65V to 4.5V, Single Supply, Dual SPDT Analog Switch
ISL8484IR INTERSIL-ISL8484IR Datasheet
320Kb / 13P
   Ultra Low ON-Resistance, 1.65V to 4.5V, Single Supply, Dual SPDT Analog Switch
May 12, 2008
ISL54050 INTERSIL-ISL54050 Datasheet
292Kb / 12P
   Ultra Low ON-Resistance, 1.65V to 4.5V, Single Supply, Dual SPDT Analog Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com