Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL31485EIBZ Datasheet(PDF) 2 Page - Intersil Corporation

Part # ISL31485EIBZ
Description  Fault Protected, Extended CMR, RS-485/RS-422 Transceivers with Cable Invert
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL31485EIBZ Datasheet(HTML) 2 Page - Intersil Corporation

  ISL31485EIBZ Datasheet HTML 1Page - Intersil Corporation ISL31485EIBZ Datasheet HTML 2Page - Intersil Corporation ISL31485EIBZ Datasheet HTML 3Page - Intersil Corporation ISL31485EIBZ Datasheet HTML 4Page - Intersil Corporation ISL31485EIBZ Datasheet HTML 5Page - Intersil Corporation ISL31485EIBZ Datasheet HTML 6Page - Intersil Corporation ISL31485EIBZ Datasheet HTML 7Page - Intersil Corporation ISL31485EIBZ Datasheet HTML 8Page - Intersil Corporation ISL31485EIBZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
ISL31480E, ISL31483E, ISL31485E, ISL31486E
2
FN7638.2
TABLE 1. SUMMARY OF FEATURES
PART
NUMBER
HALF/FULL
DUPLEX
DATA RATE
(Mbps)
SLEW-RATE
LIMITED?
EN
PINS?
HOT
PLUG
VL PIN?
POLARITY
REVERSAL
PINS?
QUIESCENT ICC
(mA)
LOW
POWER
SHDN?
PIN COUNT
Coming Soon
ISL31480E
Half
1
Yes
Yes
Yes
Yes
No
2.3
Yes
10
ISL31483E
Full
1
Yes
Yes
Yes
No
Yes
2.3
Yes
14
ISL31485E
Half
1
Yes
Tx Only
Yes
No
Yes
2.3
No
8
Coming Soon
ISL31486E
Half
1
Yes
Yes
Yes
Yes
Yes
2.3
Yes
10, 12, 14
Ordering Information
PART NUMBER
(Notes 1, 2, 3)
PART
MARKING
TEMP. RANGE
(°C)
PACKAGE
(Pb-Free)
PKG.
DWG. #
Coming Soon
ISL31480EIRTZ
480E
-40 to +85
10 Ld TDFN
L10.3x3A
Coming Soon
ISL31480EIUZ
1480E
-40 to +85
10 Ld MSOP
M10.118
ISL31483EIBZ
ISL31483 EIBZ
-40 to +85
14 Ld SOIC
M14.15
ISL31485EIBZ
31485 EIBZ
-40 to +85
8 Ld SOIC
M8.15
Coming Soon
ISL31486EIBZ
ISL31486 EIBZ
-40 to +85
14 Ld SOIC
M14.15
Coming Soon
ISL31486EIRTZ
486E
-40 to +85
12 Ld TDFN
L12.4x3A
Coming Soon
ISL31486EIUZ
1486E
-40 to +85
10 Ld MSOP
M10.118
NOTES:
1. Add “-T*” suffix for tape and reel. Please refer to TB347 for details on reel specifications.
2. These Intersil Pb-free plastic packaged products employ special Pb-free material sets, molding compounds/die attach materials, and 100% matte
tin plate plus anneal (e3 termination finish, which is RoHS compliant and compatible with both SnPb and Pb-free soldering operations). Intersil Pb-
free products are MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.
3. For Moisture Sensitivity Level (MSL), please see device information page for ISL31480E, ISL31483E, ISL31485E, and ISL31486E. For more
information on MSL please see techbrief TB363.


Similar Part No. - ISL31485EIBZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL31485EIBZ INTERSIL-ISL31485EIBZ Datasheet
793Kb / 24P
   Fault Protected, Extended CMR, RS-485/RS-422 Transceivers with Cable Invert
logo
Renesas Technology Corp
ISL31485EIBZ RENESAS-ISL31485EIBZ Datasheet
1Mb / 18P
   Fault Protected, Extended CMR, RS-485/RS-422 Transceivers with Cable Invert
More results

Similar Description - ISL31485EIBZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL31480E INTERSIL-ISL31480E_10 Datasheet
793Kb / 24P
   Fault Protected, Extended CMR, RS-485/RS-422 Transceivers with Cable Invert
logo
Renesas Technology Corp
ISL31483E RENESAS-ISL31483E Datasheet
1Mb / 18P
   Fault Protected, Extended CMR, RS-485/RS-422 Transceivers with Cable Invert
logo
Intersil Corporation
ISL32483E INTERSIL-ISL32483E Datasheet
838Kb / 17P
   Fault Protected, Extended CMR, RS-485/RS-422 Transceivers
logo
Renesas Technology Corp
ISL32483E RENESAS-ISL32483E Datasheet
983Kb / 17P
   Fault Protected, Extended CMR, RS-485/RS-422 Transceivers with Cable Invert and 짹16.5kV ESD
logo
Intersil Corporation
ISL32490E INTERSIL-ISL32490E Datasheet
1Mb / 21P
   짹60V Fault Protected, 5V, RS-485/RS-422 Transceivers with 짹25V CMR
ISL32470E INTERSIL-ISL32470E Datasheet
1Mb / 19P
   Fault Protected, Extended Common Mode Range, RS-485/RS-422 Transceivers
ISL31470E INTERSIL-ISL31470E_10 Datasheet
570Kb / 21P
   Fault Protected, Extended Common Mode Range, RS-485/RS-422 Transceivers
logo
Renesas Technology Corp
ISL31470E RENESAS-ISL31470E Datasheet
1Mb / 21P
   Fault Protected, Extended Common Mode Range, RS-485/RS-422 Transceivers
ISL32470E RENESAS-ISL32470E Datasheet
1Mb / 19P
   Fault Protected, Extended Common Mode Range, RS-485/RS-422 Transceivers with 짹16.5kV ESD
logo
Intersil Corporation
ISL32496EIUZ INTERSIL-ISL32496EIUZ Datasheet
1Mb / 22P
   짹60V Fault Protected, 5V, RS-485/RS-422 Transceivers with 짹25V CMR and ESD Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com