Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ESD5V0M5 Datasheet(PDF) 1 Page - Micro Commercial Components

Part # ESD5V0M5
Description  5 Volts ESD Protection Device
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

ESD5V0M5 Datasheet(HTML) 1 Page - Micro Commercial Components

  ESD5V0M5 Datasheet HTML 1Page - Micro Commercial Components ESD5V0M5 Datasheet HTML 2Page - Micro Commercial Components ESD5V0M5 Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Micro Commercial Components
20736 Marilla Street Chatsworth
CA 91311
Phone: (818) 701-4933
Fax:
(818) 701-4939
ESD5V0M5
5 Volts
ESD Protection
Features
For sensitive ESD protection
Excellent clamping capability
Low leakage
ESD rating of class 3(>16KV)per Human Body Mode
For space saving application
Fast response ,response time less than 1ns.
Maximum Ratings
Operating Junction &StorageTemperature: -55
°C to +150°C
Maximum Thermal Resistance; 833
°C/W Junction To Ambient
Parameter
Symbol
Limits
unit
IEC61000-4-2(ESD)
Air
Contact
±15
±15
KV
ESD Voltage per human body mode
16
KV
Power Dissipation(Note 1)
Pd
150
mw
Peak Power Dissipation@8/20us
Ppk
100
W
PinConfiguration
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.006
.011
0.15
0.30
B
.043
.049
1.10
1.25
C
.061
.067
1.55
1.70
D
.020
0.50
G
.035
.043
0.90
1.10
H
.059
.067
1.50
1.70
K
.022
.023
0.56
0.60
L
.004
.011
0.10
0.30
M
.004
.007
0.10
0.18
SOT-563
A
M
L
B C
H
K
G
D
MCC
TM
Micro Commercial Components
www.mccsemi.com
1 of 3
1. Only 1 diode under power. For all 5 diodes under power,
PD will be 20%. Mounted on FR--4 board with min pad.
Device
Revision: A
2011/01/01
Epoxy meets UL 94 V-0 flammability rating
Moisture Sensitivity Level 1


Similar Part No. - ESD5V0M5

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
ESD5V0M5 MCC-ESD5V0M5 Datasheet
188Kb / 3P
   5 Volts ESD Protection Device
ESD5V0M5-TP MCC-ESD5V0M5-TP Datasheet
188Kb / 3P
   5 Volts ESD Protection Device
More results

Similar Description - ESD5V0M5

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
ESD5V0K5 MCC-ESD5V0K5_11 Datasheet
408Kb / 3P
   5 Volts ESD Protection Device
SRV05-4 MCC-SRV05-4 Datasheet
183Kb / 3P
   5 Volts ESD Protection Device
SRV05-4L MCC-SRV05-4L Datasheet
210Kb / 3P
   5 Volts ESD Protection Device
ESD5V0K5 MCC-ESD5V0K5 Datasheet
335Kb / 3P
   5 Volts ESD Protection Device
ESD5V0M5 MCC-ESD5V0M5 Datasheet
188Kb / 3P
   5 Volts ESD Protection Device
ESDLC5V0L4 MCC-ESDLC5V0L4 Datasheet
477Kb / 3P
   5 Volts ESD Protection Device Excellent clamping capability
SRV05-4L MCC-SRV05-4L_13 Datasheet
272Kb / 3P
   5 Volts ESD Protection Device Low clamping voltage
ESD12VK4 MCC-ESD12VK4 Datasheet
465Kb / 4P
   12 Volts ESD Protection Device
ESD5V0J4 MCC-ESD5V0J4 Datasheet
219Kb / 4P
   5 Volts ESD Protection Devices
ESD5V0L4 MCC-ESD5V0L4 Datasheet
250Kb / 4P
   5 Volts ESD Protection Devices
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com