Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC5876 Datasheet(PDF) 4 Page - Rohm

Part # 2SC5876
Description  Medium power transistor (60V, 0.5A)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

2SC5876 Datasheet(HTML) 4 Page - Rohm

  2SC5876 Datasheet HTML 1Page - Rohm 2SC5876 Datasheet HTML 2Page - Rohm 2SC5876 Datasheet HTML 3Page - Rohm 2SC5876 Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
R1120A
www.rohm.com
© 2011 ROHM Co., Ltd. All rights reserved.
Notice
ROHM Customer Support System
http://www.rohm.com/contact/
Thank you for your accessing to ROHM product informations.
More detail product informations and catalogs are available, please contact us.
N o t e s


Similar Part No. - 2SC5876

ManufacturerPart #DatasheetDescription
logo
Rohm
2SC5876 ROHM-2SC5876 Datasheet
44Kb / 4P
   Medium power transistor (60V, 0.5A)
2SC5876 ROHM-2SC5876 Datasheet
68Kb / 4P
   Medium power transistor (60V, 0.5A)
2SC5876 ROHM-2SC5876 Datasheet
934Kb / 4P
   Medium power transistor (60V, 0.5A)
2SC5876T106Q ROHM-2SC5876T106Q Datasheet
305Kb / 4P
   Medium power transistor (60V, 0.5A)
2SC5876T106R ROHM-2SC5876T106R Datasheet
934Kb / 4P
   Medium power transistor (60V, 0.5A)
More results

Similar Description - 2SC5876

ManufacturerPart #DatasheetDescription
logo
Rohm
2SC5868 ROHM-2SC5868_11 Datasheet
935Kb / 4P
   Medium power transistor (60V, 0.5A)
2SA2088 ROHM-2SA2088_11 Datasheet
934Kb / 4P
   Medium power transistor (-60V, -0.5A)
2SA2090 ROHM-2SA2090_11 Datasheet
942Kb / 4P
   Medium power transistor (-60V, -0.5A)
2SA2088 ROHM-2SA2088 Datasheet
97Kb / 4P
   Medium power transistor (-60V, -0.5A)
2SC5876 ROHM-2SC5876_1 Datasheet
68Kb / 4P
   Medium power transistor (60V, 0.5A)
2SA2088U3 ROHM-2SA2088U3 Datasheet
1Mb / 10P
   Medium power transistor (-60V, -0.5A)
2SC5876T106R ROHM-2SC5876T106R Datasheet
934Kb / 4P
   Medium power transistor (60V, 0.5A)
2SA2089S ROHM-2SA2089S Datasheet
97Kb / 4P
   Medium power transistor (-60V, -0.5A)
2SC5876 ROHM-2SC5876 Datasheet
44Kb / 4P
   Medium power transistor (60V, 0.5A)
2SC5868 ROHM-2SC5868 Datasheet
59Kb / 4P
   Medium power transistor (60V, 0.5A)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com