Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL54206AEVAL1Z Datasheet(PDF) 6 Page - Intersil Corporation

Part # ISL54206AEVAL1Z
Description  MP3/USB 2.0 High Speed Switch with Negative Signal Handling
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL54206AEVAL1Z Datasheet(HTML) 6 Page - Intersil Corporation

Back Button ISL54206AEVAL1Z Datasheet HTML 2Page - Intersil Corporation ISL54206AEVAL1Z Datasheet HTML 3Page - Intersil Corporation ISL54206AEVAL1Z Datasheet HTML 4Page - Intersil Corporation ISL54206AEVAL1Z Datasheet HTML 5Page - Intersil Corporation ISL54206AEVAL1Z Datasheet HTML 6Page - Intersil Corporation ISL54206AEVAL1Z Datasheet HTML 7Page - Intersil Corporation ISL54206AEVAL1Z Datasheet HTML 8Page - Intersil Corporation ISL54206AEVAL1Z Datasheet HTML 9Page - Intersil Corporation ISL54206AEVAL1Z Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
ISL54206A
6
FN6515.3
October 28, 2010
L/R OFF Capacitance,
CLOFF, CROFF
f = 1MHz, VDD = 3.3V, IN = 0V, CTRL = 0V or
3.3V, VL or VR = VCOMx = 0V, (See Figure 5)
25
-
9
-
pF
COM ON Capacitance,
CCOM-(ON), CCOM+(ON)
f = 1MHz, VDD = 3.3V, IN = 3.0V, CTRL = 0V or
3.3V, VD- or VD+ = VCOMx = 0V, (See Figure 5)
25
-
10
-
pF
POWER SUPPLY CHARACTERISTICS
Power Supply Range, VDD
Full
2.5
-
5.5
V
Positive Supply Current,
IDD
VDD = 3.6V, IN = 0V or 3.6V, CTRL = 3.6V
25
-
6
8
µA
Full
-
-
10
µA
Positive Supply Current,
IDD
VDD = 4.2V, IN = 0V or 4.2V, CTRL = 4.2V
25
-
6
-
µA
Positive Supply Current,
IDD
VDD = 5.0V, IN = 0V or 5.0V, CTRL = 5.0V
25
-
8
-
µA
Positive Supply Current,
IDD (Low Power State)
VDD = 3.6V, IN = 0V, CTRL = 0V or float
25
-
4
25
nA
Full
-
150
-
nA
DIGITAL INPUT CHARACTERISTICS
Voltage Low, VINL, VCTRLL VDD = 2.7V to 3.6V
Full
-
-
0.5
V
Voltage High, VINH,
VCTRLH
VDD = 2.7V to 3.6V
Full
1.4
--
V
Input Current, IINL, ICTRLL VDD = 3.6V, IN = 0V, CTRL = 0V
Full
-50
20
50
nA
Input Current, IINH
VDD = 3.6V, IN = 3.6V, CTRL = 0V
Full
-50
20
50
nA
Input Current, ICTRLH
VDD = 3.6V, IN = 0V, CTRL = 3.6V
Full
-2
1.1
2
µA
CTRL Pull-Down Resistor,
RCTRL
VDD = 3.6V, IN = 0V, CTRL = 3.6V
Full
-
4
-
NOTES:
11. VLOGIC = Input voltage to perform proper function.
12. The algebraic convention, whereby the most negative value is a minimum and the most positive a maximum, is used in this data
sheet.
13. Flatness is defined as the difference between maximum and minimum value of ON-resistance over the specified analog signal
range.
14. RON matching between channels is calculated by subtracting the channel with the highest max rON value from the channel with
lowest max RON value, between L and R or between D+ and D-.
15. Parameters with MIN and/or MAX limits are 100% tested at +25°C, unless otherwise specified. Temperature limits established
by characterization and are not production tested.
Electrical Specifications - 2.7V to 3.6V Supply Test Conditions: VDD = +3.3V, GND = 0V, VINH = 1.4V,
VINL = 0.5V, VCTRLH = 1.4V, VCTRLL = 0.5V, (Note 11), unless
otherwise specified. Boldface limits apply over the operating
temperature range, -40°C to +85°C. (Continued)
PARAMETER
TEST CONDITIONS
TEMP
(°C)
MIN
(Notes 12, 15) TYP
MAX
(Notes 12, 15) UNITS


Similar Part No. - ISL54206AEVAL1Z

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL54206AEVAL1Z INTERSIL-ISL54206AEVAL1Z Datasheet
1Mb / 19P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
logo
Renesas Technology Corp
ISL54206AEVAL1Z RENESAS-ISL54206AEVAL1Z Datasheet
1Mb / 20P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
More results

Similar Description - ISL54206AEVAL1Z

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL54206 INTERSIL-ISL54206 Datasheet
342Kb / 13P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
ISL54206A INTERSIL-ISL54206A Datasheet
1Mb / 19P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
logo
Renesas Technology Corp
ISL54205B RENESAS-ISL54205B Datasheet
1Mb / 16P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
logo
Intersil Corporation
ISL54206A INTERSIL-ISL54206A Datasheet
1Mb / 19P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
ISL54205B INTERSIL-ISL54205B Datasheet
706Kb / 16P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
ISL54212 INTERSIL-ISL54212 Datasheet
1Mb / 15P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
logo
Renesas Technology Corp
ISL54206 RENESAS-ISL54206 Datasheet
751Kb / 13P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
ISL54206A RENESAS-ISL54206A Datasheet
1Mb / 20P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
ISL54212 RENESAS-ISL54212 Datasheet
1Mb / 15P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
logo
Intersil Corporation
ISL54205A INTERSIL-ISL54205A Datasheet
357Kb / 14P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com