Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL54222AIRUEVAL1Z Datasheet(PDF) 6 Page - Intersil Corporation

Part # ISL54222AIRUEVAL1Z
Description  High-Speed USB 2.0 (480Mbps) Multiplexer
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL54222AIRUEVAL1Z Datasheet(HTML) 6 Page - Intersil Corporation

Back Button ISL54222AIRUEVAL1Z Datasheet HTML 2Page - Intersil Corporation ISL54222AIRUEVAL1Z Datasheet HTML 3Page - Intersil Corporation ISL54222AIRUEVAL1Z Datasheet HTML 4Page - Intersil Corporation ISL54222AIRUEVAL1Z Datasheet HTML 5Page - Intersil Corporation ISL54222AIRUEVAL1Z Datasheet HTML 6Page - Intersil Corporation ISL54222AIRUEVAL1Z Datasheet HTML 7Page - Intersil Corporation ISL54222AIRUEVAL1Z Datasheet HTML 8Page - Intersil Corporation ISL54222AIRUEVAL1Z Datasheet HTML 9Page - Intersil Corporation ISL54222AIRUEVAL1Z Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
6
FN6902.1
February 4, 2010
Positive Supply Current, IDD VDD = 1.8V, SEL = 0V, OE = 0V
25
-
5.8
7.8
µA
Full
-
-
8.3
µA
Positive Supply Current, IDD
(Low Power State)
VDD = 1.8V, SEL = 0V, OE = VDD
25
-
0.12
0.3
µA
Full
-
-
1
µA
DIGITAL INPUT CHARACTERISTICS
Input Voltage Low, VSELL,
VOEL
VDD = 1.8V to 3.3V
Full
-
-
0.5
V
Input Voltage High, VSELH,
VOEH
VDD = 1.8V to 3.3V
Full
1.4
-
VDD
V
Input Current, ISELL, IOEL
VDD = 3.3V, SEL = 0V, OE = 0V
Full
-
170
-
nA
Input Current, ISELH
VDD = 3.3V, SEL = 3.3V
Full
-
-1.4
-
nA
Input Current, IOEH
VDD = 3.3V, OE = 3.3V
Full
-
-1.4
-
nA
NOTES:
11. VLOGIC = Input voltage to perform proper function.
12. The algebraic convention, whereby the most negative value is a minimum and the most positive a maximum, is used in this
data sheet.
13. Parameters with MIN and/or MAX limits are 100% tested at +25°C, unless otherwise specified. Temperature limits established
by characterization and are not production tested.
14. Flatness is defined as the difference between maximum and minimum value of ON-resistance over the specified analog signal
range.
15. rON matching between channels is calculated by subtracting the channel with the highest max rON value from the channel
with lowest max rON value, between HSD2+ and HSD2- or between HSD1+ and HSD1-.
16. Limits established by characterization and are not production tested.
Electrical Specifications - 1.8V to 3.3V Supply
Test Conditions: VDD = +3.3V, GND = 0V, VSELH = 1.4V, VSELL = 0.5V,
VOEH =1.4V, VOEL = 0.5V, (Note 11), Unless Otherwise Specified.
Boldface limits apply over the operating temperature range,
-40°C to +85°C. (Continued)
PARAMETER
TEST CONDITIONS
TEMP
(°C)
MIN
(Notes 12, 13) TYP
MAX
(Notes 12, 13) UNITS
Test Circuits and Waveforms
Logic input waveform is inverted for switches that have the
opposite logic sense.
FIGURE 1A. MEASUREMENT POINTS
Repeat test for all switches. CL includes fixture and stray
capacitance.
FIGURE 1B. TEST CIRCUIT
FIGURE 1. SWITCHING TIMES
50%
tr < 20ns
tf < 20ns
tOFF
90%
VDD
0V
VINPUT
0V
tON
LOGIC
INPUT
SWITCH
INPUT
SWITCH
OUTPUT
90%
VOUT
V
OUT
V
(INPUT)
R
L
R
L
r
ON
+
------------------------
=
SWITCH
INPUT
VIN
VOUT
RL
CL
Dx
HSDxx
SEL
500
Ω
50pF
GND
VDD
C
OE
VINPUT
ISL54222A


Similar Part No. - ISL54222AIRUEVAL1Z

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL54222AIRUEVAL1Z INTERSIL-ISL54222AIRUEVAL1Z Datasheet
891Kb / 17P
   High-Speed USB 2.0 (480Mbps) Multiplexer
logo
Renesas Technology Corp
ISL54222AIRUEVAL1Z RENESAS-ISL54222AIRUEVAL1Z Datasheet
1Mb / 19P
   High-Speed USB 2.0 (480Mbps) Multiplexer
More results

Similar Description - ISL54222AIRUEVAL1Z

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL54220 RENESAS-ISL54220 Datasheet
1Mb / 18P
   High-Speed USB 2.0 (480Mbps) Multiplexer
ISL54223 RENESAS-ISL54223 Datasheet
1Mb / 13P
   High-Speed USB 2.0 (480Mbps) Multiplexer
May 27, 2009
logo
Intersil Corporation
ISL54222 INTERSIL-ISL54222 Datasheet
850Kb / 15P
   High-Speed USB 2.0 (480Mbps) Multiplexer
ISL54223 INTERSIL-ISL54223 Datasheet
780Kb / 13P
   High-Speed USB 2.0 (480Mbps) Multiplexer
ISL54220 INTERSIL-ISL54220 Datasheet
808Kb / 15P
   High-Speed USB 2.0 (480Mbps) Multiplexer
ISL54221 INTERSIL-ISL54221 Datasheet
741Kb / 13P
   High-Speed USB 2.0 (480Mbps) Multiplexer
logo
Renesas Technology Corp
ISL54221 RENESAS-ISL54221 Datasheet
1Mb / 13P
   High-Speed USB 2.0 (480Mbps) Multiplexer
logo
Intersil Corporation
ISL54220 INTERSIL-ISL54220 Datasheet
841Kb / 18P
   High-Speed USB 2.0 480Mbps Multiplexer
ISL54222 INTERSIL-ISL54222_09 Datasheet
856Kb / 15P
   High-Speed USB 2.0 (480Mbps) Multiplexer
ISL54222A INTERSIL-ISL54222A Datasheet
891Kb / 17P
   High-Speed USB 2.0 (480Mbps) Multiplexer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com