Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL76683_1103 Datasheet(PDF) 4 Page - Intersil Corporation

Part # ISL76683_1103
Description  Light-to-Digital Output Sensor
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL76683_1103 Datasheet(HTML) 4 Page - Intersil Corporation

  ISL76683_1103 Datasheet HTML 1Page - Intersil Corporation ISL76683_1103 Datasheet HTML 2Page - Intersil Corporation ISL76683_1103 Datasheet HTML 3Page - Intersil Corporation ISL76683_1103 Datasheet HTML 4Page - Intersil Corporation ISL76683_1103 Datasheet HTML 5Page - Intersil Corporation ISL76683_1103 Datasheet HTML 6Page - Intersil Corporation ISL76683_1103 Datasheet HTML 7Page - Intersil Corporation ISL76683_1103 Datasheet HTML 8Page - Intersil Corporation ISL76683_1103 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
ISL76683
4
FN7697.2
March 17, 2011
ISDA
SDA Current Sinking Capability
3
5
mA
IINT
INT Current Sinking Capability
3
5
mA
NOTES:
6. Compliance to datasheet limits is assured by one or more methods: production test, characterization and/or design.
7. Fluorescent light is substituted by a white LED during production.
8. The voltage threshold levels of the SDA and SCL pins are VDD dependent: VTL = 0.35*VDD. VTH = 0.65*VDD.
Typical Performance Curves (R
EXT = 100kΩ)
FIGURE 2. SPECTRAL RESPONSE
FIGURE 3. RADIATION PATTERN
FIGURE 4. SUPPLY CURRENT vs SUPPLY VOLTAGE
FIGURE 5. OUTPUT CODE FOR 0 LUX vs SUPPLY VOLTAGE
Electrical Specifications VDD = 3V, TA = +25°C, REXT = 100kΩ 1% tolerance, unless otherwise specified, Internal Timing Mode
Operation (see “Principles of Operation” on page 6). (Continued)
PARAMETER
DESCRIPTION
CONDITION
MIN
(Note 6)
TYP
MAX
(Note 6)
UNIT
0
10
20
30
40
50
60
70
80
90
100
300
400
500
600
700
800
900
1k
WAVELENGTH (nm)
ISL76683 D1
ISL76683 D2
RADIATION PATTERN
LUMINOSITY
ANGLE
RELATIVE SENSITIVITY
90º
80º
70º
60º
50º
40º
30º
20º
10º
90º
80º
70º
60º
50º
40º
30º
20º
10º
0.2
0.4
0.6
0.8
1.0
2.0
2.3
2.6
2.9
3.2
3.5
3.8
320
306
292
278
264
250
SUPPLY VOLTAGE (V)
TA = +27°C
COMMAND = 00H
5000 lux
200 lux
2.0
2.3
2.6
2.9
3.2
3.5
3.8
10
8
6
4
2
0
SUPPLY VOLTAGE (V)
TA = +27°C
COMMAND = 00H
0 lux
RANGE 2


Similar Part No. - ISL76683_1103

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL76683AROZ-T7 INTERSIL-ISL76683AROZ-T7 Datasheet
594Kb / 17P
   Light-to-Digital Output Sensor with Gain Selection, Interrupt Function
ISL76683AROZ-T7 INTERSIL-ISL76683AROZ-T7 Datasheet
480Kb / 17P
   Light-to-Digital Output Sensor with Gain Selection,Interrupt Function and I2C Interface
March 24, 2014
logo
Renesas Technology Corp
ISL76683AROZ-T7 RENESAS-ISL76683AROZ-T7 Datasheet
850Kb / 18P
   Light-to-Digital Output Sensor with Gain Selection, Interrupt Function and I2C Interface
ISL76683AROZ-T7 RENESAS-ISL76683AROZ-T7 Datasheet
950Kb / 11P
   Light-to-Digital Output Sensor with Gain Selection, Interrupt Function and
May 21, 2021
logo
Intersil Corporation
ISL76683AROZ-T7A INTERSIL-ISL76683AROZ-T7A Datasheet
480Kb / 17P
   Light-to-Digital Output Sensor with Gain Selection,Interrupt Function and I2C Interface
March 24, 2014
More results

Similar Description - ISL76683_1103

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
KOE1023A KODENSHI-KOE1023A Datasheet
169Kb / 3P
   Digital Output Ambient Light Sensor
logo
Intersil Corporation
ISL29001 INTERSIL-ISL29001 Datasheet
227Kb / 11P
   Light-to-Digital Sensor
logo
Texas Instruments
OPT3002 TI1-OPT3002 Datasheet
331Kb / 8P
[Old version datasheet]   Light-to-Digital Sensor
logo
Intersil Corporation
ISL29001IROZ-T7 INTERSIL-ISL29001IROZ-T7 Datasheet
278Kb / 11P
   Light-to-Digital Sensor
ISL29001
logo
ams AG
TSL2540 AMSCO-TSL2540 Datasheet
540Kb / 37P
   ALS, Light-to-Digital Sensor
TSL2541 AMSCO-TSL2541 Datasheet
716Kb / 38P
   ALS, Light-to-Digital Sensor
2018-Jan-23
logo
Intersil Corporation
ISL29002 INTERSIL-ISL29002 Datasheet
196Kb / 10P
   Light-to-Digital I2C Sensor
logo
ams AG
TSL2540 AMSCO-TSL2540_V01 Datasheet
552Kb / 37P
   ALS, Light-to-Digital Sensor
2019-Mar-20
logo
Intersil Corporation
ISL76683 INTERSIL-ISL76683 Datasheet
594Kb / 17P
   Light-to-Digital Output Sensor with Gain Selection, Interrupt Function
logo
Renesas Technology Corp
ISL76683 RENESAS-ISL76683_V01 Datasheet
950Kb / 11P
   Light-to-Digital Output Sensor with Gain Selection, Interrupt Function and
May 21, 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com