Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL78010ANZ Datasheet(PDF) 11 Page - Intersil Corporation

Part # ISL78010ANZ
Description  Automotive Grade TFT-LCD Power Supply
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL78010ANZ Datasheet(HTML) 11 Page - Intersil Corporation

Back Button ISL78010ANZ Datasheet HTML 7Page - Intersil Corporation ISL78010ANZ Datasheet HTML 8Page - Intersil Corporation ISL78010ANZ Datasheet HTML 9Page - Intersil Corporation ISL78010ANZ Datasheet HTML 10Page - Intersil Corporation ISL78010ANZ Datasheet HTML 11Page - Intersil Corporation ISL78010ANZ Datasheet HTML 12Page - Intersil Corporation ISL78010ANZ Datasheet HTML 13Page - Intersil Corporation ISL78010ANZ Datasheet HTML 14Page - Intersil Corporation ISL78010ANZ Datasheet HTML 15Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
11
FN6501.1
May 3, 2011
Table 2 gives typical values (margins are considered 10%,
3%, 20%, 10%, and 15%) on VIN, VO, L, fS, and IOMAX.
Input Capacitor
An input capacitor is used to supply the peak charging
current to the converter. It is recommended that CIN be
larger than 10µF. The reflected ripple voltage will be smaller
with larger CIN. The voltage rating of the input capacitor
should be larger than the maximum input voltage.
Boost Inductor
The boost inductor is a critical part which influences the
output voltage ripple, transient response, and efficiency.
Values of 3.3µH to 10µH are to match the internal slope
compensation. The inductor must be able to handle the
following average (Equation 5) and peak (Equation 6)
current:
Rectifier Diode
A high-speed diode is necessary due to the high switching
frequency. Schottky diodes are recommended because of
their fast recovery time and low forward voltage. The rectifier
diode must meet the output current and peak inductor
current requirements.
Output Capacitor
The output capacitor supplies the load directly and reduces
the ripple voltage at the output. Output ripple voltage
consists of two components: the voltage drop due to the
inductor ripple current flowing through the ESR of output
capacitor, and the charging and discharging of the output
capacitor (Equation 7).
For low ESR ceramic capacitors, the output ripple is
dominated by the charging and discharging of the output
capacitor. The voltage rating of the output capacitor should
be greater than the maximum output voltage.
NOTE: Capacitors have a voltage coefficient that makes their
effective capacitance drop as the voltage across them increases.
COUT in Equation 7 assumes the effective value of the capacitor at a
particular voltage and not the manufacturer’s stated value, measured
at zero volts.
Compensation
The ISL78010 can operate in either P-mode or PI-mode.
P-mode may be preferred in applications where excellent
transient load performance is required but regulation is not
critical. Connecting the CINT pin directly to VIN will enable
P-mode; for better load regulation, use PI-mode with a 4.7nF
capacitor in series with a 10k resistor between CINT and
ground. This value may be reduced to improve transient
performance; however, very low values will reduce loop
stability. Figures 5 through 10 show a comparison of P-mode
vs PI-mode performance.
Boost Feedback Resistors
As the boost output voltage, AVDD, is reduced below 12V,
the effective voltage feedback in the IC increases the ratio of
voltage to current feedback at the summing comparator
because R2 decreases relative to R1. To maintain stable
operation over the complete current range of the IC, the
voltage feedback to the FBB pin should be reduced
proportionally, as AVDD is reduced. This can be
accomplished by means of a series resistor-capacitor
network (R7 and C7; Equations 8 and 9) in parallel with R1,
with a pole frequency (fp) set to approximately 10kHz for
C2 (effective) = 10µF and 4kHz for C2 (effective) = 30µF.
PI-Mode CINT (C23) and RINT (R10)
The IC is designed to operate with a minimum C23 capacitor
of 4.7nF and a minimum C2 (effective) = 10µF.
Note that, for high voltage AVDD, the voltage coefficient of
ceramic capacitors (C2) reduces their effective capacitance
greatly; a 16V, 10µF ceramic can drop to around 3µF at 15V.
To improve the transient load response of AVDD in PI-mode,
a resistor may be added in series with the C23 capacitor. The
larger the resistor, the lower the overshoot, but at the
expense of stability of the converter loop, especially at high
currents.
With L = 10µH, AVDD = 15V, and C23 = 4.7nF, C2 (effective)
should have a capacitance of greater than 10µF. RINT (R7)
can have values up to 5k
Ω for C2 (effective) up to 20µF and
up to 10k for C2 (effective) up to 30µF.
TABLE 2. TYPICAL VIN, VO, L, fS, AND IOMAX VALUES
VIN (V)
VO (V)
L (µH)
fS
(MHz)
IOMAX
(A)
3.3
9
6.8
1
0.490686
3.3
12
6.8
1
0.307353
3.3
15
6.8
1
0.197353
5
9
6.8
1
0.743464
5
12
6.8
1
0.465686
5
15
6.8
1
0.29902
ILAVG
IO
1D
-------------
=
(EQ. 5)
ILPK
ILAVG
ΔI
L
2
--------
+
=
(EQ. 6)
VRIPPLE
ILPK ESR
VO VIN
VO
------------------------
IO
COUT
----------------
1
fS
-----
×
×
+
×
=
(EQ. 7)
R7
1
0.1 R2
×
----------------------
⎝⎠
⎛⎞
1
R1
-------
⎝⎠
⎛⎞ 1
=
(EQ. 8)
C7
1
2 3.142 fp R7
×
×
×
-------------------------------------------------
=
(EQ. 9)
ISL78010


Similar Part No. - ISL78010ANZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL78010ANZ INTERSIL-ISL78010ANZ Datasheet
393Kb / 18P
   Automotive Grade TFT-LCD Power Supply
ISL78010ANZ INTERSIL-ISL78010ANZ Datasheet
460Kb / 19P
   Automotive Grade TFT-LCD Power Supply
December 4, 2013
logo
Renesas Technology Corp
ISL78010ANZ RENESAS-ISL78010ANZ Datasheet
885Kb / 19P
   Automotive Grade TFT-LCD Power Supply
More results

Similar Description - ISL78010ANZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL78010ANZ INTERSIL-ISL78010ANZ Datasheet
460Kb / 19P
   Automotive Grade TFT-LCD Power Supply
December 4, 2013
ISL78010 INTERSIL-ISL78010 Datasheet
393Kb / 18P
   Automotive Grade TFT-LCD Power Supply
logo
Renesas Technology Corp
ISL78010 RENESAS-ISL78010 Datasheet
885Kb / 19P
   Automotive Grade TFT-LCD Power Supply
ISL78419 RENESAS-ISL78419 Datasheet
1Mb / 20P
   Integrated Automotive TFT-LCD Power Supply Regulator
logo
Intersil Corporation
ISL78419ARZ-T INTERSIL-ISL78419ARZ-T Datasheet
851Kb / 20P
   Integrated Automotive TFT-LCD Power Supply Regulator
logo
Maxim Integrated Produc...
MAX25520 MAXIM-MAX25520 Datasheet
2Mb / 23P
   Automotive 2-Channel TFT-LCD Power Supply
Rev 0; 1/21
logo
Intersil Corporation
ISL78419ARZ INTERSIL-ISL78419ARZ Datasheet
870Kb / 20P
   Integrated Automotive TFT-LCD Power Supply Regulator
June 27, 2014
ISL78419 INTERSIL-ISL78419 Datasheet
933Kb / 20P
   Integrated Automotive TFT-LCD Power Supply Regulator
logo
Renesas Technology Corp
EL7585 RENESAS-EL7585 Datasheet
1Mb / 19P
   TFT-LCD Power Supply
EL7585A RENESAS-EL7585A Datasheet
1Mb / 19P
   TFT-LCD Power Supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com