Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SCR543R Datasheet(PDF) 3 Page - Rohm

Part # 2SCR543R
Description  Midium Power Transistors (50V / 3A)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

2SCR543R Datasheet(HTML) 3 Page - Rohm

  2SCR543R Datasheet HTML 1Page - Rohm 2SCR543R Datasheet HTML 2Page - Rohm 2SCR543R Datasheet HTML 3Page - Rohm 2SCR543R Datasheet HTML 4Page - Rohm 2SCR543R Datasheet HTML 5Page - Rohm 2SCR543R Datasheet HTML 6Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Data Sheet
www.rohm.com
©20
10 ROHM Co., Ltd. All rights reserved.
2SCR543R
 
Electrical characteristic curves (Ta=25
C)
0.0
0.2
0.4
0.6
0.8
1.0
0
0.5
1
1.5
2
COLECTOR TO EMITTER VOLTAGE :V
CE[V]
Fig.1 Typical OutputCharacteristics
2.5mA
2.0mA
1.5mA
1.0mA
0.5mA
3mA
5mA
4mA
Ta=25
C
10
100
1000
1
10
100
1000
10000
COLLECTOR CURRENT : I
C[mA]
Fig.2 DC Current Gain vs. Collector Current ( I )
V
CE=5V
3V
Ta=25
C
10
100
1000
1
10
100
1000
10000
COLLECTOR CURRENT : I
C[mA]
Fig3. DC Current Gain vs. Collector Current ( II )
V
CE=3V
Ta=125
°C
75
°C
25
°C
-40
°C
0.001
0.01
0.1
1
1
10
100
1000
10000
COLLECTOR CURRENT : I
C[mA]
Fig.4 Collector-Emitter Saturation Voltage vs. Collector Current ( I )
I
C/IB=50
20
10
Ta=25
C
0.001
0.01
0.1
1
1
10
100
1000
10000
COLLECTOR CURRENT : I
C[mA]
Fig.5 Collector-Emitter Saturation Voltage vs. Collector Current ( II )
I
C/IB=20
Ta=125
°C
75
°C
25
°C
-40
°C
1
10
100
1000
10000
0
0.5
1
1.5
BASE TO EMITTER VOLTAGE : V
BE[V]
V
CE=3V
Fig.6 Ground Emitter Propagation Characteristics
Ta=125
°C
75
°C
25
°C
-40
°C
3/5
2010.12 - Rev.A


Similar Part No. - 2SCR543R

ManufacturerPart #DatasheetDescription
logo
Rohm
2SCR543D ROHM-2SCR543D Datasheet
501Kb / 6P
   Midium Power Transistors (50V / 4A)
More results

Similar Description - 2SCR543R

ManufacturerPart #DatasheetDescription
logo
Rohm
2SAR533P ROHM-2SAR533P_09 Datasheet
234Kb / 5P
   Midium Power Transistors (-50V / -3A)
QS5Y2 ROHM-QS5Y2 Datasheet
499Kb / 8P
   Midium Power Transistors (50V / 3A)
2SAR543R ROHM-2SAR543R Datasheet
496Kb / 6P
   Midium Power Transistors (-50V/-3A)
MP6T13 ROHM-MP6T13 Datasheet
433Kb / 6P
   Midium Power Transistors (-50V / -3A)
QS5W2 ROHM-QS5W2 Datasheet
432Kb / 6P
   Midium Power Transistors (50V / 3A)
2SCR533D ROHM-2SCR533D Datasheet
494Kb / 6P
   Midium Power Transistors (50V / 3A)
2SAR533D ROHM-2SAR533D Datasheet
428Kb / 6P
   Midium Power Transistors (-50V / -3A)
2SCR533P ROHM-2SCR533P_09 Datasheet
235Kb / 5P
   Midium Power Transistors (50V / 3A)
MP6X13 ROHM-MP6X13 Datasheet
422Kb / 6P
   Midium Power Transistors (50V / 3A)
2SCR553P5 ROHM-2SCR553P5 Datasheet
1Mb / 9P
   Midium Power Transistors (50V / 2A)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com