Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS3510018 Datasheet(PDF) 1 Page - AMETHERM Circuit Protection Thermistors

Part # AS3510018
Description  Resistance @ 25째c
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMETHERM [AMETHERM Circuit Protection Thermistors]
Direct Link  http://www.ametherm.com
Logo AMETHERM - AMETHERM Circuit Protection Thermistors

AS3510018 Datasheet(HTML) 1 Page - AMETHERM Circuit Protection Thermistors

  AS3510018 Datasheet HTML 1Page - AMETHERM Circuit Protection Thermistors  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
DATA SHEET
Part Number: AS35 10018
Electrical Specifications:
Mechanical Specifications:
Resistance @ 25°c
10.0
Ω ± 25 %
Max Steady State Current Up to 65°c
18.0 A
Max recommended energy rating (Joules)
500.00 J
Actual failure point of instantaneous energy (Joules)
1000.00 J
Resistance @ 100% of Max Current
0.046
Resistance @ 50% of Max Current
0.100
Body Temperature @ 100% Current rating
220 °C
Dissipation Constant
78.20 mW/°C
Thermal Time Constant
55 seconds
Material Type
G
ROHS Compliant
Yes
MSL
(moisture sensitivity level)
# 2
Revision Date: 5/14/09
Ametherm, Inc. 3111 N. Deer Run Road #4 Carson City, NV 89701
Telephone: (800) 808-2434
(775) 884-2434
Fax: (775) 884-0670
www.ametherm.com
D
36.0 mm Max
T
8.5 mm Max
S
19.0mm Nom
Straight Leads
Coating run down
6.5 mm Max
L
22.0 mm Nom
A (Lead Width)
2.2 mm Nom
B
5.5 mm Nom
C (Lead Thickness)
0.8 mm Nom
B
L
D
S
A
T
C


Similar Part No. - AS3510018

ManufacturerPart #DatasheetDescription
logo
AMETHERM Circuit Protec...
AS3510018 AMETHERM-AS3510018 Datasheet
244Kb / 3P
   I N R U S H C U R R E N T L I M I T E R S
More results

Similar Description - AS3510018

ManufacturerPart #DatasheetDescription
logo
AMETHERM Circuit Protec...
AS352R035 AMETHERM-AS352R035 Datasheet
31Kb / 1P
   Resistance @ 25째c
AS355R025 AMETHERM-AS355R025 Datasheet
31Kb / 1P
   Resistance @ 25째c
AS3250006 AMETHERM-AS3250006 Datasheet
31Kb / 1P
   Resistance @ 25째c
AS321R030 AMETHERM-AS321R030 Datasheet
31Kb / 1P
   Resistance @ 25째c
AS325R020 AMETHERM-AS325R020 Datasheet
32Kb / 2P
   Resistance @ 25째c
AS3520010 AMETHERM-AS3520010 Datasheet
31Kb / 1P
   Resistance @ 25째c
AS320R536 AMETHERM-AS320R536 Datasheet
85Kb / 1P
   Resistance @ 25째c
AS322R025 AMETHERM-AS322R025 Datasheet
31Kb / 1P
   Resistance @ 25째c
AS350R550 AMETHERM-AS350R550 Datasheet
31Kb / 1P
   Resistance @ 25째c
AS351R040 AMETHERM-AS351R040 Datasheet
31Kb / 1P
   Resistance @ 25째c
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com