Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL78010EVAL1Z Datasheet(PDF) 3 Page - Intersil Corporation

Part # ISL78010EVAL1Z
Description  Automotive Grade TFT-LCD Power Supply
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL78010EVAL1Z Datasheet(HTML) 3 Page - Intersil Corporation

  ISL78010EVAL1Z Datasheet HTML 1Page - Intersil Corporation ISL78010EVAL1Z Datasheet HTML 2Page - Intersil Corporation ISL78010EVAL1Z Datasheet HTML 3Page - Intersil Corporation ISL78010EVAL1Z Datasheet HTML 4Page - Intersil Corporation ISL78010EVAL1Z Datasheet HTML 5Page - Intersil Corporation ISL78010EVAL1Z Datasheet HTML 6Page - Intersil Corporation ISL78010EVAL1Z Datasheet HTML 7Page - Intersil Corporation ISL78010EVAL1Z Datasheet HTML 8Page - Intersil Corporation ISL78010EVAL1Z Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
3
FN6501.1
May 3, 2011
VCINT_T
CINT Pl Mode Select Threshold
4.7
4.8
V
VON LDO
VFBP
FBP Regulation Voltage
IDRVP = 0.2mA, TA = +25°C
1.176
1.2
1.224
V
IDRVP =0.2mA
1.172
1.2
1.228
V
VF_FBP
FBP Fault Trip Point
VFBP falling
0.82
0.87
0.92
V
IFBP
FBP Input Bias Current
VFBP = 1.35V
-250
250
nA
GMP
FBP Effective Transconductance VDRVP = 25V, IDRVP = 0.2mA to 2mA
50
ms
ΔVON/ΔI(VON)VON Load Regulation
I(VON) = 0mA to 20mA
-0.5
%
IDRVP
DRVP Sink Current Max
VFBP = 1.1V, VDRVP = 25V
2
4mA
IL_DRVP
DRVP Leakage Current
VFBP = 1.5V, VDRVP = 35V
0.1
5
µA
VOFF LDO
VFBN
FBN Regulation Voltage
IDRVN = 0.2mA, TA = +25°C
0.173
0.203
0.233
V
IDRVN =0.2mA
0.171
0.203
0.235
V
VF_FBN
FNN Fault Trip Point
VFBN falling
0.38
0.43
0.48
V
IFBN
FBN Input Bias Current
VFBN = 0.2V
-250
250
nA
GMN
FBN Effective Transconductance VDRVN = -6V, IDRVN = 0.2mA to 2mA
50
mS
ΔVOFF/
ΔI(VOFF)
VOFF Load Regulation
I(VOFF) = 0mA to 20mA
-0.5
%
IDRVN
DRVN Source Current Max
VFBN = 0.3V, VDRVN = -6V
2
4mA
IL_DRVN
DRVN Leakage Current
VFBN = 0V, VDRVN = -20V
0.1
5
µA
VLOGIC LDO
VFBL
FBL Regulation Voltage
IDRVL = 1mA, TA = +25°C
1.176
1.2
1.224
V
IDRVL =1mA
1.174
1.2
1.226
V
VF_FBL
FBL Fault Trip Point
VFBL falling
0.82
0.87
0.92
V
IFBL
FBL Input Bias Current
VFBL = 1.35V
-500
500
nA
GML
FBL Effective Transconductance VDRVL = 2.5V, IDRVL = 1mA to 8mA
200
mS
ΔVLOGIC/
ΔI(VLOGIC)
VLOGIC Load Regulation
I(VLOGIC) = 100mA to 500mA
0.5
%
IDRVL
DRVL Sink Current Max
VFBL = 1.1V, VDRVL = 2.5V
8
16
mA
IL_DRL
IL_DRVL
VFBL = 1.5V, VDRVL = 5.5V
0.1
5
µA
SEQUENCING
tON
Turn On Delay
CDLY = 0.22µF
30
ms
tSS
Soft-start Time
CDLY = 0.22µF
2
ms
tDEL1
Delay Between AVDD and VOFF CDLY = 0.22µF
10
ms
tDEL2
Delay Between VON and VOFF
CDLY = 0.22µF
17
ms
IDELB
DELB Pull-down Current
VDELB >0.6V
50
µA
VDELB <0.6V
1.4
mA
Electrical Specifications
VDD = 5V, VBOOST = 11V, ILOAD = 200mA, VON = 15V, VOFF = -5V, VLOGIC = 2.5V, limits over -40°C to
+105°C temperature range, unless otherwise specified. Boldface limits apply over the operating
temperature range, -40°C to +105°C. (Continued)
PARAMETER
DESCRIPTION
CONDITION
MIN
(Note 6)
TYP
MAX
(Note 6)
UNIT
ISL78010


Similar Part No. - ISL78010EVAL1Z

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL78010EVAL1Z INTERSIL-ISL78010EVAL1Z Datasheet
460Kb / 19P
   Automotive Grade TFT-LCD Power Supply
December 4, 2013
logo
Renesas Technology Corp
ISL78010EVAL1Z RENESAS-ISL78010EVAL1Z Datasheet
885Kb / 19P
   Automotive Grade TFT-LCD Power Supply
More results

Similar Description - ISL78010EVAL1Z

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL78010ANZ INTERSIL-ISL78010ANZ Datasheet
460Kb / 19P
   Automotive Grade TFT-LCD Power Supply
December 4, 2013
ISL78010 INTERSIL-ISL78010 Datasheet
393Kb / 18P
   Automotive Grade TFT-LCD Power Supply
logo
Renesas Technology Corp
ISL78010 RENESAS-ISL78010 Datasheet
885Kb / 19P
   Automotive Grade TFT-LCD Power Supply
ISL78419 RENESAS-ISL78419 Datasheet
1Mb / 20P
   Integrated Automotive TFT-LCD Power Supply Regulator
logo
Intersil Corporation
ISL78419ARZ-T INTERSIL-ISL78419ARZ-T Datasheet
851Kb / 20P
   Integrated Automotive TFT-LCD Power Supply Regulator
logo
Maxim Integrated Produc...
MAX25520 MAXIM-MAX25520 Datasheet
2Mb / 23P
   Automotive 2-Channel TFT-LCD Power Supply
Rev 0; 1/21
logo
Intersil Corporation
ISL78419ARZ INTERSIL-ISL78419ARZ Datasheet
870Kb / 20P
   Integrated Automotive TFT-LCD Power Supply Regulator
June 27, 2014
ISL78419 INTERSIL-ISL78419 Datasheet
933Kb / 20P
   Integrated Automotive TFT-LCD Power Supply Regulator
logo
Renesas Technology Corp
EL7585 RENESAS-EL7585 Datasheet
1Mb / 19P
   TFT-LCD Power Supply
EL7585A RENESAS-EL7585A Datasheet
1Mb / 19P
   TFT-LCD Power Supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com