Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL80101A Datasheet(PDF) 5 Page - Intersil Corporation

Part # ISL80101A
Description  1A Ultra Low Dropout Linear Regulator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL80101A Datasheet(HTML) 5 Page - Intersil Corporation

  ISL80101A Datasheet HTML 1Page - Intersil Corporation ISL80101A Datasheet HTML 2Page - Intersil Corporation ISL80101A Datasheet HTML 3Page - Intersil Corporation ISL80101A Datasheet HTML 4Page - Intersil Corporation ISL80101A Datasheet HTML 5Page - Intersil Corporation ISL80101A Datasheet HTML 6Page - Intersil Corporation ISL80101A Datasheet HTML 7Page - Intersil Corporation ISL80101A Datasheet HTML 8Page - Intersil Corporation ISL80101A Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
ISL80121-5
5
FN7713.3
April 22, 2011
ENABLE Pin Turn-on Delay
tEN
COUT = 10µF, ILOAD = 1A
100
µs
ENABLE Pin Leakage Current
VIN = 6V, ENABLE = 3V
1
µA
SOFT-START CHARACTERISTICS
Reset Pull-Down Current
IPD
ENABLE = 0V, SS = 1V
0.5
1
1.3
mA
Soft-Start Charge Current
ICHG
-3.3
-2
-0.8
µA
PG PIN CHARACTERISTICS
VOUT PG Flag Threshold
75
84
92
%VOUT
VOUT PG Flag Hysteresis
4%
PG Flag Low Voltage
ISINK = 500µA
47
100
mV
PG Flag Leakage Current
VIN = 6V, PG = 6V
0.05
1
µA
NOTES:
9. Compliance to datasheet limits is assured by one or more methods: production test, characterization and/or design.
10. Dropout is defined by the difference in supply VIN and VOUT when the output is below its nominal regulation.
Electrical Specifications Unless otherwise noted, all parameters are established over the following specified conditions:
VIN =VOUT + 0.4V, VOUT = 5.0V, CIN = COUT = 10µF, TJ = +25°C, ILOAD = 0A. Applications must follow thermal guidelines of the package to
determine worst case junction temperature. Please refer to “Functional Description” on page 7 and Tech Brief TB379.
Boldface limits apply over the operating temperature range, -40°C to +125°C. Pulse load techniques used by ATE to ensure TJ = TA defines
established limits. (Continued)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
(Note 9)
TYP
MAX
(Note 9)
UNITS


Similar Part No. - ISL80101A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL80101A INTERSIL-ISL80101A Datasheet
570Kb / 12P
   High Performance 1A Linear Regulator with Programmable Current Limiting
ISL80101A INTERSIL-ISL80101A Datasheet
583Kb / 11P
   High Performance 1A LDO
ISL80101A INTERSIL-ISL80101A Datasheet
478Kb / 11P
   1A Ultra Low Dropout Linear Regulator with Programmable Current Limiting
ISL80101A INTERSIL-ISL80101A Datasheet
9Mb / 44P
   Providing high-performance solutions for every link in the signal chain
ISL80101A INTERSIL-ISL80101A Datasheet
583Kb / 11P
   High Performance 1A LDO
More results

Similar Description - ISL80101A

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AZ2940 BCDSEMI-AZ2940_07 Datasheet
200Kb / 18P
   1A ULTRA LOW DROPOUT LINEAR REGULATOR
AZ2940 BCDSEMI-AZ2940 Datasheet
179Kb / 18P
   1A ULTRA LOW DROPOUT LINEAR REGULATOR
logo
HTC Korea TAEJIN Techno...
TJ4940 HTC-TJ4940 Datasheet
178Kb / 8P
   1A Ultra Low Dropout Linear Regulator
TJ3964 HTC-TJ3964 Datasheet
336Kb / 11P
   1A Ultra Low Dropout Linear Regulator
logo
Eutech Microelectronics...
EUP7961 EUTECH-EUP7961 Datasheet
344Kb / 12P
   1A Ultra Low-Dropout Linear Regulator
EUP7961 EUTECH-EUP7961_09 Datasheet
250Kb / 13P
   1A Ultra Low-Dropout Linear Regulator
logo
HTC Korea TAEJIN Techno...
TJ4210 HTC-TJ4210 Datasheet
704Kb / 12P
   1A Ultra Low Dropout Linear Regulator
logo
Advanced Power Electron...
APE8901 A-POWER-APE8901_14 Datasheet
219Kb / 8P
   1A ULTRA LOW DROPOUT LINEAR REGULATOR
logo
HTC Korea TAEJIN Techno...
TJ3940 HTC-TJ3940 Datasheet
287Kb / 8P
   1A Ultra Low Dropout Linear Regulator
logo
Advanced Power Electron...
APE8961 A-POWER-APE8961 Datasheet
456Kb / 9P
   1A ULTRA LOW DROPOUT LINEAR REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com