Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL83082E Datasheet(PDF) 11 Page - Intersil Corporation

Part # ISL83082E
Description  짹15kV ESD, 5V, Full Fail-Safe, 1/8 Unit Load, RS-485/RS-422 Transceivers
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL83082E Datasheet(HTML) 11 Page - Intersil Corporation

Back Button ISL83082E Datasheet HTML 7Page - Intersil Corporation ISL83082E Datasheet HTML 8Page - Intersil Corporation ISL83082E Datasheet HTML 9Page - Intersil Corporation ISL83082E Datasheet HTML 10Page - Intersil Corporation ISL83082E Datasheet HTML 11Page - Intersil Corporation ISL83082E Datasheet HTML 12Page - Intersil Corporation ISL83082E Datasheet HTML 13Page - Intersil Corporation ISL83082E Datasheet HTML 14Page - Intersil Corporation ISL83082E Datasheet HTML 15Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
11
FN6085.9
April 22, 2008
Another important advantage of RS-485 is the extended
common mode range (CMR), which specifies that the driver
outputs and receiver inputs withstand signals that range from
+12V to -7V. RS-422 and RS-485 are intended for runs as
long as 4000’, so the wide CMR is necessary to handle
ground potential differences, as well as voltages induced in
the cable by external fields.
Receiver Features
These devices utilize a differential input receiver for maximum
noise immunity and common mode rejection. Input sensitivity
is ±200mV, as required by the RS-422 and RS-485
specifications.
Receiver input resistance of 96k
Ω surpasses the RS-422
specification of 4k
Ω, and is eight times the RS-485 “Unit
Load (UL)” requirement of 12k
Ω minimum. Thus, these
products are known as “one-eighth UL” transceivers, and
there can be up to 256 of these devices on a network while
still complying with the RS-485 loading specification.
Receiver inputs function with common mode voltages as
great as ±7V outside the power supplies (i.e., +12V and
-7V), making them ideal for long networks where induced
voltages are a realistic concern.
All the receivers include a “full fail-safe” function that
guarantees a high level receiver output if the receiver inputs
are unconnected (floating) or shorted.
Receivers easily meet the data rates supported by the
corresponding driver, and all receiver outputs are
three-statable via the active low RE input (except for the
ISL83084E).
Driver Features
The RS-485/RS-422 driver is a differential output device that
delivers at least 1.5V across a 54
Ω load (RS-485), and at
least 2V across a 100
Ω load (RS-422). The drivers feature
low propagation delay skew to maximize bit width, and to
minimize EMI.
All drivers are three-statable via the active high DE input
(except for the ISL83084E).
The 115kbps and 500kbps driver outputs are slew rate
limited to minimize EMI, and to minimize reflections in
unterminated or improperly terminated networks. Outputs of
the ISL83086E, ISL83088E drivers are not limited, so faster
output transition times allow data rates of at least 10Mbps.
Hot Plug Function
When a piece of equipment powers up, there is a period of
time where the processor or ASIC driving the RS-485 control
lines (DE, RE) is unable to ensure that the RS-485 Tx and
Rx outputs are kept disabled. If the equipment is connected
to the bus, a driver activating prematurely during power-up
may crash the bus. To avoid this scenario, the ISL83080,
ISL83082, ISL83083, ISL83085 versions incorporate a “Hot
Plug” function. Circuitry monitoring VCC ensures that, during
power-up and power-down, the Tx and Rx outputs remain
disabled, regardless of the state of DE and RE, if VCC is less
than ~3.4V. This gives the processor/ASIC a chance to stabilize
and drive the RS-485 control lines to the proper states.
ESD Protection
All pins on these devices include class 3 Human Body
Model (HBM) ESD protection structures, but the RS-485
pins (driver outputs and receiver inputs) incorporate
advanced structures allowing them to survive ESD events
in excess of ±15kV HBM. The RS-485 pins are particularly
vulnerable to ESD damage because they typically connect
to an exposed port on the exterior of the finished product.
Simply touching the port pins, or connecting a cable, can
cause an ESD event that might destroy unprotected ICs.
These new ESD structures protect the device whether or
not it is powered up, protect without allowing any latchup
mechanism to activate, and without degrading the RS-485
common mode range of -7V to +12V. This built-in ESD
protection eliminates the need for board level protection
structures (e.g., transient suppression diodes), and the
associated, undesirable capacitive load they present.
Data Rate, Cables, and Terminations
RS-485/RS-422 are intended for network lengths up to
4000’, but the maximum system data rate decreases as the
transmission length increases. Devices operating at 10Mbps
are limited to lengths less than 100’, while the 115kbps
versions can operate at full data rates with lengths of several
1000’.
Twisted pair is the cable of choice for RS-485/RS-422
networks. Twisted pair cables tend to pick up noise and
other electromagnetically induced voltages as common
mode signals, which are effectively rejected by the
differential receivers in these ICs.
Proper termination is imperative (when using the 10Mbps
devices) to minimize reflections. Short networks using the
FIGURE 7.
HOT PLUG PERFORMANCE (ISL83080E) vs
DEVICE WITHOUT HOT PLUG CIRCUITRY
(ISL83086E)
TIME (40µs/DIV)
VCC
2.5
5.0
2.5
5.0
RL = 1kΩ
RO
0
2.5
5.0
0
0
A
/Y
RL = 1kΩ
ISL83080E
ISL83080E
3.2V
3.4V
DI = VCC
ISL83080E, ISL83082E, ISL83083E, ISL83084E, ISL83085E, ISL83086E, ISL83088E


Similar Part No. - ISL83082E

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL83082E INTERSIL-ISL83082E Datasheet
830Kb / 18P
   -15kV ESD Protected, 5V, Full Fail-Safe, Fractional (1/8) Unit Load, RS-485/RS-422 Transceivers
ISL83082E INTERSIL-ISL83082E Datasheet
869Kb / 20P
   -15kV ESD, 5V, Full Fail-Safe, 1/8 Unit Load, RS-485/RS-422 Transceivers
logo
Renesas Technology Corp
ISL83082E RENESAS-ISL83082E Datasheet
1Mb / 21P
   짹15kV ESD, 5V, Full Fail-Safe, 1/8 Unit Load, RS-485/RS-422 Transceivers
logo
Intersil Corporation
ISL83082EIB INTERSIL-ISL83082EIB Datasheet
830Kb / 18P
   -15kV ESD Protected, 5V, Full Fail-Safe, Fractional (1/8) Unit Load, RS-485/RS-422 Transceivers
ISL83082EIB INTERSIL-ISL83082EIB Datasheet
869Kb / 20P
   -15kV ESD, 5V, Full Fail-Safe, 1/8 Unit Load, RS-485/RS-422 Transceivers
More results

Similar Description - ISL83082E

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
FN6085 INTERSIL-FN6085 Datasheet
876Kb / 19P
   짹15kV ESD, 5V, Full Fail-Safe, 1/8 Unit Load, RS-485/RS-422 Transceivers
logo
Renesas Technology Corp
ISL83080E RENESAS-ISL83080E Datasheet
1Mb / 21P
   짹15kV ESD, 5V, Full Fail-Safe, 1/8 Unit Load, RS-485/RS-422 Transceivers
logo
Intersil Corporation
ISL83080E INTERSIL-ISL83080E_08 Datasheet
869Kb / 20P
   -15kV ESD, 5V, Full Fail-Safe, 1/8 Unit Load, RS-485/RS-422 Transceivers
ISL83080E INTERSIL-ISL83080E Datasheet
830Kb / 18P
   -15kV ESD Protected, 5V, Full Fail-Safe, Fractional (1/8) Unit Load, RS-485/RS-422 Transceivers
ISL3259E INTERSIL-ISL3259E Datasheet
638Kb / 15P
   짹15kV ESD Protected, 100Mbps, 5V, PROFIBUS짰, Full Fail-safe RS-485/RS-422 Transceivers
ISL3259E INTERSIL-ISL3259E_08 Datasheet
664Kb / 16P
   짹15kV ESD Protected, 100Mbps, 5V, PROFIBUS짰, Full Fail-safe, RS-485/RS-422 Transceivers
ISL3152EIUZ-T INTERSIL-ISL3152EIUZ-T Datasheet
948Kb / 22P
   짹16.5kV ESD, Large Output Swing, 5V, Full Fail-Safe, 1/8 Unit Load, RS-485/RS-422 Transceivers
ISL3152EIBZ-T INTERSIL-ISL3152EIBZ-T Datasheet
948Kb / 22P
   짹16.5kV ESD, Large Output Swing, 5V, Full Fail-Safe, 1/8 Unit Load, RS-485/RS-422 Transceivers
RS-485 INTERSIL-RS-485 Datasheet
946Kb / 22P
   ±16.5kV ESD, Large Output Swing, 5V, Full Fail-Safe, 1/8 Unit Load, RS-485/RS-422 Transceivers
July 30, 2009
ISL3150E INTERSIL-ISL3150E Datasheet
948Kb / 22P
   짹16.5kV ESD, Large Output Swing, 5V, Full Fail-Safe, 1/8 Unit Load, RS-485/RS-422 Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com