Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SD1918 Datasheet(PDF) 1 Page - Rohm

Part # 2SD1918
Description  Power Transistor (160V , 1.5A)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

2SD1918 Datasheet(HTML) 1 Page - Rohm

  2SD1918 Datasheet HTML 1Page - Rohm 2SD1918 Datasheet HTML 2Page - Rohm 2SD1918 Datasheet HTML 3Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1/2
www.rohm.com
c
2010 ROHM Co., Ltd. All rights reserved.
2010.09 - Rev.C
Power Transistor (160V , 1.5A)
2SD1918 / 2SD1857A
Features
Dimensions (Unit : mm)
1) High breakdown voltage.(BVCEO=160V)
2) Low collector output capacitance.
(Typ. 20pF at VCB=10V)
3) High transition frequency.(fT=80MHZ)
4) Complements the 2SB1275.
Absolute maximum ratings (Ta = 25
C)
Parameter
Symbol
VCBO
VCEO
VEBO
IC
PC
Tj
Tstg
Limits
160
160
5
1.5
1
150
−55 ∼+150
Unit
V
V
V
A(DC)
3
∗2
∗1
A(Pulse)
W
W
1
10
W(Tc
=25°C)
2SD1857A
2SD1918
°C
°C
Collector-base voltage
Collector-emitter voltage
Emitter-base voltage
Collector current
Collector
power
dissipation
Junction temperature
Storage temperature
1 Pw
=200msec duty=1/2
2
Printed circuit board 1.7mm thick, collector plating 1cm
2 or larger.
Packaging specifications and hFE
Type
2SD1918
CPT3
QR
TL
2500
2SD1857A
ATV
PQ
TV2
2500
−−
Denotes hFE
Package
hFE
Code
Basic ordering unit (pieces)
Marking
*
Electrical characteristics (Ta = 25
C)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
BVCBO
BVCEO
BVEBO
ICBO
IEBO
VCE(sat)
fT
Cob
160
160
5
120
80
20
1
1
2
390
V
V
V
μA
μA
V
hFE
82
270
2SD1918
2SD1857A
MHz
pF
IC
= 50
μA
IC
= 1mA
IE
= 50
μA
VCB
= 120V
VEB
= 4V
IC/IB
= 1A/0.1A
VBE(sat)
1.5
V
IC/IB
= 1A/0.1A
VCE/IC
= 5V/0.1A
VCE
= 5V , IE = −0.1A , f = 30MHz
VCB
= 10V , IE = 0A , f = 1MHz
Collector-base breakdown voltage
Collector-emitter breakdown voltage
Emitter-base breakdown voltage
Collector cutoff current
Emitter cutoff current
Collector-emitter saturation voltage
DC current
transfer ratio
Transition frequency
Output capacitance
Base-emitter saturation voltage
Measured using pulse current.
EIAJ : SC-63
ROHM : CPT3
ROHM : ATV
2SD1857A
2SD1918
0.45
(2) Collector
1.05
(3) Base
Taping specifications
(1) Emitter
0.5
(1)
0.65Max.
2.54
(2)
2.54
(3)
6.8
2.5
9.5
2.5
0.8Min.
1.5
C0.5
0.9
1.5
5.5
(3) Emitter(Source)
(2) Collector(Drain)
(1) Base(Gate)


Similar Part No. - 2SD1918

ManufacturerPart #DatasheetDescription
logo
Rohm
2SD1918 ROHM-2SD1918 Datasheet
138Kb / 4P
   Power Transistor (160V , 1.5A)
2SD1918 ROHM-2SD1918 Datasheet
48Kb / 1P
   POWER TRANSISTOR
logo
Guangdong Kexin Industr...
2SD1918 KEXIN-2SD1918 Datasheet
40Kb / 1P
   Silicon NPN Epitaxial
logo
Rohm
2SD1918 ROHM-2SD1918 Datasheet
170Kb / 3P
   Power Transistor (160V , 1.5A)
logo
Inchange Semiconductor ...
2SD1918 ISC-2SD1918 Datasheet
230Kb / 2P
   isc Silicon NPN Power Transistor
More results

Similar Description - 2SD1918

ManufacturerPart #DatasheetDescription
logo
Rohm
2SD1918TLQ ROHM-2SD1918TLQ Datasheet
110Kb / 3P
   Power Transistor (160V , 1.5A)
2SD1918 ROHM-2SD1918_09 Datasheet
170Kb / 3P
   Power Transistor (160V , 1.5A)
2SD2211 ROHM-2SD2211 Datasheet
138Kb / 4P
   Power Transistor (160V , 1.5A)
2SB1275 ROHM-2SB1275_09 Datasheet
175Kb / 4P
   Power Transistor (-160V, -1.5A)
2SB1275 ROHM-2SB1275 Datasheet
84Kb / 4P
   Power Transistor (-160V , -1.5A)
2SB1275 ROHM-2SB1275_13 Datasheet
471Kb / 7P
   PNP -1.5A -160V Middle Power Transistor
logo
Mospec Semiconductor
2SA1011 MOSPEC-2SA1011 Datasheet
109Kb / 3P
   POWER TRANSISTORS(1.5A,160V,25W)
logo
Sanyo Semicon Device
2SA1507 SANYO-2SA1507_12 Datasheet
437Kb / 7P
   160V / 1.5A Switching Applications
2SA1249 SANYO-2SA1249 Datasheet
96Kb / 3P
   160V/1.5A Switching Applications
2SA1507 SANYO-2SA1507_10 Datasheet
66Kb / 5P
   160V / 1.5A Switching Applications
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com