Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL98012 Datasheet(PDF) 8 Page - Intersil Corporation

Part # ISL98012
Description  1.8V Input PWM Step-Up Regulator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL98012 Datasheet(HTML) 8 Page - Intersil Corporation

Back Button ISL98012 Datasheet HTML 2Page - Intersil Corporation ISL98012 Datasheet HTML 3Page - Intersil Corporation ISL98012 Datasheet HTML 4Page - Intersil Corporation ISL98012 Datasheet HTML 5Page - Intersil Corporation ISL98012 Datasheet HTML 6Page - Intersil Corporation ISL98012 Datasheet HTML 7Page - Intersil Corporation ISL98012 Datasheet HTML 8Page - Intersil Corporation ISL98012 Datasheet HTML 9Page - Intersil Corporation ISL98012 Datasheet HTML 10Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
8
FN6654.1
December 8, 2010
completely dried out before the MOSFET is turned on again.
The input voltage source, the inductor, and the MOSFET and
output diode parasitic capacitors form a resonant circuit.
Oscillation will occur in this period. This oscillation is normal
and will not affect regulation.
At very low load, the MOSFET will skip pulses sometimes;
this is normal.
Current Limit
The MOSFET current limit is nominally 1.4A and guaranteed
1A. This restricts the maximum output current IOMAX based
on Equation 1:
where:
ΔIL is the inductor peak-to-peak current ripple and is
decided by Equation 2:
• D is the MOSFET turn-on ratio and is decided by
Equation 3:
•fS is the switching frequency
Table1 gives typical values:
Component Considerations
It is recommended that CIN is larger than 10µF.
Theoretically, the input capacitor has a ripple current of
ΔIL.
Due to high-frequency noise in the circuit, the input current
ripple may exceed the theoretical value. A larger capacitor
will reduce the ripple further.
The inductor has peak and average current decided by
Equations 4 and 5:
The inductor should be chosen to handle this current.
Furthermore, due to fixed internal compensation, it is
recommended that maximum inductance of 10µH and 15µH
be used in the 5V and 12V or higher output voltage,
respectively.
The output diode has an average current of IO and peak
current is the same as the inductor's peak current. A
Schottky diode is recommended and it should be able to
handle those currents.
The output voltage ripple can be calculated as Equation 6:
Where:
•CO is the output capacitance.
• The ESR is the output capacitor ESR value.
Low ESR capacitors should be used to minimize output
voltage ripple. Multilayer ceramic capacitors (X5R and X7R)
are preferred for output capacitors since they have a low
ESR and small packages. Tantalum capacitors also can be
used, but they take more board space and have higher ESR.
A minimum of 22µF output capacitor is sufficient for high
output current application. For lower output current, the
output capacitor can be smaller, like 4.7µF. The capacitor
should always have enough voltage rating. In addition to the
voltage rating, the output capacitor should also be able to
handle the RMS current, which is given by Equation 7:
Output Voltage
An external resistor divider is required to divide the output
voltage down to the nominal reference voltage. The current
drawn by the resistor network should be limited to maintain
the overall converter efficiency. The maximum value of the
resistor network is limited by the feedback input bias current
and the potential for noise being coupled into the feedback
pin. A resistor network less than 300k
Ω is recommended.
TABLE 1. MAX CONTINUOUS OUTPUT CURRENTS
VIN
(V)
VO
(V)
L
(µH)
fS
(kHz)
IOMAX
(mA)
2
5
10
750
360
2
9
10
750
190
2
12
10
750
140
3.3
5
10
750
600
3.3
9
10
750
310
3.3
12
10
750
230
5
9
10
750
470
5
12
10
750
340
9
12
10
750
630
12
15
10
750
670
IOMAX
1
ΔI
L
2
--------
⎝⎠
⎛⎞ VIN
VO
---------
×
=
(EQ. 1)
ΔI
L
VIN
L
---------
D
fS
-----
×
=
(EQ. 2)
D
VO VIN
VO
------------------------
=
(EQ. 3)
ILPK
ILAVG
ΔI
L
2
--------
+
=
(EQ. 4)
ILAVG
IO
1D
-------------
=
(EQ. 5)
ΔV
O
IO D
×
FS CO
×
----------------------
ILPK ESR
×
+
=
(EQ. 6)
ICORMS
1
(
D
)
D
ΔI
L
2
ILAVG
2
--------------------
+
×
1
12
------
×
ILAVG
×
=
(EQ. 7)
ISL98012


Similar Part No. - ISL98012

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL98012 INTERSIL-ISL98012 Datasheet
473Kb / 10P
   1.8V Input PWM Step-Up Regulator
ISL98012 INTERSIL-ISL98012 Datasheet
9Mb / 44P
   Providing high-performance solutions for every link in the signal chain
logo
Renesas Technology Corp
ISL98012 RENESAS-ISL98012 Datasheet
773Kb / 10P
   1.8V Input PWM Step-Up Regulator
logo
Intersil Corporation
ISL98012IUZ INTERSIL-ISL98012IUZ Datasheet
473Kb / 10P
   1.8V Input PWM Step-Up Regulator
logo
Renesas Technology Corp
ISL98012IUZ RENESAS-ISL98012IUZ Datasheet
773Kb / 10P
   1.8V Input PWM Step-Up Regulator
More results

Similar Description - ISL98012

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL98012 RENESAS-ISL98012 Datasheet
773Kb / 10P
   1.8V Input PWM Step-Up Regulator
logo
Intersil Corporation
ISL98012 INTERSIL-ISL98012 Datasheet
473Kb / 10P
   1.8V Input PWM Step-Up Regulator
logo
New Japan Radio
NJU7677 NJRC-NJU7677 Datasheet
131Kb / 9P
   1.8V Operate PWM control Step-Up / Flyback switching regulator IC
logo
Maxim Integrated Produc...
MAX668 MAXIM-MAX668_02 Datasheet
294Kb / 18P
   1.8V to 28V Input, PWM Step-Up Controllers in μMAX
Rev 1; 1/02
MAX668 MAXIM-MAX668_12 Datasheet
341Kb / 18P
   1.8V to 28V Input, PWM Step-Up Controllers in μMAX
Rev 2; 1/12
MAX668 MAXIM-MAX668 Datasheet
326Kb / 18P
   1.8V to 28V Input, PWM Step-Up Controllers in 關MAX
Rev 0a; 8/98
MAX668 MAXIM-MAX668_V01 Datasheet
1Mb / 18P
   1.8V to 28V Input, PWM Step-Up Controllers in 關MAX
2016
logo
Intersil Corporation
EL7516IY INTERSIL-EL7516IY Datasheet
195Kb / 12P
   600kHz/1.2MHz PWM Step-Up Regulator
October 9, 2007
EL7515 INTERSIL-EL7515 Datasheet
316Kb / 9P
   High Frequency PWM Step-Up Regulator
ISL97519A INTERSIL-ISL97519A Datasheet
373Kb / 9P
   600kHz/1.2MHz PWM Step-Up Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com