Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISLA110P50IRZ Datasheet(PDF) 11 Page - Intersil Corporation

Part # ISLA110P50IRZ
Description  10-Bit, 500MSPS A/D Converter
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISLA110P50IRZ Datasheet(HTML) 11 Page - Intersil Corporation

Back Button ISLA110P50IRZ Datasheet HTML 7Page - Intersil Corporation ISLA110P50IRZ Datasheet HTML 8Page - Intersil Corporation ISLA110P50IRZ Datasheet HTML 9Page - Intersil Corporation ISLA110P50IRZ Datasheet HTML 10Page - Intersil Corporation ISLA110P50IRZ Datasheet HTML 11Page - Intersil Corporation ISLA110P50IRZ Datasheet HTML 12Page - Intersil Corporation ISLA110P50IRZ Datasheet HTML 13Page - Intersil Corporation ISLA110P50IRZ Datasheet HTML 14Page - Intersil Corporation ISLA110P50IRZ Datasheet HTML 15Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 34 page
background image
ISLA110P50
11
FN7606.2
July 25, 2011
FIGURE 11. POWER vs fSAMPLE IN 3mA LVDS MODE
FIGURE 12. DIFFERENTIAL NONLINEARITY
FIGURE 13. INTEGRAL NONLINEARITY
FIGURE 14. SNR AND SFDR vs VCM
FIGURE 15. NOISE HISTOGRAM
FIGURE 16. SINGLE-TONE SPECTRUM @ 105MHz
Typical Performance Curves
All Typical Performance Characteristics apply under the following conditions unless otherwise noted: AVDD = OVDD = 1.8V, TA = +25°C, AIN = -1dBFS,
fIN = 105MHz, fSAMPLE = 500MSPS. (Continued)
300
350
400
450
500
550
250M
300M
350M
400M
450M
500M
SAMPLE RATE (Hz)
-0.20
-0.15
-0.10
-0.05
0
0.05
0.10
0.15
0.20
0
200
400
600
800
1k
CODE
-0.2
-0.15
-0.10
-0.05
0
0.05
0.10
0.15
0.20
0
200
400
600
800
1k
CODE
50
55
60
65
70
75
80
85
90
300
350
400
450
500
550
600
650
700
750
800
VCM (mV)
SFDR
SNR
01855
9961133
42244
0
0M
2M
4M
6M
8M
10M
12M
512
513
514
515
516
CODE
-110
-90
-70
-50
-30
-10
0M
50M
100M
150M
200M
250M
FREQUENCY (Hz)
AIN = -1.0dBFS
SNR = 60.69dBFS
SFDR = 84.47dBc
SINAD = 60.67dBFS


Similar Part No. - ISLA110P50IRZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISLA110P50IRZ INTERSIL-ISLA110P50IRZ Datasheet
1,007Kb / 35P
   10-Bit, 500MSPS A/D Converter
ISLA110P50IRZ INTERSIL-ISLA110P50IRZ Datasheet
1Mb / 34P
   10-Bit, 500MSPS A/D Converter
July 25, 2011
logo
Renesas Technology Corp
ISLA110P50IRZ RENESAS-ISLA110P50IRZ Datasheet
1Mb / 34P
   10-Bit, 500MSPS A/D Converter
More results

Similar Description - ISLA110P50IRZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISLA110P50 INTERSIL-ISLA110P50 Datasheet
1,007Kb / 35P
   10-Bit, 500MSPS A/D Converter
logo
List of Unclassifed Man...
KAD5510P-50 ETC2-KAD5510P-50 Datasheet
676Kb / 28P
   10-Bit, 500MSPS A/D Converter
logo
Intersil Corporation
KAD5510P-50_0910 INTERSIL-KAD5510P-50_0910 Datasheet
818Kb / 29P
   10-Bit, 500MSPS A/D Converter
KAD5510P-50 INTERSIL-KAD5510P-50_09 Datasheet
633Kb / 27P
   10-Bit, 500MSPS A/D Converter
logo
Renesas Technology Corp
KAD5510P-50 RENESAS-KAD5510P-50 Datasheet
1Mb / 30P
   10-Bit, 500MSPS A/D Converter
logo
Intersil Corporation
ISLA110P50IRZ INTERSIL-ISLA110P50IRZ Datasheet
1Mb / 34P
   10-Bit, 500MSPS A/D Converter
July 25, 2011
KAD5510P-50 INTERSIL-KAD5510P-50 Datasheet
430Kb / 26P
   10-Bit, 500MSPS A/D Converter
logo
Renesas Technology Corp
ISLA110P50 RENESAS-ISLA110P50 Datasheet
1Mb / 34P
   10-Bit, 500MSPS A/D Converter
logo
Intersil Corporation
KAD5512P-50_0910 INTERSIL-KAD5512P-50_0910 Datasheet
836Kb / 30P
   12-Bit, 500MSPS A/D Converter
ISLA118P50IRZ INTERSIL-ISLA118P50IRZ Datasheet
1Mb / 34P
   8-Bit, 500MSPS A/D Converter
July 25, 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com