Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISLA212P25IRZ Datasheet(PDF) 3 Page - Intersil Corporation

Part # ISLA212P25IRZ
Description  12-Bit, 250MSPS/200MSPS/130MSPS ADC
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISLA212P25IRZ Datasheet(HTML) 3 Page - Intersil Corporation

  ISLA212P25IRZ Datasheet HTML 1Page - Intersil Corporation ISLA212P25IRZ Datasheet HTML 2Page - Intersil Corporation ISLA212P25IRZ Datasheet HTML 3Page - Intersil Corporation ISLA212P25IRZ Datasheet HTML 4Page - Intersil Corporation ISLA212P25IRZ Datasheet HTML 5Page - Intersil Corporation ISLA212P25IRZ Datasheet HTML 6Page - Intersil Corporation ISLA212P25IRZ Datasheet HTML 7Page - Intersil Corporation ISLA212P25IRZ Datasheet HTML 8Page - Intersil Corporation ISLA212P25IRZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 35 page
background image
ISLA212P
3
FN7717.1
May 11, 2011
Pin Descriptions - 72 Ld QFN, LVDS Mode
PIN NUMBER
LVDS PIN NAME
LVDS PIN FUNCTION
DDR MODE COMMENTS
1, 2, 17, 57, 58, 59, 60
DNC
Do Not Connect
6, 13, 19, 20, 21, 70, 71,
72
AVDD
1.8V Analog Supply
5, 7, 12, 14
AVSS
Analog Ground
27, 32, 62
OVDD
1.8V Output Supply
26, 45, 61, 65
OVSS
Output Ground
3
NAPSLP
Tri-Level Power Control (Nap, Sleep modes)
4
VCM
Common Mode Output
8, 9
VINN
Analog Input Negative
10, 11
VINP
Analog Input Positive
15
CLKDIV
Tri-Level Clock Divider Control
16
IPTAT
Temperature Monitor (Output current proportional to absolute
temperature)
18
RESETN
Power On Reset (Active Low)
22, 23
CLKP, CLKN
Clock Input True, Complement
24, 25
CLKDIVRSTP, CLKDIVRSTN
Synchronous Clock Divider Reset True, Complement
28
D11N
LVDS Bit 11(MSB) Output Complement
NC in DDR Mode
29
D11P
LVDS Bit 11 (MSB) Output True
NC in DDR Mode
30
D10N
LVDS Bit 10 Output Complement
DDR Logical Bits 10, 11
31
D10P
LVDS Bit 10 Output True
DDR Logical Bits 10, 11
33
D9N
LVDS Bit 9 Output Complement
NC in DDR Mode
34
D9P
LVDS Bit 9 Output True
NC in DDR Mode
35
D8N
LVDS Bit 8 Output Complement
DDR Logical Bits 8, 9
36
D8P
LVDS Bit 8 Output True
DDR Logical Bits 8, 9
37
D7N
LVDS Bit 7 Output Complement
NC in DDR Mode
38
D7P
LVDS Bit 7 Output True
NC in DDR Mode
39
D6N
LVDS Bit 6 Output Complement
DDR Logical Bits 6, 7
40
D6P
LVDS Bit 6 Output True
DDR Logical Bits 6, 7
41
D5N
LVDS Bit 5 Output Complement
NC in DDR Mode
42
D5P
LVDS Bit 5 Output True
NC in DDR Mode
43
D4N
LVDS Bit 4 Output Complement
DDR Logical Bits 4, 5
44
D4P
LVDS Bit 4 Output True
DDR Logical Bits 4, 5
46
RLVDS
LVDS Bias Resistor (Connect to OVSS with 1% 10k
Ω)
47, 48
CLKOUTN, CLKOUTP
LVDS Clock Output Complement, True
49
D3N
LVDS Bit 3 Output Complement
NC in DDR Mode
50
D3P
LVDS Bit 3 Output True
NC in DDR Mode
51
D2N
LVDS Bit 2 Output Complement
DDR Logical Bits 2, 3
52
D2P
LVDS Bit 2 Output True
DDR Logical Bits 2, 3
53
D1N
LVDS Bit 1 Output Complement
NC in DDR Mode
54
D1P
LVDS Bit 1 Output True
NC in DDR Mode
55
D0N
LVDS Bit 0 Output Complement
DDR Logical Bits 0, 1
56
D0P
LVDS Bit 0 Output True
DDR Logical Bits 0, 1
63, 64
ORN, ORP
LVDS Over Range Complement, True
DDR Over Range


Similar Part No. - ISLA212P25IRZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISLA212P25IRZ RENESAS-ISLA212P25IRZ Datasheet
1Mb / 36P
   12-Bit, 250MSPS/200MSPS/130MSPS ADC
More results

Similar Description - ISLA212P25IRZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISLA212P RENESAS-ISLA212P Datasheet
1Mb / 36P
   12-Bit, 250MSPS/200MSPS/130MSPS ADC
logo
Intersil Corporation
ISLA222P INTERSIL-ISLA222P Datasheet
943Kb / 33P
   Dual 12-Bit, 250MSPS/200MSPS/130MSPS ADC
logo
Renesas Technology Corp
ISLA222P RENESAS-ISLA222P Datasheet
1Mb / 33P
   Dual 12-Bit, 250MSPS/200MSPS/130MSPS ADC
ISLA216P RENESAS-ISLA216P Datasheet
1Mb / 35P
   16-Bit, 250MSPS/200MSPS/130MSPS ADC
logo
Intersil Corporation
ISLA216P_1104 INTERSIL-ISLA216P_1104 Datasheet
1Mb / 33P
   16-Bit, 250MSPS/200MSPS/130MSPS ADC
ISLA216P INTERSIL-ISLA216P Datasheet
1Mb / 32P
   16-Bit, 250MSPS/200MSPS/130MSPS ADC
ISLA214P13IRZ INTERSIL-ISLA214P13IRZ Datasheet
1Mb / 35P
   14-Bit, 250MSPS/200MSPS/130MSPS ADC
December 5, 2012
ISLA216P13IRZ INTERSIL-ISLA216P13IRZ Datasheet
1,010Kb / 35P
   16-Bit, 250MSPS/200MSPS/130MSPS ADC
December 10, 2012
logo
Renesas Technology Corp
ISLA214P RENESAS-ISLA214P Datasheet
1Mb / 35P
   14-Bit, 250MSPS/200MSPS/130MSPS ADC
ISLA224P RENESAS-ISLA224P Datasheet
1Mb / 34P
   Dual 14-Bit, 250MSPS/200MSPS/130MSPS ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com