Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KAD5510P-50_0910 Datasheet(PDF) 1 Page - Intersil Corporation

Part # KAD5510P-50_0910
Description  10-Bit, 500MSPS A/D Converter
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

KAD5510P-50_0910 Datasheet(HTML) 1 Page - Intersil Corporation

  KAD5510P-50_0910 Datasheet HTML 1Page - Intersil Corporation KAD5510P-50_0910 Datasheet HTML 2Page - Intersil Corporation KAD5510P-50_0910 Datasheet HTML 3Page - Intersil Corporation KAD5510P-50_0910 Datasheet HTML 4Page - Intersil Corporation KAD5510P-50_0910 Datasheet HTML 5Page - Intersil Corporation KAD5510P-50_0910 Datasheet HTML 6Page - Intersil Corporation KAD5510P-50_0910 Datasheet HTML 7Page - Intersil Corporation KAD5510P-50_0910 Datasheet HTML 8Page - Intersil Corporation KAD5510P-50_0910 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
1
®
FN6811.2
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
FemtoCharge is a trademark of Kenet Inc. Copyright Intersil Americas Inc. 2008, 2009. All Rights Reserved
All other trademarks mentioned are the property of their respective owners.
KAD5510P-50
10-Bit, 500MSPS A/D Converter
The KAD5510P-50 is a low-power, high-performance, 10-bit,
500MSPS analog-to-digital converter designed with Intersil’s
proprietary FemtoCharge™ technology on a standard
CMOS process. The KAD5510P-50 is part of a
pin-compatible portfolio of 10, 12 and 14-bit A/Ds with
sample rates ranging from 125MSPS to 500MSPS.
The device utilizes two time-interleaved 10-bit, 250MSPS
A/D cores to achieve the ultimate sample rate of 500MSPS.
A single 500MHz conversion clock is presented to the
converter, and all interleave clocking is managed internally.
A serial peripheral interface (SPI) port allows for extensive
configurability, as well as fine control of matching
characteristics (gain, offset, skew) between the two
converter cores. These adjustments allow the user to
minimize spurs associated with the interleaving process.
Digital output data is presented in selectable LVDS or CMOS
formats. The KAD5510P-50 is available in a 72-contact QFN
package with an exposed paddle. Performance is specified
over the full industrial temperature range (-40°C to +85°C).
Features
• Programmable Gain, Offset and Skew Control
• 1.3GHz Analog Input Bandwidth
• 60fs Clock Jitter
• Over-Range Indicator
• Selectable Clock Divider:
÷1 or ÷2
• Clock Phase Selection
• Nap and Sleep Modes
• Two’s Complement, Gray Code or Binary Data Format
• DDR LVDS-Compatible or LVCMOS Outputs
• Programmable Built-in Test Patterns
• Single-Supply 1.8V Operation
• Pb-Free (RoHS Compliant)
Applications
• Radar and Satellite Antenna Array Processing
• Broadband Communications
• High-Performance Data Acquisition
Key Specifications
• SNR = 60.7dBFS for fIN = 105MHz (-1dBFS)
• SFDR = 83.2dBc for fIN = 105MHz (-1dBFS)
• Power Consumption = 414mW
Pin-Compatible Family
MODEL
RESOLUTION
SPEED
(MSPS)
KAD5514P-25
14
250
KAD5514P-21
14
210
KAD5514P-17
14
170
KAD5514P-12
14
125
KAD5512P-50
12
500
KAD5512P-25, KAD5512HP-25
12
250
KAD5512P-21, KAD5512HP-21
12
210
KAD5512P-17, KAD5512HP-17
12
170
KAD5512P-12, KAD5512HP-12
12
125
KAD5510P-50
10
500
DIGITAL
ERROR
CORRECTION
SHA
1.25V
VINP
VINN
10-BIT
250 MSPS
ADC
CLOCK GENERATION
&
INTERLEAVE CONTROL
SHA
10-BIT
250 MSPS
ADC
CLKP
CLKN
SPI
CONTROL
VREF
CLKOUTP
CLKOUTN
D[9:0]P
D[9:0]N
ORP
ORN
OUTFMT
OUTMODE
+
VCM
VREF
Data Sheet
October 8, 2009


Similar Part No. - KAD5510P-50_0910

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
KAD5510P-50 INTERSIL-KAD5510P-50_09 Datasheet
633Kb / 27P
   10-Bit, 500MSPS A/D Converter
More results

Similar Description - KAD5510P-50_0910

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISLA110P50 INTERSIL-ISLA110P50 Datasheet
1,007Kb / 35P
   10-Bit, 500MSPS A/D Converter
logo
List of Unclassifed Man...
KAD5510P-50 ETC2-KAD5510P-50 Datasheet
676Kb / 28P
   10-Bit, 500MSPS A/D Converter
logo
Intersil Corporation
ISLA110P50 INTERSIL-ISLA110P50_11 Datasheet
1Mb / 34P
   10-Bit, 500MSPS A/D Converter
KAD5510P-50 INTERSIL-KAD5510P-50_09 Datasheet
633Kb / 27P
   10-Bit, 500MSPS A/D Converter
logo
Renesas Technology Corp
KAD5510P-50 RENESAS-KAD5510P-50 Datasheet
1Mb / 30P
   10-Bit, 500MSPS A/D Converter
logo
Intersil Corporation
ISLA110P50IRZ INTERSIL-ISLA110P50IRZ Datasheet
1Mb / 34P
   10-Bit, 500MSPS A/D Converter
July 25, 2011
KAD5510P-50 INTERSIL-KAD5510P-50 Datasheet
430Kb / 26P
   10-Bit, 500MSPS A/D Converter
logo
Renesas Technology Corp
ISLA110P50 RENESAS-ISLA110P50 Datasheet
1Mb / 34P
   10-Bit, 500MSPS A/D Converter
logo
Intersil Corporation
KAD5512P-50_0910 INTERSIL-KAD5512P-50_0910 Datasheet
836Kb / 30P
   12-Bit, 500MSPS A/D Converter
ISLA118P50IRZ INTERSIL-ISLA118P50IRZ Datasheet
1Mb / 34P
   8-Bit, 500MSPS A/D Converter
July 25, 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com