Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KAD5510P-25Q48 Datasheet(PDF) 7 Page - Intersil Corporation

Part # KAD5510P-25Q48
Description  Low Power 10-Bit, 250/210/170/125MSPS ADC
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

KAD5510P-25Q48 Datasheet(HTML) 7 Page - Intersil Corporation

Back Button KAD5510P-25Q48 Datasheet HTML 3Page - Intersil Corporation KAD5510P-25Q48 Datasheet HTML 4Page - Intersil Corporation KAD5510P-25Q48 Datasheet HTML 5Page - Intersil Corporation KAD5510P-25Q48 Datasheet HTML 6Page - Intersil Corporation KAD5510P-25Q48 Datasheet HTML 7Page - Intersil Corporation KAD5510P-25Q48 Datasheet HTML 8Page - Intersil Corporation KAD5510P-25Q48 Datasheet HTML 9Page - Intersil Corporation KAD5510P-25Q48 Datasheet HTML 10Page - Intersil Corporation KAD5510P-25Q48 Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 31 page
background image
KAD5510P
7
FN7693.2
May 2, 2011
1.8V Digital Supply
Current (DDR)
(Note 5)
I
OVDD
3mA LVDS
39
45
38
45
36
40
35
40
mA
Power Supply
Rejection Ratio
PSRR
30MHz, 200mVP-P
signal on AVDD
-36
-36
-36
-36
dB
Total Power Dissipation
Normal Mode (DDR)
PD
3mA LVDS
234
254
219
242
204
220
189
205
mW
Nap Mode
PD
84
95
80
91
78
88
74
84
mW
Sleep Mode
PD
CSB at logic high
2
6
2
6
2
6
2
6
mW
Nap Mode Wakeup
Time (Note 6)
Sample Clock
Running
11
1
1
µs
Sleep Mode Wakeup
Time
(Note 6)
Sample Clock
Running
11
1
1
ms
AC SPECIFICATIONS
Differential
Nonlinearity
DNL
-0.5
±0.12
0.5
-0.5
±0.17
0.5
-0.5
±0.17
0.5
-0.5
±0.17
0.5
LSB
Integral Nonlinearity
INL
-0.75
±0.2
0.75 -0.75
±0.3
0.75 -0.75 ±0.3
0.75 -0.75 ±0.3
0.75
LSB
Minimum
Conversion Rate
(Note 7)
fS MIN
40
40
40
40
MSPS
Maximum
Conversion Rate
fS MAX
250
210
170
125
MSPS
Signal-to-Noise
Ratio
SNR
fIN = 10MHz
60.8
60.8
61.0
61.0
dBFS
fIN = 105MHz
59.5
60.7
60.0
60.9
60.2
61.0
60.2
61.0
dBFS
fIN = 190MHz
60.6
60.8
60.9
60.9
dBFS
fIN = 364MHz
60.5
60.6
60.7
60.7
dBFS
fIN = 695MHz
59.9
60.0
60.1
60.0
dBFS
fIN = 995MHz
59.1
59.2
59.3
59.2
dBFS
Signal-to-Noise and
Distortion
SINAD
fIN = 10MHz
60.7
60.8
60.9
61.0
dBFS
fIN = 105MHz
59.3
60.7
59.9
60.9
60.0
60.9
60.0
61.0
dBFS
fIN = 190MHz
60.5
60.8
60.8
60.9
dBFS
fIN = 364MHz
60.4
60.5
60.6
60.4
dBFS
fIN = 695MHz
56.5
57.3
56.9
56.6
dBFS
fIN = 995MHz
49.8
46.9
47.7
49.1
dBFS
Effective Number of
Bits
ENOB
fIN = 10MHz
9.8
9.8
9.8
9.8
Bits
fIN = 105MHz
9.5
9.8
9.6
9.8
9.6
9.8
9.6
9.8
Bits
fIN = 190MHz
9.8
9.8
9.8
9.8
Bits
fIN = 364MHz
9.7
9.8
9.8
9.7
Bits
fIN = 695MHz
9.1
9.2
9.2
9.1
Bits
fIN = 995MHz
8.0
7.5
7.6
7.9
Bits
Electrical Specifications All specifications apply under the following conditions unless otherwise noted: AVDD = 1.8V,
OVDD = 1.8V, TA = -40°C to +85°C (typical specifications at +25°C), AIN = -1dBFS, fSAMPLE = Maximum Conversion Rate (per speed grade).
Boldface limits apply over the operating temperature range, -40°C to +85°C. (Continued)
PARAMETER
SYMBOL
CONDITIONS
KAD5510P-25
KAD5510P-21
KAD5510P-17
KAD5510P-12
UNITS
MIN
TYP
MAX MIN
TYP
MAX MIN
TYP
MAX MIN
TYP
MAX


Similar Part No. - KAD5510P-25Q48

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
KAD5510P-25Q48 INTERSIL-KAD5510P-25Q48 Datasheet
1Mb / 31P
   Low Power 10-Bit, 250/210/170/125MSPS ADC
KAD5510P-25Q48 INTERSIL-KAD5510P-25Q48 Datasheet
1Mb / 31P
   Low Power 10-Bit, 250/210/170/125MSPS ADC
May 2, 2011
logo
Renesas Technology Corp
KAD5510P-25Q48 RENESAS-KAD5510P-25Q48 Datasheet
1Mb / 31P
   Low Power 10-Bit, 250/210/170/125MSPS ADC
More results

Similar Description - KAD5510P-25Q48

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
KAD5510P RENESAS-KAD5510P Datasheet
1Mb / 31P
   Low Power 10-Bit, 250/210/170/125MSPS ADC
logo
Intersil Corporation
KAD5510P INTERSIL-KAD5510P_11 Datasheet
1Mb / 31P
   Low Power 10-Bit, 250/210/170/125MSPS ADC
KAD5510P-25Q48 INTERSIL-KAD5510P-25Q48 Datasheet
1Mb / 31P
   Low Power 10-Bit, 250/210/170/125MSPS ADC
May 2, 2011
logo
List of Unclassifed Man...
KAD5512P ETC2-KAD5512P Datasheet
746Kb / 31P
   Low Power 12-Bit, 250/210/170/125MSPS ADC
logo
Intersil Corporation
KAD5512P INTERSIL-KAD5512P Datasheet
1Mb / 36P
   Low Power 12-Bit, 250/210/170/125MSPS ADC
logo
Renesas Technology Corp
KAD5512P RENESAS-KAD5512P Datasheet
1Mb / 36P
   Low Power 12-Bit, 250/210/170/125MSPS ADC
logo
Intersil Corporation
KAD5512P INTERSIL-KAD5512P_09 Datasheet
642Kb / 32P
   Low Power 12-Bit, 250/210/170/125MSPS ADC
KAD5514P INTERSIL-KAD5514P Datasheet
778Kb / 32P
   14-Bit, 250/210/170/125MSPS ADC
KAD5514P_0909 INTERSIL-KAD5514P_0909 Datasheet
805Kb / 34P
   14-Bit, 250/210/170/125MSPS ADC
logo
Renesas Technology Corp
KAD5514P RENESAS-KAD5514P Datasheet
1Mb / 34P
   14-Bit, 250/210/170/125MSPS ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com