Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BA3258HFP Datasheet(PDF) 1 Page - Rohm

Part # BA3258HFP
Description  Dual Output Secondary Fixed Output LDO Regulators
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA3258HFP Datasheet(HTML) 1 Page - Rohm

  BA3258HFP Datasheet HTML 1Page - Rohm BA3258HFP Datasheet HTML 2Page - Rohm BA3258HFP Datasheet HTML 3Page - Rohm BA3258HFP Datasheet HTML 4Page - Rohm BA3258HFP Datasheet HTML 5Page - Rohm BA3258HFP Datasheet HTML 6Page - Rohm BA3258HFP Datasheet HTML 7Page - Rohm BA3258HFP Datasheet HTML 8Page - Rohm BA3258HFP Datasheet HTML 9Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1/8
www.rohm.com
2011.03 - Rev.B
© 2011 ROHM Co., Ltd. All rights reserved.
Secondary LDO Regulators
Dual Output
Secondary Fixed Output LDO Regulators
BA3258HFP, BA33D15HFP, BA33D18HFP
Description
The BA3258HFP, BA33D15HFP, BA33D18HFP are fixed 2-output low-saturation regulators with a voltage accuracy at both
outputs of
2%. These series incorporate both overcurrent protection and thermal shutdown (TSD) circuits in order to
prevent damage due to output short-circuiting and overloading, respectively.
Features
1) Output voltage accuracy:
2%.
2) Output current capacity: 1A (BA3258HFP), 0.5A (BA33D□□ Series)
3) A ceramic capacitor can be used to prevent output oscillation (BA3258HFP).
4) High Ripple Rejection (BA33D□□ Series)
5) Built-in thermal shutdown circuit
6) Built-in overcurrent protection circuit
Applications
FPDs, TVs, PCs, DSPs in DVDs and CDs
Product Lineup
Part Number
Output voltage
Vo1
Output voltage
Vo2
Current capability
Io1
Current capability
Io2
Package
BA3258HFP
3.3 V
1.5 V
1 A
1 A
HRP5
BA33D15HFP
3.3 V
1.5 V
0.5 A
0.5 A
HRP5
BA33D18HFP
3.3 V
1.8 V
0.5 A
0.5 A
HRP5
Absolute Maximum Ratings
BA3258HFP
BA33D□□ Series
Parameter
Symbol
Ratings
Unit
Parameter
Symbol
Ratings
Unit
Applied voltage
VCC
15
*1
V
Applied voltage
VCC
18
*1
V
Power dissipation
Pd
2300
*2
mW
Power dissipation
Pd
2300
*2
mW
Operating
temperature range
Topr
−30 to 85
Operating
temperature range
Topr
−25 to 105
Ambient storage
temperature
Tstg
−55 to 150
Ambient storage
temperature
Tstg
−55 to 150
Maximum junction
temperature
Tjmax
150
Maximum junction
temperature
Tjmax
150
*1 Must not exceed Pd
*2. Derated at 18.4 mW/℃ at Ta>25℃ when mounted on a glass epoxy board (70 mm
 70 mm  1.6 mm)
Recommended Operating Conditions
BA3258HFP
BA33D□□Series
Parameter
Symbol
Ratings
Unit
Parameter
Symbol
Ratings
Unit
Min. Typ. Max.
Min. Typ. Max.
Input power supply
voltage
VCC
4.75
-
14.0
V
Input power supply
voltage
VCC
4.1
-
16.0
V
3.3 V output current
Io1
-
-
1
A
3.3 V output current
Io1
-
-
0.5
A
1.5 V output current
Io2
-
-
1
A
1.5V output current
Io2
-
-
0.5
A
1.8 V output current
Io2
-
-
0.5
A
No.11026EBT01


Similar Part No. - BA3258HFP

ManufacturerPart #DatasheetDescription
logo
Rohm
BA3258HFP ROHM-BA3258HFP Datasheet
210Kb / 2P
   Dual Low Drop Out Regulator Ceramic Capacitor Available
BA3258HFP ROHM-BA3258HFP Datasheet
189Kb / 6P
   Dual Low-Dropout Voltage Regulator
BA3258HFP ROHM-BA3258HFP Datasheet
357Kb / 9P
   Dual-output Secondary Fixed Output LDO Regulators for Local Power Supplies
BA3258HFP ROHM-BA3258HFP Datasheet
407Kb / 18P
   Dual Output Fixed Output LDO Regulators
BA3258HFP-TR ROHM-BA3258HFP-TR Datasheet
407Kb / 18P
   Dual Output Fixed Output LDO Regulators
More results

Similar Description - BA3258HFP

ManufacturerPart #DatasheetDescription
logo
Rohm
BA15JC5WT ROHM-BA15JC5WT Datasheet
351Kb / 11P
   Secondary Fixed Output LDO Regulators
BA3259HFP ROHM-BA3259HFP_11 Datasheet
341Kb / 11P
   Secondary Dual-Output (Fixed/Variable) LDO Regulators
BA33D18HFP-TR ROHM-BA33D18HFP-TR Datasheet
407Kb / 18P
   Dual Output Fixed Output LDO Regulators
BA3258HFP ROHM-BA3258HFP_09 Datasheet
357Kb / 9P
   Dual-output Secondary Fixed Output LDO Regulators for Local Power Supplies
BA3259HFP ROHM-BA3259HFP_09 Datasheet
383Kb / 10P
   Dual-output Secondary Fixed/Variable Output LDO Regulators for Local Power Supplies
BA3259HFP ROHM-BA3259HFP_12 Datasheet
441Kb / 19P
   Dual-Output (Fixed/Variable) LDO Regulators
BA33E00WHFP-TR ROHM-BA33E00WHFP-TR Datasheet
441Kb / 19P
   Dual-Output (Fixed/Variable) LDO Regulators
BD80C0AFPS ROHM-BD80C0AFPS_10 Datasheet
418Kb / 13P
   Standard Fixed Output LDO Regulators
BA03CC0WT ROHM-BA03CC0WT_11 Datasheet
328Kb / 12P
   Standard Fixed Output LDO Regulators
BD15HC0WEFJ ROHM-BD15HC0WEFJ Datasheet
495Kb / 21P
   1A Fixed Output LDO Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com