Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KAD5512HP-17Q48 Datasheet(PDF) 4 Page - Intersil Corporation

Part # KAD5512HP-17Q48
Description  High Performance 12-Bit, 250/210/170/125MSPS ADC
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

KAD5512HP-17Q48 Datasheet(HTML) 4 Page - Intersil Corporation

  KAD5512HP-17Q48 Datasheet HTML 1Page - Intersil Corporation KAD5512HP-17Q48 Datasheet HTML 2Page - Intersil Corporation KAD5512HP-17Q48 Datasheet HTML 3Page - Intersil Corporation KAD5512HP-17Q48 Datasheet HTML 4Page - Intersil Corporation KAD5512HP-17Q48 Datasheet HTML 5Page - Intersil Corporation KAD5512HP-17Q48 Datasheet HTML 6Page - Intersil Corporation KAD5512HP-17Q48 Datasheet HTML 7Page - Intersil Corporation KAD5512HP-17Q48 Datasheet HTML 8Page - Intersil Corporation KAD5512HP-17Q48 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 34 page
background image
4
FN6808.3
October 1, 2009
Absolute Maximum Ratings
Thermal Information
AVDD to AVSS . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.4V to 2.1V
OVDD to OVSS . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.4V to 2.1V
AVSS to OVSS. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to 0.3V
Analog Inputs to AVSS. . . . . . . . . . . . . . . . . . -0.4V to AVDD + 0.3V
Clock Inputs to AVSS. . . . . . . . . . . . . . . . . . . -0.4V to AVDD + 0.3V
Logic Inputs to AVSS . . . . . . . . . . . . . . . . . . . -0.4V to OVDD + 0.3V
Logic Inputs to OVSS. . . . . . . . . . . . . . . . . . . -0.4V to OVDD + 0.3V
Thermal Resistance (Typical, Note 3)
θJA (°C/W)
48 Ld QFN . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
25
72 Ld QFN . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
24
Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . . -65°C to +150°C
Junction Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +150°C
Pb-Free Reflow Profile. . . . . . . . . . . . . . . . . . . . . . . . .see link below
http://www.intersil.com/pbfree/Pb-FreeReflow.asp
Operating Conditions
Temperature Range . . . . . . . . . . . . . . . . . . . . . . . . . . -40°C to +85°C
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product reliability and
result in failures not covered by warranty.
NOTE:
3.
θJA is measured in free air with the component mounted on a high effective thermal conductivity test board with “direct attach” features. See
Tech Brief TB379.
Electrical Specifications All specifications apply under the following conditions unless otherwise noted: AVDD = 1.8V, OVDD = 1.8V,
TA = -40°C to +85°C (typical specifications at +25°C), AIN = -1dBFS, fSAMPLE = Maximum Conversion Rate
(per speed grade).
PARAMETER
SYMBOL
CONDITIONS
KAD5512HP-25
(Note 4)
KAD5512HP-21
(Note 4)
KAD5512HP-17
(Note 4)
KAD5512HP-12
(Note 4)
UNITS
MIN
TYP
MAX MIN
TYP
MAX MIN
TYP
MAX MIN
TYP
MAX
DC SPECIFICATIONS
Analog Input
Full-Scale Analog
Input Range
VFS
Differential
1.40
1.47
1.54
1.40
1.47
1.54
1.40
1.47
1.54
1.40
1.47
1.54
VP-P
Input Resistance
RIN
Differential
500
500
500
500
Ω
Input Capacitance
CIN
Differential
2.6
2.6
2.6
2.6
pF
Full Scale Range
Temp. Drift
AVTC
Full Temp
90
90
90
90
ppm/°C
Input Offset Voltage
VOS
-10
±2
10
-10
±2
10
-10
±2
10
-10
±2
10
mV
Gain Error
EG
±2
±2
±2
±2
%
Common-Mode
Output Voltage
VCM
0.535
0.535
0.535
0.535
V
Clock Inputs
Inputs Common
Mode Voltage
0.9
0.9
0.9
0.9
V
CLKP,CLKN Input
Swing
1.8
1.8
1.8
1.8
V
Power Requirements
1.8V Analog Supply
Voltage
AVDD
1.7
1.8
1.9
1.7
1.8
1.9
1.7
1.8
1.9
1.7
1.8
1.9
V
1.8V Digital Supply
Voltage
OVDD
1.7
1.8
1.9
1.7
1.8
1.9
1.7
1.8
1.9
1.7
1.8
1.9
V
1.8V Analog Supply
Current
IAVDD
170
180
157
166
145
153
129
137
mA
1.8V Digital Supply
Current (SDR)
(Note 5)
IOVDD
3mA LVDS
68
76
66
74
64
72
62
70
mA
KAD5512HP


Similar Part No. - KAD5512HP-17Q48

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
KAD5512HP-17Q48 ETC2-KAD5512HP-17Q48 Datasheet
740Kb / 31P
   High Performance 12-Bit, 250/210/170/125MSPS ADC
logo
Intersil Corporation
KAD5512HP-17Q48 INTERSIL-KAD5512HP-17Q48 Datasheet
514Kb / 30P
   High Performance 12-Bit, 250/210/170/125MSPS ADC
KAD5512HP-17Q48 INTERSIL-KAD5512HP-17Q48 Datasheet
684Kb / 32P
   High Performance 12-Bit, 250/210/170/125MSPS ADC
KAD5512HP-17Q48 INTERSIL-KAD5512HP-17Q48 Datasheet
935Kb / 34P
   High Performance 12-Bit, 250/210/170/125MSPS ADC
October 1, 2009
logo
Renesas Technology Corp
KAD5512HP-17Q48 RENESAS-KAD5512HP-17Q48 Datasheet
1Mb / 34P
   High Performance 12-Bit, 250/210/170/125MSPS ADC
More results

Similar Description - KAD5512HP-17Q48

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
KAD5512HP-25Q72 INTERSIL-KAD5512HP-25Q72 Datasheet
935Kb / 34P
   High Performance 12-Bit, 250/210/170/125MSPS ADC
October 1, 2009
logo
Renesas Technology Corp
KAD5512HP RENESAS-KAD5512HP Datasheet
1Mb / 34P
   High Performance 12-Bit, 250/210/170/125MSPS ADC
logo
Intersil Corporation
KAD5512HP INTERSIL-KAD5512HP Datasheet
514Kb / 30P
   High Performance 12-Bit, 250/210/170/125MSPS ADC
KAD5512HP INTERSIL-KAD5512HP_09 Datasheet
684Kb / 32P
   High Performance 12-Bit, 250/210/170/125MSPS ADC
logo
List of Unclassifed Man...
KAD5512HP ETC2-KAD5512HP Datasheet
740Kb / 31P
   High Performance 12-Bit, 250/210/170/125MSPS ADC
KAD5512P ETC2-KAD5512P Datasheet
746Kb / 31P
   Low Power 12-Bit, 250/210/170/125MSPS ADC
logo
Intersil Corporation
KAD5512P INTERSIL-KAD5512P Datasheet
1Mb / 36P
   Low Power 12-Bit, 250/210/170/125MSPS ADC
logo
Renesas Technology Corp
KAD5512P RENESAS-KAD5512P Datasheet
1Mb / 36P
   Low Power 12-Bit, 250/210/170/125MSPS ADC
logo
Intersil Corporation
KAD5512P INTERSIL-KAD5512P_09 Datasheet
642Kb / 32P
   Low Power 12-Bit, 250/210/170/125MSPS ADC
KAD5514P INTERSIL-KAD5514P Datasheet
778Kb / 32P
   14-Bit, 250/210/170/125MSPS ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com