Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BA3472RFVM Datasheet(PDF) 8 Page - Rohm

Part # BA3472RFVM
Description  High Speed with High Voltage Operational Amplifiers
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA3472RFVM Datasheet(HTML) 8 Page - Rohm

Back Button BA3472RFVM Datasheet HTML 4Page - Rohm BA3472RFVM Datasheet HTML 5Page - Rohm BA3472RFVM Datasheet HTML 6Page - Rohm BA3472RFVM Datasheet HTML 7Page - Rohm BA3472RFVM Datasheet HTML 8Page - Rohm BA3472RFVM Datasheet HTML 9Page - Rohm BA3472RFVM Datasheet HTML 10Page - Rohm BA3472RFVM Datasheet HTML 11Page - Rohm BA3472RFVM Datasheet HTML 12Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
Technical Note
8/20
www.rohm.com
2011.08 - Rev.B
© 2011 ROHM Co., Ltd. All rights reserved.
BA3472F,BA3472FV,BA3472FVM,BA3472RFVM,
BA3474F,BA3474FV,BA3474RFV
-5
-4
-3
-2
-1
0
1
2
3
4
5
-20
-15
-10
-5
0
5
10
15
COMMON MODE INPUT VOLTAGE[V]
0
5
10
15
20
25
30
35
40
0
1020
3040
SUPPLY VOLTAGE[V]
0
5
10
15
20
25
30
35
40
-50
-25
0
25
50
75
100
AMBIENT TEMPERATURE [℃]
0
2
4
6
8
10
12
-50
-25
0
25
50
75
100
AMBIENT TEMPERATURE [℃]
0.0
0.2
0.4
0.6
0.8
1.0
0
1020
3040
SUPPLY VOLTAGE[V]
0.0
0.2
0.4
0.6
0.8
1.0
-50 -25
0
25
50
75 100 125 150
AMBIENT TEMPERATURE [℃]
-3
-2
-1
0
1
2
3
0
5
10
15
20
25
30
35
40
SUPPLY VOLTAGE[V]
Fig.24
ディレーティングカーブ
Fig.25
回路電流 - 電源電圧特性
Fig.26
回路電流 - 温度特性
Fig.27
High レベル出力電圧-電源電圧特性
(RL=10[kΩ])
Fig.28
High レベル出力電圧-温度特性
(RL=10[kΩ])
Fig.29
Low レベル出力電圧-電源電圧特性
(RL=10[kΩ])
Fig.30
Low レベル出力電圧-温度特性
(RL=10[kΩ])
Fig.31
出力ソース電流-VCC-VOUT電圧差特性
(VCC/VEE=5[V]/0[V])
Fig.32
出力シンク電流-VOUT-VEE電圧差特性
(VCC/VEE=5[V]/0[V])
Fig.33
入力オフセット電圧-同相入力電圧特性
(VCC/VEE=15[V]/-15[V])
Fig.34
入力オフセット電圧-電源電圧特性
Fig.35
入力オフセット電圧-温度特性
0.1
1.0
10.0
100.0
0
0.5
11.5
22.5
3
VCC-VOUT電圧差[V]
5V
-3
-2
-1
0
1
2
3
-50
-25
0
25
50
75
100
AMBIENT TEMPERATURE[℃]
36V
30V
5V
0.1
1.0
10.0
100.0
0 0.5 11.522.5 33.54 4.55
VOUT-VEE電圧差[V]
-40℃
25℃
85℃
3V
30V
36V
5V
36V
3V
30V
5V
3V
30V
36V
0
2
4
6
8
10
12
0
5
10
15
20
25
30
35
40
SUPPLY VOLTAGE [V]
25℃
85℃
-40℃
25℃
85℃
-40℃
-40℃
25℃
85℃
-40℃
25℃
85℃
85℃
25℃
-40℃
85℃
25℃
-40℃
BA3474 ファミリ
BA3474 ファミリ
BA3474 ファミリ
BA3474 ファミリ
BA3474 ファミリ
BA3474 ファミリ
BA3474 ファミリ
BA3474 ファミリ
BA3474 ファミリ
BA3474 ファミリ
BA3474 ファミリ
0
200
400
600
800
1000
0
25
50
75
100
125
AMBIENT TEMPERATURE[℃]
BA3474F
BA3474FV
85
BA3474 ファミリ
BA3474 family
Reference Data BA3474 family
BA3474 family
BA3474 family
BA3474 family
BA3474 family
BA3474 family
BA3474 family
BA3474 family
BA3474 family
BA3474 family
Fig.24
Derating Curve
Fig.25
Supply Current - Supply Voltage
Fig.26
Supply Current - Ambient Temperature
Fig.27
High level Output Voltage
- Supply Voltage
(RL=10[kΩ])
Fig.28
High level Output Voltage
- Ambient Temperature
(RL=10[kΩ])
Fig.29
Low level Output Voltage
- Supply Voltage
(RL=10[kΩ])
Fig.30
Low level Output Voltage
-
Ambient Temperature
(RL=10[kΩ])
Fig.31
Output Source Current - (VCC-VOUT)
(VCC/VEE=5[V]/0[V])
Fig.32
Output Source Current - (VOUT-VEE)
(VCC/VEE=5[V]/0[V])
Fig.34
Input Offset Voltage - Supply voltage
Fig.35
Input Offset Voltage -Ambient Temperature
VCC-VOUT [V]
VOUT-VEE [V]
BA3474 family
BA3474 family
Fig.33
Input Offset Voltage
- Common Model Input Voltage
(VCC/VEE=15[V]/-15[V])
(*)The data above is ability value of sample, it is not guaranteed


Similar Part No. - BA3472RFVM

ManufacturerPart #DatasheetDescription
logo
Rohm
BA3472RFVM ROHM-BA3472RFVM Datasheet
615Kb / 41P
   High Speed with High Voltage Operational Amplifiers
BA3472RFVM ROHM-BA3472RFVM Datasheet
1Mb / 40P
   High Speed with High Voltage Operational Amplifiers
BA3472RFVM-TR ROHM-BA3472RFVM-TR Datasheet
615Kb / 41P
   High Speed with High Voltage Operational Amplifiers
BA3472RFVM-TR ROHM-BA3472RFVM-TR Datasheet
694Kb / 32P
   High Speed with High Voltage Operational Amplifiers
BA3472RFVM-TR ROHM-BA3472RFVM-TR Datasheet
1Mb / 40P
   High Speed with High Voltage Operational Amplifiers
More results

Similar Description - BA3472RFVM

ManufacturerPart #DatasheetDescription
logo
Rohm
BA3472FE2 ROHM-BA3472FE2 Datasheet
694Kb / 32P
   High Speed with High Voltage Operational Amplifiers
BA3472 ROHM-BA3472 Datasheet
615Kb / 41P
   High Speed with High Voltage Operational Amplifiers
BA3474F-E2 ROHM-BA3474F-E2 Datasheet
1Mb / 40P
   High Speed with High Voltage Operational Amplifiers
BU7291G ROHM-BU7291G Datasheet
605Kb / 27P
   High Speed with Low Voltage CMOS Operational Amplifiers
BU5281G-TR ROHM-BU5281G-TR Datasheet
608Kb / 27P
   High Speed with Low Voltage CMOS Operational Amplifiers
BA3472F ROHM-BA3472F_09 Datasheet
601Kb / 10P
   Operational Amplifiers: High Speed
logo
Texas Instruments
TLV2342 TI-TLV2342 Datasheet
519Kb / 34P
[Old version datasheet]   LinCMOSE LOW-VOLTAGE HIGH-SPEED OPERATIONAL AMPLIFIERS
TLV2342 TI1-TLV2342_15 Datasheet
1Mb / 43P
[Old version datasheet]   LinCMOSE LOW-VOLTAGE HIGH-SPEED OPERATIONAL AMPLIFIERS
logo
Rohm
BA3472YFC ROHM-BA3472YFC Datasheet
659Kb / 32P
   Automotive High Speed Operational Amplifiers
BA3472YFV-C ROHM-BA3472YFV-C Datasheet
750Kb / 32P
   Automotive High Speed Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com