Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KAD5514P-12Q48 Datasheet(PDF) 5 Page - Intersil Corporation

Part # KAD5514P-12Q48
Description  14-Bit, 250/210/170/125MSPS ADC
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

KAD5514P-12Q48 Datasheet(HTML) 5 Page - Intersil Corporation

  KAD5514P-12Q48 Datasheet HTML 1Page - Intersil Corporation KAD5514P-12Q48 Datasheet HTML 2Page - Intersil Corporation KAD5514P-12Q48 Datasheet HTML 3Page - Intersil Corporation KAD5514P-12Q48 Datasheet HTML 4Page - Intersil Corporation KAD5514P-12Q48 Datasheet HTML 5Page - Intersil Corporation KAD5514P-12Q48 Datasheet HTML 6Page - Intersil Corporation KAD5514P-12Q48 Datasheet HTML 7Page - Intersil Corporation KAD5514P-12Q48 Datasheet HTML 8Page - Intersil Corporation KAD5514P-12Q48 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 34 page
background image
5
FN6804.2
September 10, 2009
Total Power Dissipation
Normal Mode (SDR)
PD
3mA LVDS
429
463
402
433
378
406
345
376
mW
Normal Mode (DDR)
PD
3mA LVDS
390
363
339
309
mW
Nap Mode
PD
148
163
142
157
136
151
129
143
mW
Sleep Mode
PD
CSB at logic high
2
6
2
6
2
6
2
6
mW
Nap Mode Wakeup
Time (Note 5)
Sample Clock
Running
1111
µs
Sleep Mode Wakeup
Time
(Note 5)
Sample Clock
Running
1111
ms
AC SPECIFICATIONS
Differential
Nonlinearity
DNL
-1.0
±0.3
1.0
-1.0
±0.3
1.0
-1.0
±0.3
1.0
-1.0
±0.3
1.0
LSB
Integral Nonlinearity
INL
±3.5
±3.5
±3.5
±5.0
LSB
Minimum Conversion
Rate (Note 6)
fS MIN
40404040
MSPS
Maximum Conversion
Rate
fS MAX
250
210
170
125
MSPS
Signal-to-Noise Ratio
SNR
fIN = 10MHz
69.5
70.2
70.6
70.9
dBFS
fIN = 105MHz
66.9
69.4
67.4
70.2
68.1
70.4
68.4
70.7
dBFS
fIN = 190MHz
68.9
69.4
70.0
70.1
dBFS
fIN = 364MHz
67.6
68.1
68.9
68.7
dBFS
fIN = 695MHz
64.9
65.1
66.3
65.7
dBFS
fIN = 995MHz
62.6
62.9
64.1
63.4
dBFS
Signal-to-Noise and
Distortion
SINAD
fIN = 10MHz
69.4
70.2
70.5
70.7
dBFS
fIN = 105MHz
66.4
69.1
66.9
70.2
67.6
70.1
67.6
70.3
dBFS
fIN = 190MHz
68.4
69.1
69.4
69.7
dBFS
fIN = 364MHz
66.7
67.0
67.6
67.6
dBFS
fIN = 695MHz
59.0
58.9
60.1
59.9
dBFS
fIN = 995MHz
48.2
48.2
49.1
50.4
dBFS
Effective Number of
Bits
ENOB
fIN = 10MHz
11.2
11.4
11.4
11.5
Bits
fIN = 105MHz
10.8
11.2
10.9
11.4
11.0
11.4
11.0
11.4
Bits
fIN = 190MHz
11.1
11.2
11.2
11.3
Bits
fIN = 364MHz
10.8
10.8
10.9
10.9
Bits
fIN = 695MHz
9.5
9.5
9.7
9.7
Bits
fIN = 995MHz
7.7
7.7
7.9
8.1
Bits
Spurious-Free
Dynamic Range
SFDR
fIN = 10MHz
89.9
86.7
87.2
84.9
dBc
fIN = 105MHz
70.0
82.2
70.0
85.2
70.0
82.0
70.0
81.7
dBc
fIN = 190MHz
80.2
79.6
79.2
80.2
dBc
fIN = 364MHz
75.5
75.6
75.1
75.5
dBc
fIN = 695MHz
60.4
60.7
61.3
61.4
dBc
fIN = 995MHz
47.9
48.5
48.7
50.1
dBc
Electrical Specifications All specifications apply under the following conditions unless otherwise noted: AVDD = 1.8V, OVDD = 1.8V,
TA = -40°C to +85°C (typical specifications at +25°C), AIN = -1dBFS, fSAMPLE = Maximum Conversion Rate
(per speed grade). (Continued)
PARAMETER
SYMBOL
CONDITIONS
KAD5514P-25
(Note 7)
KAD5514P-21
(Note 7)
KAD5514P-17
(Note 7)
KAD5514P-12
(Note 7)
UNITS
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
KAD5514P


Similar Part No. - KAD5514P-12Q48

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
KAD5514P-12Q48 ETC2-KAD5514P-12Q48 Datasheet
686Kb / 31P
   14-bit, 250/210/170/125MSPS A/D Converter
logo
Intersil Corporation
KAD5514P-12Q48 INTERSIL-KAD5514P-12Q48 Datasheet
778Kb / 32P
   14-Bit, 250/210/170/125MSPS ADC
KAD5514P-12Q48 INTERSIL-KAD5514P-12Q48 Datasheet
802Kb / 34P
   14-Bit, 250/210/170/125MSPS ADC
September 10, 2009
logo
Renesas Technology Corp
KAD5514P-12Q48 RENESAS-KAD5514P-12Q48 Datasheet
1Mb / 34P
   14-Bit, 250/210/170/125MSPS ADC
More results

Similar Description - KAD5514P-12Q48

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
KAD5514P INTERSIL-KAD5514P Datasheet
778Kb / 32P
   14-Bit, 250/210/170/125MSPS ADC
logo
Renesas Technology Corp
KAD5514P RENESAS-KAD5514P Datasheet
1Mb / 34P
   14-Bit, 250/210/170/125MSPS ADC
logo
Intersil Corporation
KAD5514P-25Q72 INTERSIL-KAD5514P-25Q72 Datasheet
802Kb / 34P
   14-Bit, 250/210/170/125MSPS ADC
September 10, 2009
KAD5512HP_0910 INTERSIL-KAD5512HP_0910 Datasheet
932Kb / 34P
   High Performance 12-Bit, 250/210/170/125MSPS ADC
KAD5510P_1105 INTERSIL-KAD5510P_1105 Datasheet
1Mb / 31P
   Low Power 10-Bit, 250/210/170/125MSPS ADC
logo
List of Unclassifed Man...
KAD5512P ETC2-KAD5512P Datasheet
746Kb / 31P
   Low Power 12-Bit, 250/210/170/125MSPS ADC
logo
Intersil Corporation
KAD5512HP-25Q72 INTERSIL-KAD5512HP-25Q72 Datasheet
935Kb / 34P
   High Performance 12-Bit, 250/210/170/125MSPS ADC
October 1, 2009
logo
Renesas Technology Corp
KAD5510P RENESAS-KAD5510P Datasheet
1Mb / 31P
   Low Power 10-Bit, 250/210/170/125MSPS ADC
KAD5512HP RENESAS-KAD5512HP Datasheet
1Mb / 34P
   High Performance 12-Bit, 250/210/170/125MSPS ADC
logo
Intersil Corporation
KAD5510P INTERSIL-KAD5510P_11 Datasheet
1Mb / 31P
   Low Power 10-Bit, 250/210/170/125MSPS ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com