Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAJ6DD0WT Datasheet(PDF) 5 Page - Rohm

Part # BAJ6DD0WT
Description  Standard Fixed Output LDO Regulators
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BAJ6DD0WT Datasheet(HTML) 5 Page - Rohm

  BAJ6DD0WT Datasheet HTML 1Page - Rohm BAJ6DD0WT Datasheet HTML 2Page - Rohm BAJ6DD0WT Datasheet HTML 3Page - Rohm BAJ6DD0WT Datasheet HTML 4Page - Rohm BAJ6DD0WT Datasheet HTML 5Page - Rohm BAJ6DD0WT Datasheet HTML 6Page - Rohm BAJ6DD0WT Datasheet HTML 7Page - Rohm BAJ6DD0WT Datasheet HTML 8Page - Rohm BAJ6DD0WT Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Technical Note
5/11
www.rohm.com
2011.03 - Rev.C
© 2011 ROHM Co., Ltd. All rights reserved.
BA□□DD0T Series,BA□□CC0T Series,BA□□CC0FP Series
BA□□DD0WT Series,BA□□DD0HFP Series,BA□□CC0WT Series,BA□□CC0WFP Series
0
1
2
3
4
5
6
7
8
0
5
10
15
20
25
30
35
40
SUPPLY VOLTAGE : Vcc [V]
[BA50DD0WT]
0
2
4
6
8
130
140
150
160
170
180
190
AMBIENT TEMPERATURE : Ta [℃]
[BA50DD0WT]
0
1
2
3
4
5
6
7
8
02468 10 12 14 16 18 20 22 24
CONTROL VOLTAGE : VCTL [V]
[BA50DD0WT]
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
6.5
7.0
7.5
8.0
0 0.4 0.8 1.2 1.6 2 2.4 2.8 3.2 3.6 4 4.4 4.8
OUTPUT CURRENT : IOUT [A]
[BA50DD0WT]
0
100
200
300
400
500
600
700
800
0 0.2 0.4 0.6 0.8 1 1.2 1.4 1.6 1.8 2
OUTPUT CURRENT : IOUT [A]
[BA50DD0WT]
0
10
20
30
40
50
60
10
100
1000
10000 100000 1000000
FREQUENCY : f [Hz]
[BA50DD0WT]
4.8
4.9
5.0
5.1
5.2
-40 -20
0
20
40
60
80
100
AMBIENTTEMPERATURE [℃]
[BA50DD0WT]
0
20
40
60
80
100
120
140
160
180
200
0.0
0.5
1.0
1.5
2.0
OUTPUT CURRENT : IOUT [A]
[BA50DD0WT]
0
100
200
300
400
500
600
700
800
0246 8 10 12 14 16 18 20 22 24
CONTROL VOLYAGE:Vctl(V)
[BA50DD0WT]
0
1
2
3
4
5
6
02468 10 12 14 16 18 20 22 24
SUPPLY VOLTAGE : Vcc [V]
[BA50DD0WT]
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
6.5
7.0
7.5
8.0
02468 10 12 14 16 18 20 22 24
SUPPLY VOLTAGE : Vcc [V]
[BA50DD0WT]
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
6.5
7.0
7.5
8.0
02468 10 12 14 16 18 20 22 24
SUPPLY VOLTAGE : Vcc [V]
[BA50DD0WT]
Reference Data (Unless specified otherwise, Vcc=7.0V, Vo=5.0V, VCTL=3.0V, and Io=0mA)
BA□□DD0□□(BA50DD0WT)
Fig.22 CTL Voltage vs. Output Voltage
Fig.24 Thermal Shutdown
Circuit Characteristics
Fig.20 Circuit Current by Load Level
Fig.21 CTL Voltage vs. CTL Current
Fig.19 Temperature Characteristics
Fig.23 Overvoltage Operating
Fig.15 Input Stability (Io=2A)
Fig.13 Circuit Current
Fig.14 Input Stability
Fig.17 Input/Output Voltage Difference
Fig.16 Load Stability
Fig.18 Ripple Rejection Characteristics


Similar Part No. - BAJ6DD0WT

ManufacturerPart #DatasheetDescription
logo
Rohm
BAJ6DD0WT ROHM-BAJ6DD0WT Datasheet
402Kb / 6P
   2A Low Dropout Voltage Regulator with Shut Down Switch
BAJ6DD0WT ROHM-BAJ6DD0WT Datasheet
493Kb / 23P
   2A/1A Fixed OutputLDORegulators With ShutdownSwicth
BAJ6DD0WT ROHM-BAJ6DD0WT Datasheet
499Kb / 23P
   2A/1A Fixed Output LDO Regulators
BAJ6DD0WT ROHM-BAJ6DD0WT Datasheet
493Kb / 23P
   Low-saturation regulators, available for output s up to 2A/1A.
More results

Similar Description - BAJ6DD0WT

ManufacturerPart #DatasheetDescription
logo
Rohm
BD80C0AFPS ROHM-BD80C0AFPS_10 Datasheet
418Kb / 13P
   Standard Fixed Output LDO Regulators
BD33C0AWFP ROHM-BD33C0AWFP Datasheet
335Kb / 13P
   Standard Fixed Output LDO Regulators with Shutdown Switch
BA33D18HFP-TR ROHM-BA33D18HFP-TR Datasheet
407Kb / 18P
   Dual Output Fixed Output LDO Regulators
BA15JC5WT ROHM-BA15JC5WT Datasheet
351Kb / 11P
   Secondary Fixed Output LDO Regulators
BD15HC0WEFJ ROHM-BD15HC0WEFJ Datasheet
495Kb / 21P
   1A Fixed Output LDO Regulators
BA00DD0WCP-V5 ROHM-BA00DD0WCP-V5_10 Datasheet
353Kb / 10P
   Standard Variable Output LDO Regulators
BD80C0AFPS-M ROHM-BD80C0AFPS-M Datasheet
766Kb / 22P
   Single-Output LDO Regulator 1A Fixed Output LDO Regulators
BD80C0AFPS-LB ROHM-BD80C0AFPS-LB Datasheet
695Kb / 22P
   Single-Output LDO Regulator 1A Fixed Output LDO Regulators
BA3258HFP ROHM-BA3258HFP_11 Datasheet
307Kb / 9P
   Dual Output Secondary Fixed Output LDO Regulators
BA50BC0FP-E2 ROHM-BA50BC0FP-E2 Datasheet
512Kb / 19P
   1A Variable/Fixed Output LDO Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com