Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAJ0BC0WT-V5 Datasheet(PDF) 5 Page - Rohm

Part # BAJ0BC0WT-V5
Description  1A Secondary LDO Regulators for Local Power Supplies
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BAJ0BC0WT-V5 Datasheet(HTML) 5 Page - Rohm

  BAJ0BC0WT-V5 Datasheet HTML 1Page - Rohm BAJ0BC0WT-V5 Datasheet HTML 2Page - Rohm BAJ0BC0WT-V5 Datasheet HTML 3Page - Rohm BAJ0BC0WT-V5 Datasheet HTML 4Page - Rohm BAJ0BC0WT-V5 Datasheet HTML 5Page - Rohm BAJ0BC0WT-V5 Datasheet HTML 6Page - Rohm BAJ0BC0WT-V5 Datasheet HTML 7Page - Rohm BAJ0BC0WT-V5 Datasheet HTML 8Page - Rohm BAJ0BC0WT-V5 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
BA□□BC0 Series,BA□□BC0W Series,BA00BC0W Series
Technical Note
5/8
www.rohm.com
2010.02 - Rev.B
© 2010 ROHM Co., Ltd. All rights reserved.
Input / Output Equivalent Circuit Diagrams
Thermal Derating Curves
 TO220FP-3/TO220FP-5/TO220FP-5V5)
 TO252-3/TO252-5
Fig.18
Fig.19
The characteristics of the IC are greatly influenced by the operating temperature. If the temperature exceeds the maximum
junction temperature Tjmax, deterioration or damage may occur. Implement proper thermal designs to ensure that power
dissipation is within the permissible range in order to prevent instantaneous damage resulting from heat and maintain the
reliability of the IC for long-term operation.
The following method is used to calculate the power consumption Pc (W).
Pc = (Vcc – Vo)
 Io + Vcc  Icca
Power dissipation Pd ≥ Pc
The load current Io is calculated:
Calculation Example:
Vcc = 6.0 V and Vo = 5.0 V at Ta = 85°C
Refer to the above and implement proper thermal designs so that the IC will not be used under excessive power dissipation
conditions under the entire operating temperature range.
The power consumption Pc of the IC in the event of shorting (i.e. the Vo and GND pins are shorted) can be obtained from the
following equation:
Pc = Vcc
 (Icca + Ishort) (Ishort: short current).
0
15
25
20
10
5
25
50
75
125
150
100
0
AMBIENT TEMPERATURE:Ta [°C]
(1)20.0
(2)2.0
(2) During IC without heat sink operation.
j-a = 62.5 (°C/W)
(1) When using an infinite heat sink.
j-c = 6.25 (°C/W)
ja = 96.2°C/W → −10.4 mW/°C
25°C = 1300 mW → 85°C = 676 mW
31kΩ
2kΩ
27kΩ
CTL
Vcc
R2
R1
Vcc
OUT
Fig.16
Fig.17
Vcc : Input voltage
Vo
: Output current
IO
: Load current
Icca : Circuit current
* For the BA00BC0WT, connect R1 and
R2 externally between the C and GND
pins and between the OUT and C pins.
0
1.2
2.0
1.6
0.8
0.4
25
50
75
125
150
100
0
AMBIENT TEMPERATURE:Ta [°C]
1.30
IC mounted on a ROHM standard board
Board size: 70
 70  1.6 mm
Copper foil area: 7
 7 mm
TO252-5
ja=96.2 (°C/W)
TO252-3
ja=104.2 (°C/W)
TO252-5
TO252-3
Equation: VOUT = Vc
 (R1 + R2) / R1
(Vc = 1.25 V (Typ.))
The recommended R1 value is
approximately 30 k
 to 150 k.
Io ≤
Pd − Vcc
 Icca
Vcc − Vo
0.676 − 6.0
 Icca
6.0 − 5.0
Io ≤ 550 mA (Icca
 20 mA)


Similar Part No. - BAJ0BC0WT-V5

ManufacturerPart #DatasheetDescription
logo
Rohm
BAJ0BC0WT-V5 ROHM-BAJ0BC0WT-V5 Datasheet
372Kb / 6P
   1.0A Low-Dropout Voltage Regulator with Shut down Switch
More results

Similar Description - BAJ0BC0WT-V5

ManufacturerPart #DatasheetDescription
logo
Rohm
BAXXBC0 ROHM-BAXXBC0_10 Datasheet
392Kb / 10P
   1A Secondary LDO Regulators for Local Power Supplies
BD00HC0WEFJ ROHM-BD00HC0WEFJ Datasheet
491Kb / 12P
   1A Secondary Variable Output LDO Regulators for Local Power Supplies
BD00GC0WEFJ ROHM-BD00GC0WEFJ Datasheet
543Kb / 12P
   1A Secondary Variable Output LDO Regulators for Local Power Supplies
BDXXKA5 ROHM-BDXXKA5 Datasheet
364Kb / 10P
   500mA Secondary LDO Regulators for Local Power Supplies
BD10KASWFP ROHM-BD10KASWFP Datasheet
364Kb / 10P
   500mA Secondary LDO Regulators for Local Power Supplies
BAXXJC5 ROHM-BAXXJC5_09 Datasheet
381Kb / 10P
   1.5A Secondary LDO Regulators for Local Power Supplies
BD00HC5WEFJ ROHM-BD00HC5WEFJ Datasheet
492Kb / 12P
   1.5A Secondary Variable Output LDO Regulators for Local Power Supplies
BD00GA3WEFJ ROHM-BD00GA3WEFJ Datasheet
523Kb / 12P
   300mA Secondary Variable Output LDO Regulators for Local Power Supplies
BD00GA5WEFJ ROHM-BD00GA5WEFJ Datasheet
463Kb / 12P
   500mA Secondary Variable Output LDO Regulators for Local Power Supplies
BD00HA5WEFJ ROHM-BD00HA5WEFJ Datasheet
457Kb / 12P
   500mA Secondary Variable Output LDO Regulators for Local Power Supplies
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com