Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X9241A Datasheet(PDF) 7 Page - Intersil Corporation

Part # X9241A
Description  Quad Digital Controlled Potentionmeters (XDCP??
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X9241A Datasheet(HTML) 7 Page - Intersil Corporation

Back Button X9241A_07 Datasheet HTML 3Page - Intersil Corporation X9241A_07 Datasheet HTML 4Page - Intersil Corporation X9241A_07 Datasheet HTML 5Page - Intersil Corporation X9241A_07 Datasheet HTML 6Page - Intersil Corporation X9241A_07 Datasheet HTML 7Page - Intersil Corporation X9241A_07 Datasheet HTML 8Page - Intersil Corporation X9241A_07 Datasheet HTML 9Page - Intersil Corporation X9241A_07 Datasheet HTML 10Page - Intersil Corporation X9241A_07 Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
7
FN8164.6
August 31, 2007
NOTES:
1. 1/0 = data is one or zero
2. X = Not applicable or don’t care; that is, a data register is not involved in the operation and need not be addressed (typical).
XFR Data
Register to WCR
1
1
0
1
1/0
1/0
1/0
1/0
Transfer the contents of the Register pointed to by P1 to P0 and R1 to
R0 to its associated WCR
XFR WCR to
Data Register
1
1
1
0
1/0
1/0
1/0
1/0
Transfer the contents of the WCR pointed to by P1 to P0 to the Register
pointed to by R1 to R0
Global XFR
Data Register to
WCR
0
0
0
1
X
X
1/0
1/0
Transfer the contents of the Data Registers pointed to by R1 to R0 of all
four pots to their respective WCR
Global XFR
WCR to Data
Register
1
0
0
0
X
X
1/0
1/0
Transfer the contents of all WCRs to their respective data Registers
pointed to by R1 to R0 of all four pots
Increment/
Decrement
Wiper
0
0
1
0
1/0
1/0
X
X
Enable Increment/decrement of the WCR pointed to by P1 to P0
TABLE 1. INSTRUCTION SET (Continued)
INSTRUCTION
INSTRUCTION FORMAT
OPERATION
I3
I2
I1
I0
P1
P0
R1
R0
SCL FROM
DATA OUTPUT
FROM TRANSMITTER
1
89
STAR T
ACKNOWLEDGE
MASTER
DATA OUTPUT
FROM RECEIVER
FIGURE 7. ACKNOWLEDGE RESPONSE FROM RECEIVER
X9241A


Similar Part No. - X9241A_07

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9241A INTERSIL-X9241A_06 Datasheet
262Kb / 16P
   Quad Digital Controlled Potentionmeters (XDCP??
More results

Similar Description - X9241A_07

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9241A INTERSIL-X9241A_06 Datasheet
262Kb / 16P
   Quad Digital Controlled Potentionmeters (XDCP??
logo
Renesas Technology Corp
X9241A RENESAS-X9241A Datasheet
722Kb / 17P
   Quad Digital Controlled Potentionmeters (XDCP?? Non-Volatile/Low Power/2-Wire/64 Taps
logo
Intersil Corporation
ISL90843 INTERSIL-ISL90843 Datasheet
750Kb / 10P
   Quad Digital Controlled Potentiometers (XDCP??
X9258 INTERSIL-X9258_11 Datasheet
634Kb / 20P
   Quad Digital Controlled Potentiometers(XDCP??
logo
Xicor Inc.
X9258 XICOR-X9258 Datasheet
413Kb / 22P
   Quad Digital Controlled Potentiometers (XDCP)
logo
Renesas Technology Corp
ISL90843 RENESAS-ISL90843 Datasheet
1Mb / 20P
   Quad Digital Controlled Potentiometers (XDCP™)
March 29, 2006
logo
Intersil Corporation
ISL22444 INTERSIL-ISL22444 Datasheet
724Kb / 19P
   Quad Digitally Controlled Potentiometer XDCP
logo
Xicor Inc.
X9400 XICOR-X9400 Datasheet
150Kb / 22P
   Quad Digitally Controlled Potentiometers (XDCP)
X9252 XICOR-X9252 Datasheet
126Kb / 21P
   Quad Digitally-Controlled (XDCP) potentiometer
logo
Intersil Corporation
X9250TS24I INTERSIL-X9250TS24I Datasheet
360Kb / 20P
   Quad Digitally Controlled Potentiometers (XDCP
August 29, 2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com