Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BA60BC0WFP Datasheet(PDF) 1 Page - Rohm

Part # BA60BC0WFP
Description  1A Secondary LDO Regulators for Local Power Supplies
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA60BC0WFP Datasheet(HTML) 1 Page - Rohm

  BA60BC0WFP Datasheet HTML 1Page - Rohm BA60BC0WFP Datasheet HTML 2Page - Rohm BA60BC0WFP Datasheet HTML 3Page - Rohm BA60BC0WFP Datasheet HTML 4Page - Rohm BA60BC0WFP Datasheet HTML 5Page - Rohm BA60BC0WFP Datasheet HTML 6Page - Rohm BA60BC0WFP Datasheet HTML 7Page - Rohm BA60BC0WFP Datasheet HTML 8Page - Rohm BA60BC0WFP Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1/8
www.rohm.com
2010.02 - Rev.B
© 2010 ROHM Co., Ltd. All rights reserved.
Secondary LDO Regulator Series for Local Power Supplies
1A Secondary LDO Regulators
for Local Power Supplies
BA□□BC0 Series,BA□□BC0W Series,BA00BC0W Series
Description
The BA□□BC0 are low-saturation regulators with an output current of 1.0 A and an output voltage accuracy of
2%. A
broad output voltage range is offered, from 1.5V to 10V, and built-in overcurrent protection and thermal shutdown (TSD)
circuits prevent damage due to short-circuiting and overloading, respectively.
Features
1) Output current: 1 A (min.)
2) Output voltage accuracy:
2%
Broad output range available: 1.5 V -10 V (BA□□BC0 series)
3) Low saturation-voltage type with PNP output
4) Built-in overcurrent protection circuit
5) Built-in thermal shutdown circuit
6) Integrated shutdown switch (BA□□BC0WT, BA□□BC0WT-5, or BA□□BC0WFP Series, BA00BC0WCP-V5)
7) Operating temperature range: −40°C to +105°C
Applications
All electronic devices that use microcontrollers and logic circuits
Product Lineup
Part Number
1.5
1.8
2.5
3.0
3.3
5.0
6.0
7.0
8.0
9.0
10.0 Variable
Package
BA□□BC0WT
TO220FP-5
BA□□BC0WT-V5
-
-
-
-
-
TO220FP-5 (V5)
BA□□BC0WFP
TO252-5
BA□□BC0T
-
TO220FP-3
BA□□BC0FP
-
TO252-3
BA00BC0WCP-V5
-
-
-
-
-
-
-
-
-
-
-
TO220CP-V5
Part Number: BA□□BC0□ □
a
b c
Symbol
Description
a
Output voltage specification
□□
Output voltage (V)
□□
Output voltage (V)
15
1.5 V typ.
60
6.0 V typ.
18
1.8 V typ.
70
7.0 V typ.
25
2.5 V typ.
80
8.0 V typ.
30
3.0 V typ.
90
9.0 V typ.
33
3.3 V typ.
J0
10.0 V typ.
50
5.0 V typ.
00
Variable
b
Existence of switch With W
: A shutdown switch is provided.
Without W : No shutdown switch is provided.
c
Package T
: TO20FP-5, TO220FP-5(V5), TO220FP-3
FP : TO252-5, TO252-3
CP : TO220CP-V5
No.10024EBT02


Similar Part No. - BA60BC0WFP

ManufacturerPart #DatasheetDescription
logo
Rohm
BA60BC0WFP ROHM-BA60BC0WFP Datasheet
372Kb / 6P
   1.0A Low-Dropout Voltage Regulator with Shut down Switch
BA60BC0WFP-E2 ROHM-BA60BC0WFP-E2 Datasheet
512Kb / 19P
   1A Variable/Fixed Output LDO Regulators
BA60BC0WFP-E2 ROHM-BA60BC0WFP-E2 Datasheet
490Kb / 19P
   1A Variable/Fixed Output LDO Regulators
More results

Similar Description - BA60BC0WFP

ManufacturerPart #DatasheetDescription
logo
Rohm
BAXXBC0 ROHM-BAXXBC0_10 Datasheet
392Kb / 10P
   1A Secondary LDO Regulators for Local Power Supplies
BD00HC0WEFJ ROHM-BD00HC0WEFJ Datasheet
491Kb / 12P
   1A Secondary Variable Output LDO Regulators for Local Power Supplies
BD00GC0WEFJ ROHM-BD00GC0WEFJ Datasheet
543Kb / 12P
   1A Secondary Variable Output LDO Regulators for Local Power Supplies
BDXXKA5 ROHM-BDXXKA5 Datasheet
364Kb / 10P
   500mA Secondary LDO Regulators for Local Power Supplies
BD10KASWFP ROHM-BD10KASWFP Datasheet
364Kb / 10P
   500mA Secondary LDO Regulators for Local Power Supplies
BAXXJC5 ROHM-BAXXJC5_09 Datasheet
381Kb / 10P
   1.5A Secondary LDO Regulators for Local Power Supplies
BD00HC5WEFJ ROHM-BD00HC5WEFJ Datasheet
492Kb / 12P
   1.5A Secondary Variable Output LDO Regulators for Local Power Supplies
BD00GA3WEFJ ROHM-BD00GA3WEFJ Datasheet
523Kb / 12P
   300mA Secondary Variable Output LDO Regulators for Local Power Supplies
BD00GA5WEFJ ROHM-BD00GA5WEFJ Datasheet
463Kb / 12P
   500mA Secondary Variable Output LDO Regulators for Local Power Supplies
BD00HA5WEFJ ROHM-BD00HA5WEFJ Datasheet
457Kb / 12P
   500mA Secondary Variable Output LDO Regulators for Local Power Supplies
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com