Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X9119TV14IZ Datasheet(PDF) 4 Page - Intersil Corporation

Part # X9119TV14IZ
Description  Single Digitally-Controlled (XDCP?? Potentiometer
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X9119TV14IZ Datasheet(HTML) 4 Page - Intersil Corporation

  X9119TV14IZ Datasheet HTML 1Page - Intersil Corporation X9119TV14IZ Datasheet HTML 2Page - Intersil Corporation X9119TV14IZ Datasheet HTML 3Page - Intersil Corporation X9119TV14IZ Datasheet HTML 4Page - Intersil Corporation X9119TV14IZ Datasheet HTML 5Page - Intersil Corporation X9119TV14IZ Datasheet HTML 6Page - Intersil Corporation X9119TV14IZ Datasheet HTML 7Page - Intersil Corporation X9119TV14IZ Datasheet HTML 8Page - Intersil Corporation X9119TV14IZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
4
FN8162.4
July 9, 2008
RW
The wiper pin are equivalent to the wiper terminal of a
mechanical potentiometer.
Bias Supply Pins
SYSTEM SUPPLY VOLTAGE (VCC) AND SUPPLY
GROUND (VSS)
The VCC pin is the system supply voltage. The VSS pin is
the system ground.
Other Pins
NO CONNECT
No connect pins should be left open. These pins are used for
Intersil manufacturing and testing purposes.
Principals of Operation
The X9119 is an integrated microcircuit incorporating a
resistor array and its associated registers and counters and
the serial interface logic providing direct communication
between the host and the digitally controlled potentiometer.
This section provides detail description of the following:
• Resistor Array Description
• Serial Interface Description
• Instruction and Register Description
Resistor Array Description
The X9119 is comprised of a resistor array. The array
contains, in effect, 1023 discrete resistive segments that are
connected in series (Figure 1). The physical ends of each
array are equivalent to the fixed terminals of a mechanical
potentiometer (RH and RL inputs).
At both ends of each array and between each resistor
segment is a CMOS switch connected to the wiper (RW)
output. Within each individual array only one switch may be
turned on at a time. These switches are controlled by the
Wiper Counter Register (WCR). The 10-bits of the WCR
(WCR[9:0]) are decoded to select, and enable, one of 1024
switches.
The WCR may be written directly. The Data Registers and
the WCR can be read and written by the host system.
Serial Interface Description
SERIAL INTERFACE
The X9119 supports a bidirectional bus oriented protocol.
The protocol defines any device that sends data onto the
bus as a transmitter and the receiving device as the receiver.
The device controlling the transfer is a master and the
device being controlled is the slave. The master will always
initiate data transfers and provide the clock for both transmit
and receive operations. Therefore, the X9119 will be
considered a slave device in all applications.
CLOCK AND DATA CONVENTIONS
Data states on the SDA line can change only during SCL
LOW periods. SDA state changes during SCL HIGH are
reserved for indicating start and stop conditions (Figure 3).
START CONDITION
All commands to the X9119 are preceded by the start
condition, which is a HIGH to LOW transition of SDA while
SCL is HIGH. The X9119 continuously monitors the SDA
and SCL lines for the start condition and will not respond to
any command until this condition is met (Figure 3).
SERIAL DATA PATH
FROM INTERFACE
REGISTER 0
SERIAL
BUS
INPUT
PARALLEL
BUS
INPUT
COUNTER
REGISTER
R H
R L
R
W
10
10
C
O
U
N
T
E
R
D
E
C
O
D
E
IF WCR = 000[HEX] THEN RW = RL
IF WCR = 3FF[HEX] THEN RW = RH
WIPER
(WCR)
(DR0)
CIRCUITRY
REGISTER 1
(DR1)
REGISTER 2
(DR2)
REGISTER 3
(DR3)
FIGURE 1. DETAILED POTENTIOMETER BLOCK DIAGRAM SERIAL INTERFACE DESCRIPTION
R
X9119


Similar Part No. - X9119TV14IZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9119TV14IZ INTERSIL-X9119TV14IZ Datasheet
284Kb / 17P
   Single Digitally-Controlled Potentiometer
July 9, 2008
logo
Renesas Technology Corp
X9119TV14IZ RENESAS-X9119TV14IZ Datasheet
771Kb / 18P
   1024 Tap, Low Power, 2-Wire Interface, Digitally Controlled (XDCP?? Potentiometer
logo
Intersil Corporation
X9119TV14IZ-2.7 INTERSIL-X9119TV14IZ-2.7 Datasheet
332Kb / 18P
   Single Supply/Low Power/1024-Tap/2-Wire Bus
X9119TV14IZ-2.7 INTERSIL-X9119TV14IZ-2.7 Datasheet
284Kb / 17P
   Single Digitally-Controlled Potentiometer
July 9, 2008
logo
Renesas Technology Corp
X9119TV14IZ-2.7 RENESAS-X9119TV14IZ-2.7 Datasheet
771Kb / 18P
   1024 Tap, Low Power, 2-Wire Interface, Digitally Controlled (XDCP?? Potentiometer
More results

Similar Description - X9119TV14IZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X93156 INTERSIL-X93156_07 Datasheet
190Kb / 7P
   Single Digitally Controlled Potentiometer (XDCP??
ISL22316 INTERSIL-ISL22316 Datasheet
546Kb / 15P
   Single Digitally Controlled Potentiometer XDCP
X9279 INTERSIL-X9279_09 Datasheet
437Kb / 18P
   Single Digitally-Controlled (XDCP?? Potentiometer
logo
Xilinx, Inc
X9119 XILINX-X9119 Datasheet
125Kb / 22P
   Single Digitally-Controlled (XDCP ??) Potentiometer
logo
Intersil Corporation
X9421 INTERSIL-X9421 Datasheet
367Kb / 21P
   Single Digitally Controlled (XDCP) Potentiometer
logo
Xicor Inc.
X9279 XICOR-X9279 Datasheet
398Kb / 24P
   Single Digitally-Controlled (XDCP) Potentiometer
X9421 XICOR-X9421 Datasheet
117Kb / 21P
   Single Digitally Controlled (XDCP) Potentiometer
logo
Intersil Corporation
X9429 INTERSIL-X9429_08 Datasheet
323Kb / 20P
   Single Digitally Controlled Potentiometer(XDCP??
X9271 INTERSIL-X9271_11 Datasheet
673Kb / 22P
   Single, Digitally Controlled (XDCP?? Potentiometer
ISL95810 INTERSIL-ISL95810 Datasheet
1Mb / 13P
   Single Digitally Controlled Potentiometer (XDCP)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com