Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X9119TV14IZ Datasheet(PDF) 10 Page - Intersil Corporation

Part # X9119TV14IZ
Description  Single Digitally-Controlled (XDCP?? Potentiometer
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X9119TV14IZ Datasheet(HTML) 10 Page - Intersil Corporation

Back Button X9119TV14IZ Datasheet HTML 6Page - Intersil Corporation X9119TV14IZ Datasheet HTML 7Page - Intersil Corporation X9119TV14IZ Datasheet HTML 8Page - Intersil Corporation X9119TV14IZ Datasheet HTML 9Page - Intersil Corporation X9119TV14IZ Datasheet HTML 10Page - Intersil Corporation X9119TV14IZ Datasheet HTML 11Page - Intersil Corporation X9119TV14IZ Datasheet HTML 12Page - Intersil Corporation X9119TV14IZ Datasheet HTML 13Page - Intersil Corporation X9119TV14IZ Datasheet HTML 14Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
10
FN8162.4
July 9, 2008
NOTES:
1. Absolute linearity is utilized to determine actual wiper voltage vs expected voltage as determined by wiper position when used as a potentiometer.
2. Relative linearity is utilized to determine the actual change in voltage between two successive tap positions when used as a
potentiometer. It is a measure of the error in step size.
3. MI = RTOT/1023 or (RH – RL)/1023, single pot
4. n = 0, 1, 2, …,1023; m =0, 1, 2, …, 1022.
5. ESD Rating on RH, RL, RW pins is 1.5kV (HBM, 1.0µA leakage maximum), ESD rating on all other pins is 2.0kV.
Absolute Maximum Ratings
Voltage on SCL, SDA, or any address input
with respect to VSS . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -1V to +7V
ΔV = | (VH–VL) |. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .5V
IW (10s) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . ±6mA
Operating Conditions
Commercial . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0°C to +70°C
Industrial . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -40° to +85°C
Supply Voltage (VCC) Limits (Note 4)
X9119 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5V ±10%
X9119-2.7. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2.7V to 5.5V
Thermal Information
Temperature under bias. . . . . . . . . . . . . . . . . . . . . . -65°C to +135°C
Storage temperature . . . . . . . . . . . . . . . . . . . . . . . . -65°C to +150°C
Lead temperature (soldering, 10s). . . . . . . . . . . . . . . . . . . . . . 300
°C
Pb-Free Reflow Profile. . . . . . . . . . . . . . . . . . . . . . . . .see link below
http://www.intersil.com/pbfree/Pb-FreeReflow.asp
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product reliability and
result in failures not covered by warranty.
Analog Specifications
(Over recommended operation conditions unless otherwise stated.)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
(Note 8)
TYP
MAX
(Note 8)
UNITS
End-to-End Resistance
RTOTAL
100
k
Ω
End-to-End Resistance Tolerance
±20
%
Power Rating
+25°C, each pot
50
mW
Wiper Current
IW
±3
mA
Wiper Resistance
RW
Wiper Current =
± 50µA,
VCC = 5V
40
110
Ω
Wiper Current =
± 50µA,
VCC = 3V
150
300
Ω
Voltage on any RH or RL Pin
VTERM
VSS = 0V
VSS
5V
Noise
Ref: 1V
-120
dBV
Resolution
0.1
%
Absolute Linearity (Note 1)
Rw(n)(actual) – Rw(n)(expected), where n = 8
to 1006
±1
MI
(Note 3)
Rw(n)(actual) – Rw(n)(expected) (Note 4)
±1.5
±2.0
MI
(Note 3)
Relative Linearity (Note 2)
Rw(m + 1) – [Rw(m) + MI], where m = 8 to
1006
±0.5
MI
(Note 3)
Rw(m + 1) – [Rw(m) + MI] (Note 4)
±0.5
±1.0
MI
(Note 3)
Temperature Coefficient of RTOTAL
±300
ppm/°C
Ratiometric Temp. Coefficient
20
ppm/°C
Potentiometer Capacitancies
CH/CL/CW
See Macro model
10/10/25
pF
X9119


Similar Part No. - X9119TV14IZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9119TV14IZ INTERSIL-X9119TV14IZ Datasheet
284Kb / 17P
   Single Digitally-Controlled Potentiometer
July 9, 2008
logo
Renesas Technology Corp
X9119TV14IZ RENESAS-X9119TV14IZ Datasheet
771Kb / 18P
   1024 Tap, Low Power, 2-Wire Interface, Digitally Controlled (XDCP?? Potentiometer
logo
Intersil Corporation
X9119TV14IZ-2.7 INTERSIL-X9119TV14IZ-2.7 Datasheet
332Kb / 18P
   Single Supply/Low Power/1024-Tap/2-Wire Bus
X9119TV14IZ-2.7 INTERSIL-X9119TV14IZ-2.7 Datasheet
284Kb / 17P
   Single Digitally-Controlled Potentiometer
July 9, 2008
logo
Renesas Technology Corp
X9119TV14IZ-2.7 RENESAS-X9119TV14IZ-2.7 Datasheet
771Kb / 18P
   1024 Tap, Low Power, 2-Wire Interface, Digitally Controlled (XDCP?? Potentiometer
More results

Similar Description - X9119TV14IZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X93156 INTERSIL-X93156_07 Datasheet
190Kb / 7P
   Single Digitally Controlled Potentiometer (XDCP??
ISL22316 INTERSIL-ISL22316 Datasheet
546Kb / 15P
   Single Digitally Controlled Potentiometer XDCP
X9279 INTERSIL-X9279_09 Datasheet
437Kb / 18P
   Single Digitally-Controlled (XDCP?? Potentiometer
logo
Xilinx, Inc
X9119 XILINX-X9119 Datasheet
125Kb / 22P
   Single Digitally-Controlled (XDCP ??) Potentiometer
logo
Intersil Corporation
X9421 INTERSIL-X9421 Datasheet
367Kb / 21P
   Single Digitally Controlled (XDCP) Potentiometer
logo
Xicor Inc.
X9279 XICOR-X9279 Datasheet
398Kb / 24P
   Single Digitally-Controlled (XDCP) Potentiometer
X9421 XICOR-X9421 Datasheet
117Kb / 21P
   Single Digitally Controlled (XDCP) Potentiometer
logo
Intersil Corporation
X9429 INTERSIL-X9429_08 Datasheet
323Kb / 20P
   Single Digitally Controlled Potentiometer(XDCP??
X9271 INTERSIL-X9271_11 Datasheet
673Kb / 22P
   Single, Digitally Controlled (XDCP?? Potentiometer
ISL95810 INTERSIL-ISL95810 Datasheet
1Mb / 13P
   Single Digitally Controlled Potentiometer (XDCP)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com