Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X9271UV14I-2.7 Datasheet(PDF) 7 Page - Intersil Corporation

Part # X9271UV14I-2.7
Description  Single, Digitally Controlled (XDCP?? Potentiometer
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X9271UV14I-2.7 Datasheet(HTML) 7 Page - Intersil Corporation

Back Button X9271UV14I-2.7 Datasheet HTML 3Page - Intersil Corporation X9271UV14I-2.7 Datasheet HTML 4Page - Intersil Corporation X9271UV14I-2.7 Datasheet HTML 5Page - Intersil Corporation X9271UV14I-2.7 Datasheet HTML 6Page - Intersil Corporation X9271UV14I-2.7 Datasheet HTML 7Page - Intersil Corporation X9271UV14I-2.7 Datasheet HTML 8Page - Intersil Corporation X9271UV14I-2.7 Datasheet HTML 9Page - Intersil Corporation X9271UV14I-2.7 Datasheet HTML 10Page - Intersil Corporation X9271UV14I-2.7 Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
7
FN8174.3
June 23, 2011
DEVICE DESCRIPTION
Wiper Counter Register (WCR)
The X9271 contains a Wiper Counter Register (WCR)
for the DCP potentiometer. The WCR can be
envisioned as an 8-bit parallel and serial load counter,
with its outputs decoded to select one of 256 switches
along its resistor array (Table 1). The contents of the
WCR can be altered in four ways:
1. It can be written directly by the host via the Write Wiper
Counter Register instruction (serial load).
2. It can be written indirectly by transferring the contents of
one of four associated data registers via the XFR Data
Register instruction (parallel load).
3. It can be modified one step at a time by the Increment/
Decrement instruction.
4. It is loaded with the contents of its Data Register zero
(DR0) upon power-up.
The WCR is a volatile register; that is, its contents are
lost when the X9271 is powered down. Although the
register is automatically loaded with the value in DR0
upon power-up, this may be different from the value
present at power-down. Power-up guidelines are
recommended to ensure proper loading of the R0
value into the WCR. The DR0 value of Bank 0 is the
default value.
Data Registers (DR3–DR0)
The potentiometer has four 8-bit nonvolatile Data
Registers. These can be read or written directly by the
host (Table 2). Data can also be transferred between
any of the four Data Registers and the associated
WCR. All operations changing data in one of the Data
Registers are nonvolatile operations and take a
maximum of 10ms.
If the application does not require storage of multiple
settings for the potentiometer, the Data Registers can
be used as regular memory locations for system
parameters or user preference data.
Bits [7:0] are used to store one of the 256 wiper
positions or data (0 ~255).
Status Register (SR)
The 1-bit Status Register is used to store the system
status (Table 3).
WIP: Write In Progress status bit; read only.
– WIP = 1 indicates that a high-voltage write cycle is in
progress.
– WIP = 0 indicates that no high-voltage write cycle is
in progress
.
.
TABLE 1. WIPER COUNTER REGISTER, WCR (8-bit),
WCR[7:0]: Used to store current wiper position
(Volatile, V)
WCR7 WCR6 WCR5 WCR4 WCR3 WCR2 WCR1 WCR0
VVVVVVVV
(MSB)
(LSB)
TABLE 2. DATA REGISTER, DR (8-BIT), DR[7:0]: Used to
store wiper positions or data (Nonvolatile, NV)
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
NV
NV
NV
NV
NV
NV
NV
NV
MSB
LSB
TABLE 3. STATUS REGISTER, SR (WIP is 1-bit)
WIP
(LSB)
X9271


Similar Part No. - X9271UV14I-2.7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9271UV14IZ INTERSIL-X9271UV14IZ Datasheet
523Kb / 18P
   Single, Digitally Controlled Potentiometer
July 18, 2014
logo
Renesas Technology Corp
X9271UV14IZ RENESAS-X9271UV14IZ Datasheet
791Kb / 19P
   Single Supply/Low Power/256-Tap/SPI Bus Single, Digitally Controlled (XDCP?? Potentiometer
logo
Intersil Corporation
X9271UV14IZ-2.7 INTERSIL-X9271UV14IZ-2.7 Datasheet
523Kb / 18P
   Single, Digitally Controlled Potentiometer
July 18, 2014
logo
Renesas Technology Corp
X9271UV14IZ-2.7 RENESAS-X9271UV14IZ-2.7 Datasheet
791Kb / 19P
   Single Supply/Low Power/256-Tap/SPI Bus Single, Digitally Controlled (XDCP?? Potentiometer
logo
Intersil Corporation
X9271UV14IZ-2.7T1 INTERSIL-X9271UV14IZ-2.7T1 Datasheet
523Kb / 18P
   Single, Digitally Controlled Potentiometer
July 18, 2014
More results

Similar Description - X9271UV14I-2.7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X93156 INTERSIL-X93156_07 Datasheet
190Kb / 7P
   Single Digitally Controlled Potentiometer (XDCP??
ISL22316 INTERSIL-ISL22316 Datasheet
546Kb / 15P
   Single Digitally Controlled Potentiometer XDCP
X9119 INTERSIL-X9119_08 Datasheet
287Kb / 17P
   Single Digitally-Controlled (XDCP?? Potentiometer
X9279 INTERSIL-X9279_09 Datasheet
437Kb / 18P
   Single Digitally-Controlled (XDCP?? Potentiometer
logo
Xilinx, Inc
X9119 XILINX-X9119 Datasheet
125Kb / 22P
   Single Digitally-Controlled (XDCP ??) Potentiometer
logo
Intersil Corporation
X9421 INTERSIL-X9421 Datasheet
367Kb / 21P
   Single Digitally Controlled (XDCP) Potentiometer
logo
Xicor Inc.
X9279 XICOR-X9279 Datasheet
398Kb / 24P
   Single Digitally-Controlled (XDCP) Potentiometer
X9421 XICOR-X9421 Datasheet
117Kb / 21P
   Single Digitally Controlled (XDCP) Potentiometer
logo
Intersil Corporation
X9429 INTERSIL-X9429_08 Datasheet
323Kb / 20P
   Single Digitally Controlled Potentiometer(XDCP??
ISL95810 INTERSIL-ISL95810 Datasheet
1Mb / 13P
   Single Digitally Controlled Potentiometer (XDCP)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com