Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X9401 Datasheet(PDF) 8 Page - Intersil Corporation

Part # X9401
Description  Quad, 64 Tap, Digitally Controlled Potentiometer (XDCP??
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X9401 Datasheet(HTML) 8 Page - Intersil Corporation

Back Button X9401_09 Datasheet HTML 4Page - Intersil Corporation X9401_09 Datasheet HTML 5Page - Intersil Corporation X9401_09 Datasheet HTML 6Page - Intersil Corporation X9401_09 Datasheet HTML 7Page - Intersil Corporation X9401_09 Datasheet HTML 8Page - Intersil Corporation X9401_09 Datasheet HTML 9Page - Intersil Corporation X9401_09 Datasheet HTML 10Page - Intersil Corporation X9401_09 Datasheet HTML 11Page - Intersil Corporation X9401_09 Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
8
FN8190.4
October 13, 2009
Instruction Format
NOTES:
3. A1 ~ A0”: stands for the device addresses sent by the master.
4. WPx refers to wiper position data in the Counter Register
5. “I”: stands for the increment operation, SI held HIGH during active SCK phase (high).
6. “D”: stands for the decrement operation, SI held LOW during active SCK phase (high).
Read Wiper Counter Register (WCR)
Write Wiper Counter Register (WCR)
Read Data Register (DR)
Write Data Register (DR)
Transfer Data Register (DR) to Wiper Counter Register (WCR)
Transfer Wiper Counter Register (WCR) to Data Register (DR)
Increment/Decrement Wiper Counter Register (WCR)
Global Transfer Data Register (DR) to Wiper Counter Register (WCR)
CS
FALLING
EDGE
DEVICE
TYPE
IDENTIFIER
DEVICE
ADDRESSES
INSTRUCTION
OPCODE
WCR
ADDRESSES
WIPER POSITION
(SENT BY X9401 ON SO)
CS
RISING
EDGE
0101
00
A1
A0
1
0
0
1
0
0
P1
P0
00
WP5
WP4
WP3 WP2 WP1
WP0
CS
FALLING
EDGE
DEVICE
TYPE
IDENTIFIER
DEVICE
ADDRESSES
INSTRUCTION
OPCODE
WCR
ADDRESSES
DATA BYTE
(SENT BY HOST ON SI)
CS
RISING
EDGE
0
1
0
1
0
0
A1
A0
1
0
1
0
0
0
P1
P0
0
0
WP5 WP4 WP3 WP2
WP1
WP0
CS
FALLING
EDGE
DEVICE
TYPE
IDENTIFIER
DEVICE
ADDRESSES
INSTRUCTION
OPCODE
DR AND WCR
ADDRESSES
DATA BYTE
(SENT BY X9401 ON SO)
CS
RISING
EDGE
01
0100
A1
A01011
R1
R0
P1
P0
0
0
WP5
WP4
WP3
WP2
WP1
WP0
CS
FALLING
EDGE
DEVICE TYPE
IDENTIFIER
DEVICE
ADDRESSES
INSTRUCTION
OPCODE
DR AND WCR
ADDRESSES
DATA BYTE
(SENT BY HOST ON SI)
CS
RISING
EDGE
HIGH-
VOLTAGE
WRITE
CYCLE
0
1
0
1
00A1A0
1
1
0
0
R1 R0 P1 P0 0 0 WP5 WP4 WP3 WP2 WP1 WP0
CS
FALLING
EDGE
DEVICE
TYPE
IDENTIFIER
DEVICE
ADDRESSES
INSTRUCTION
OPCODE
DR AND WCR
ADDRESSES
CS
RISING
EDGE
0101
00
A1
A0
1
1
0
1
R1 R0 P1 P0
CS
FALLING
EDGE
DEVICE
TYPE
IDENTIFIER
DEVICE
ADDRESSES
INSTRUCTION
OPCODE
DR AND WCR
ADDRESSES
CS
RISING
EDGE
HIGH-VOLTAGE
WRITE CYCLE
010100
A1
A0
1110
R1
R0
P1 P0
CS
FALLING
EDGE
DEVICE TYPE
IDENTIFIER
DEVICE
ADDRESSES
INSTRUCTION
OPCODE
WCR
ADDRESSES
INCREMENT/DECREMENT
(SENT BY MASTER ON SDA)
CS
RISING
EDGE
0
1
0
1
0
0
A1
A0
0
0
1
0
X
X
P1
P0
I/D
I/D
.
.
.
.
I/D
I/D
CS
FALLING
EDGE
DEVICE TYPE
IDENTIFIER
DEVICE
ADDRESSES
INSTRUCTION
OPCODE
DR
ADDRESSES
CS
RISING
EDGE
0
1
0
1
0
0
A1
A0
0001
R1
R0
0
0
X9401


Similar Part No. - X9401_09

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9401 INTERSIL-X9401_06 Datasheet
339Kb / 19P
   Quad, 64 Tap, Digitally Controlled Potentiometer
More results

Similar Description - X9401_09

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9401 INTERSIL-X9401_06 Datasheet
339Kb / 19P
   Quad, 64 Tap, Digitally Controlled Potentiometer
X9401WS24IZ INTERSIL-X9401WS24IZ Datasheet
403Kb / 20P
   Quad, 64 Tap, Digitally Controlled Potentiometer
September 14, 2015
ISL22444 INTERSIL-ISL22444 Datasheet
724Kb / 19P
   Quad Digitally Controlled Potentiometer XDCP
logo
Xicor Inc.
X9252 XICOR-X9252 Datasheet
126Kb / 21P
   Quad Digitally-Controlled (XDCP) potentiometer
logo
Intersil Corporation
ISL22343 INTERSIL-ISL22343 Datasheet
703Kb / 18P
   Quad Digitally Controlled Potentiometer XDCP
ISL23345 INTERSIL-ISL23345 Datasheet
881Kb / 19P
   Quad, 256 Tap, Low Voltage Digitally Controlled Potentiometer (XDCP??
ISL23445 INTERSIL-ISL23445 Datasheet
923Kb / 20P
   Quad, 256 Tap, Low Voltage Digitally Controlled Potentiometer (XDCP??
ISL23348 INTERSIL-ISL23348 Datasheet
865Kb / 19P
   Quad, 128 Tap, Low Voltage Digitally Controlled Potentiometer (XDCP??
logo
Xicor Inc.
X9241A XICOR-X9241A Datasheet
364Kb / 18P
   Quad Digitally Controlled Potentiometer (XDCP)
X9251 XICOR-X9251 Datasheet
549Kb / 25P
   Quad Digitally-Controlled (XDCP) Potentiometer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com