Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X9258TS24IZ Datasheet(PDF) 4 Page - Intersil Corporation

Part # X9258TS24IZ
Description  Quad Digital Controlled Potentiometers(XDCP??
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X9258TS24IZ Datasheet(HTML) 4 Page - Intersil Corporation

  X9258TS24IZ Datasheet HTML 1Page - Intersil Corporation X9258TS24IZ Datasheet HTML 2Page - Intersil Corporation X9258TS24IZ Datasheet HTML 3Page - Intersil Corporation X9258TS24IZ Datasheet HTML 4Page - Intersil Corporation X9258TS24IZ Datasheet HTML 5Page - Intersil Corporation X9258TS24IZ Datasheet HTML 6Page - Intersil Corporation X9258TS24IZ Datasheet HTML 7Page - Intersil Corporation X9258TS24IZ Datasheet HTML 8Page - Intersil Corporation X9258TS24IZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
4
FN8168.5
April 14, 2011
initiate data transfers and provide the clock for both transmit
and receive operations. Therefore, the X9258 will be
considered a slave device in all applications.
Clock and Data Conventions
Data states on the SDA line can change only during SCL
LOW periods (tLOW). SDA state changes during SCL HIGH
are reserved for indicating start and stop conditions.
Start Condition
All commands to the X9258 are preceded by the start
condition, which is a HIGH to LOW transition of SDA while
SCL is HIGH (tHIGH). The X9258 continuously monitors the
SDA and SCL lines for the start condition and will not
respond to any command until this condition is met.
Stop Condition
All communications must be terminated by a stop condition,
which is a LOW to HIGH transition of SDA while SCL is
HIGH.
Acknowledge
Acknowledge is a software convention used to provide a
positive handshake between the master and slave devices
on the bus to indicate the successful receipt of data. The
transmitting device, either the master or the slave, will
release the SDA bus after transmitting 8 bits. The master
generates a ninth clock cycle and during this period the
receiver pulls the SDA line LOW to acknowledge that it
successfully received the 8 bits of data.
The X9258 will respond with an acknowledge after
recognition of a start condition and its slave address and
once again after successful receipt of the command byte. If
the command is followed by a data byte, the X9258 will
respond with a final acknowledge.
Array Description
The X9258 is comprised of four resistor arrays. Each array
contains 255 discrete resistive segments that are connected
in series. The physical ends of each array are equivalent to
the fixed terminals of a mechanical potentiometer (VH/RH
and VL/RL inputs).
At both ends of each array and between each resistor
segment is a CMOS switch connected to the wiper (VW)
output. Within each individual array only one switch may be
turned on at a time. These switches are controlled by the
Wiper Counter Register (WCR). The 8 bits of the WCR are
decoded to select, and enable, one of 256 switches.
The WCR may be written directly, or it can be changed by
transferring the contents of one of four associated data
registers into the WCR. These data registers and the WCR
can be read and written by the host system.
Device Addressing
Following a start condition the master must output the
address of the slave it is accessing. The most significant
4 bits of the slave address are the device type identifier
(refer to Figure 1). For the X9258 this is fixed as 0101[B].
The next 4 bits of the slave address are the device address.
The physical device address is defined by the state of the A0
thru A3 inputs. The X9258 compares the serial data stream
with the address input state; a successful compare of all
4 address bits is required for the X9258 to respond with an
acknowledge. The A0 thru A3 inputs can be actively driven
by CMOS input signals or tied to VCC or VSS.
Acknowledge Polling
The disabling of the inputs (during the internal nonvolatile
write operation), can be used to take advantage of the
typical 5ms nonvolatile write cycle time. Once the stop
condition is issued to indicate the end of the nonvolatile write
command, the X9258 initiates the internal write cycle. ACK
polling can be initiated immediately. This involves issuing the
start condition followed by the device slave address. If the
X9258 is still busy with the write operation, no ACK will be
returned. If the X9258 has completed the write operation an
ACK will be returned and the master can then proceed with
the next operation.
1
00
A3
A2
A1
A0
DEVICE TYPE
IDENTIFIER
DEVICE ADDRESS
1
FIGURE 1. SLAVE ADDRESS
X9258


Similar Part No. - X9258TS24IZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9258TS24IZ INTERSIL-X9258TS24IZ Datasheet
329Kb / 20P
   Quad Digital Controlled Potentiometers
X9258TS24IZ INTERSIL-X9258TS24IZ Datasheet
491Kb / 19P
   Low Noise/Low Power/2-Wire Bus/256 Taps
X9258TS24IZ INTERSIL-X9258TS24IZ Datasheet
488Kb / 19P
   Quad Digital Controlled Potentiometers
December 15, 2011
logo
Renesas Technology Corp
X9258TS24IZ RENESAS-X9258TS24IZ Datasheet
801Kb / 19P
   Low Noise/Low Power/2-Wire Bus/256 Taps Quad Digital Controlled Potentiometers (XDCP??
logo
Intersil Corporation
X9258TS24IZ-2.7 INTERSIL-X9258TS24IZ-2.7 Datasheet
329Kb / 20P
   Quad Digital Controlled Potentiometers
More results

Similar Description - X9258TS24IZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL90843 INTERSIL-ISL90843 Datasheet
750Kb / 10P
   Quad Digital Controlled Potentiometers (XDCP??
logo
Xicor Inc.
X9258 XICOR-X9258 Datasheet
413Kb / 22P
   Quad Digital Controlled Potentiometers (XDCP)
logo
Renesas Technology Corp
ISL90843 RENESAS-ISL90843 Datasheet
1Mb / 20P
   Quad Digital Controlled Potentiometers (XDCP™)
March 29, 2006
logo
Xicor Inc.
X9400 XICOR-X9400 Datasheet
150Kb / 22P
   Quad Digitally Controlled Potentiometers (XDCP)
logo
Intersil Corporation
X9250TS24I INTERSIL-X9250TS24I Datasheet
360Kb / 20P
   Quad Digitally Controlled Potentiometers (XDCP
August 29, 2006
logo
Xicor Inc.
X9250 XICOR-X9250 Datasheet
181Kb / 21P
   Quad Digitally Controlled Potentiometers (XDCP)
logo
Intersil Corporation
ISL90841 INTERSIL-ISL90841_06 Datasheet
1Mb / 12P
   Quad Digitally Controlled Potentiometers (XDCP??
X9408 INTERSIL-X9408_09 Datasheet
336Kb / 20P
   Quad Digitally Controlled (XDCP?? Potentiometers
ISL90840 INTERSIL-ISL90840_06 Datasheet
1Mb / 13P
   Quad Digitally Controlled Potentiometers (XDCP)
logo
Xicor Inc.
X9259 XICOR-X9259 Datasheet
400Kb / 25P
   Quad Digitally-Controlled (XDCP) Potentiometers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com