Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X9313USIZ Datasheet(PDF) 5 Page - Intersil Corporation

Part # X9313USIZ
Description  Digitally Controlled Potentiometer (XDCP??
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X9313USIZ Datasheet(HTML) 5 Page - Intersil Corporation

  X9313USIZ Datasheet HTML 1Page - Intersil Corporation X9313USIZ Datasheet HTML 2Page - Intersil Corporation X9313USIZ Datasheet HTML 3Page - Intersil Corporation X9313USIZ Datasheet HTML 4Page - Intersil Corporation X9313USIZ Datasheet HTML 5Page - Intersil Corporation X9313USIZ Datasheet HTML 6Page - Intersil Corporation X9313USIZ Datasheet HTML 7Page - Intersil Corporation X9313USIZ Datasheet HTML 8Page - Intersil Corporation X9313USIZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
FN8177.6
January 15, 2008
Absolute Maximum Ratings
Recommended Operating Conditions
Temperature Under Bias . . . . . . . . . . . . . . . . . . . . .-65°C to +135°C
Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . .-65°C to +150°C
Voltage on CS, INC, U/D, and
VCC with Respect to VSS . . . . . . . . . . . . . . . . . . . . . . . -1V to +7V
Voltage on VH, VL, VW
with respect to VSS . . . . . . . . . . . . . . . . . . . . . . . . . . . . -6V to +7V
ΔV = |VH - VL|:
X9313Z . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .4V
X9313W, X9313U . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .10V
IW (10s) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .±8.8mA
ESD Rating
Human Body Model . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2.0kV
Machine Model . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .200V
Temperature:
Commercial. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0°C to +70°C
Industrial . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -40°C to +85°C
Supply Voltage (VCC):
X9313 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .5V ±10%
X9313-3 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3V to 5.5V
Max Wiper current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . ±4.4mA
Power rating:
RTOTAL ≥ 10kΩ . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .10mW
RTOTAL 1kΩ . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .16mW
Pb-free reflow profile . . . . . . . . . . . . . . . . . . . . . . . . . .see link below
http://www.intersil.com/pbfree/Pb-FreeReflow.asp
Pb-free PDIPs can be used for through hole wave solder processing
only. They are not intended for use in Reflow solder processing
applications
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product reliability and
result in failures not covered by warranty.
Potentiometer Characteristics
Over recommended operating conditions, unless otherwise stated.
SYMBOL
PARAMETER
TEST CONDITIONS
LIMITS
UNIT
MIN
TYP
MAX
End-to-End Resistance Tolerance
±20
%
VVH
VH Terminal Voltage
-
VCC
+
VCC
V
VVL
VL Terminal Voltage
-
VCC
+
VCC
V
RW
Wiper Resistance
IW = (VH - VL)/RTOTAL, VCC = 5V
40
100
Ω
IW
Wiper Current
±4.4
mA
Noise (Note 5)
Ref: 1kHz
-120
dBV
Resolution
3%
Absolute Linearity (Note 1)
RW(n)(actual) - RW(n)(expected)
±1
MI
(Note 3)
Relative Linearity (Note 2)
RW(n+1) - (RW(n)+MI)
±0.2
MI
(Note 3)
RTOTAL Temperature Coefficient (Note 5)
±300
ppm/°C
Ratiometric Temperature Coefficient
(Note 5)
±20
ppm/°C
CH/CL/CW
(Note 5)
Potentiometer Capacitances
See Circuit #3
10/10/25
pF
NOTES:
1. Absolute linearity is utilized to determine actual wiper voltage versus expected voltage = (VW(n)(actual) - VW(n)(expected)) = ±1 MI maximum.
2. Relative linearity is a measure of the error in step size between taps = RW(n+1) - (RW(n) + MI) = ±0.2 MI.
3. 1 MI = minimum increment = RTOT/31.
X9313


Similar Part No. - X9313USIZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9313USIZ INTERSIL-X9313USIZ Datasheet
276Kb / 11P
   Terminal Voltages -5V, 32 Taps
X9313USIZ INTERSIL-X9313USIZ Datasheet
277Kb / 12P
   Digitally Controlled Potentiometer
X9313USIZ INTERSIL-X9313USIZ Datasheet
284Kb / 12P
   Linear, 32 Taps, 3 Wire Interface, Terminal Voltages 짹 VCC
X9313USIZ INTERSIL-X9313USIZ Datasheet
305Kb / 12P
   Linear, 32 Taps, 3 Wire Interface, Terminal Voltages 짹 Vcc
October 7, 2015
X9313USIZ INTERSIL-X9313USIZ Datasheet
305Kb / 12P
   Linear, 32 Taps, 3 Wire Interface, Terminal Voltages ± VCC
October 7, 2015
More results

Similar Description - X9313USIZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9317 INTERSIL-X9317_09 Datasheet
445Kb / 15P
   Digitally Controlled Potentiometer (XDCP??
logo
Renesas Technology Corp
X9C102 RENESAS-X9C102 Datasheet
522Kb / 10P
   Digitally Controlled Potentiometer (XDCP??
logo
Intersil Corporation
ISL90727 INTERSIL-ISL90727 Datasheet
186Kb / 8P
   Digitally Controlled Potentiometer XDCP
X93155 INTERSIL-X93155_08 Datasheet
201Kb / 8P
   Digitally Controlled Potentiometer(XDCP??
logo
Renesas Technology Corp
X9318 RENESAS-X9318 Datasheet
471Kb / 10P
   Digitally Controlled Potentiometer (XDCP??
logo
Xicor Inc.
X9319 XICOR-X9319 Datasheet
344Kb / 10P
   Digitally Controlled Potentiometer (XDCP)
X9C303 XICOR-X9C303 Datasheet
366Kb / 10P
   Digitally Controlled Potentiometer (XDCP)
logo
Intersil Corporation
X9C103SZT1 INTERSIL-X9C103SZT1 Datasheet
240Kb / 10P
   Digitally Controlled Potentiometer (XDCP??
X93154 INTERSIL-X93154_08 Datasheet
225Kb / 9P
   Digitally Controlled Potentiometer(XDCP??
X93155 INTERSIL-X93155 Datasheet
246Kb / 8P
   Digitally Controlled Potentiometer (XDCP)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com