Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X9315WMIZT1 Datasheet(PDF) 2 Page - Intersil Corporation

Part # X9315WMIZT1
Description  Digitally Controlled Potentiometer (XDCP??
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X9315WMIZT1 Datasheet(HTML) 2 Page - Intersil Corporation

  X9315WMIZT1 Datasheet HTML 1Page - Intersil Corporation X9315WMIZT1 Datasheet HTML 2Page - Intersil Corporation X9315WMIZT1 Datasheet HTML 3Page - Intersil Corporation X9315WMIZT1 Datasheet HTML 4Page - Intersil Corporation X9315WMIZT1 Datasheet HTML 5Page - Intersil Corporation X9315WMIZT1 Datasheet HTML 6Page - Intersil Corporation X9315WMIZT1 Datasheet HTML 7Page - Intersil Corporation X9315WMIZT1 Datasheet HTML 8Page - Intersil Corporation X9315WMIZT1 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2
FN8179.2
December 21, 2009
Ordering Information
PART NUMBER
PART MARKING
VCC LIMITS
(V)
RTOTAL
(k
Ω)
TEMP RANGE
(°C)
PACKAGE
PKG.
DWG. #
X9315WMZ (Note 2)
DDT
5 ±10%
10
0 to 70
8 Ld MSOP (Pb-free) M8.118
X9315WMZT1 (Notes 1, 2)
DDT
0 to 70
8 Ld MSOP (Pb-free) M8.118
X9315WMIT2 (Note 1)
AAX
-40 to 85
8 Ld MSOP
M8.118
X9315WMIZ (Note 2)
AKW
-40 to 85
8 Ld MSOP (Pb-free) M8.118
X9315WMIZT1 (Notes 1, 2)
AKW
-40 to 85
8 Ld MSOP (Pb-free) M8.118
X9315WP
X9315WP
0 to 70
8 Ld PDIP
MDP0031
X9315WST1 (Note 1)
X9315W
0 to 70
8 Ld SOIC
M8.15E
X9315WSZ (Note 2)
X9315W Z
0 to 70
8 Ld SOIC (Pb-free)
M8.15
X9315WSZT1 (Notes 1, 2)
X9315W Z
0 to 70
8 Ld SOIC (Pb-free)
M8.15
X9315WSI
X9315W I
-40 to 85
8 Ld SOIC
M8.15E
X9315WSIT1 (Note 1)
X9315W I
-40 to 85
8 Ld SOIC
M8.15E
X9315WSIZ (Note 2)
X9315W ZI
-40 to 85
8 Ld SOIC (Pb-free)
M8.15
X9315WSIZT1 (Notes 1, 2)
X9315W ZI
-40 to 85
8 Ld SOIC (Pb-free)
M8.15
X9315UMZ (Note 2)
DDS
50
0 to 70
8 Ld MSOP (Pb-free) M8.118
X9315UMZT1 (Notes 1, 2)
DDS
0 to 70
8 Ld MSOP (Pb-free) M8.118
X9315UMI
AEB
-40 to 85
8 Ld MSOP
M8.118
X9315UMIT1 (Notes 1, 2)
AEB
-40 to 85
8 Ld MSOP
M8.118
X9315UMIZ (Note 2)
DDR
-40 to 85
8 Ld MSOP (Pb-free) M8.118
X9315UMIZT1 (Notes 1, 2)
DDR
-40 to 85
8 Ld MSOP (Pb-free) M8.118
X9315UST2 (Note 1)
X9315U
0 to 70
8 Ld SOIC
M8.15E
X9315USZ (Note 2)
X9315U Z
0 to 70
8 Ld SOIC (Pb-free)
M8.15
X9315USZT1 (Notes 1, 2)
X9315U Z
0 to 70
8 Ld SOIC (Pb-free)
M8.15
X9315USIZ (Note 2)
X9315U ZI
-40 to 85
8 Ld SOIC (Pb-free)
M8.15
X9315USIZT1 (Notes 1, 2)
X9315U ZI
-40 to 85
8 Ld SOIC (Pb-free)
M8.15
X9315TMZ (Note 2)
DDN
100
0 to 70
8 Ld MSOP (Pb-free) M8.118
X9315TMZT1 (Notes 1, 2)
DDN
0 to 70
8 Ld MSOP (Pb-free) M8.118
X9315TMIZ (Note 2)
DDL
-40 to 85
8 Ld MSOP (Pb-free) M8.118
X9315TMIZT1 (Notes 1, 2)
DDL
-40 to 85
8 Ld MSOP (Pb-free) M8.118
X9315TSZ (Note 2)
X9315T Z
0 to 70
8 Ld SOIC (Pb-free)
M8.15
X9315TSZT1 (Notes 1, 2)
X9315T Z
0 to 70
8 Ld SOIC (Pb-free)
M8.15
X9315TSIZ (Note 2)
X9315T ZI
-40 to 85
8 Ld SOIC (Pb-free)
M8.15
X9315TSIZT1 (Notes 1, 2)
X9315T ZI
-40 to 85
8 Ld SOIC (Pb-free)
M8.15
X9315WMZ-2.7 (Note 2)
AOI
2.7 to 5.5
10
0 to 70
8 Ld MSOP (Pb-free) M8.118
X9315WMZ-2.7T1 (Notes 1, 2)
AOI
0 to 70
8 Ld MSOP (Pb-free) M8.118
X9315WMI-2.7T2 (Note 1)
AAV
-40 to 85
8 Ld MSOP
M8.118
X9315WMIZ-2.7 (Note 2)
AKX
-40 to 85
8 Ld MSOP (Pb-free) M8.118
X9315WMIZ-2.7T1 (Notes 1, 2)
AKX
-40 to 85
8 Ld MSOP (Pb-free) M8.118
X9315WS-2.7
X9315W F
0 to 70
8 Ld SOIC
M8.15E
X9315


Similar Part No. - X9315WMIZT1

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9315WMIZT1 INTERSIL-X9315WMIZT1 Datasheet
344Kb / 16P
   Digitally Controlled Potentiometer
December 21, 2009
logo
Renesas Technology Corp
X9315WMIZT1 RENESAS-X9315WMIZT1 Datasheet
715Kb / 16P
   Low Noise, Low Power, 32 Taps Digitally Controlled Potentiometer (XDCP??
More results

Similar Description - X9315WMIZT1

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9313 INTERSIL-X9313_08 Datasheet
284Kb / 12P
   Digitally Controlled Potentiometer (XDCP??
X9317 INTERSIL-X9317_09 Datasheet
445Kb / 15P
   Digitally Controlled Potentiometer (XDCP??
logo
Renesas Technology Corp
X9C102 RENESAS-X9C102 Datasheet
522Kb / 10P
   Digitally Controlled Potentiometer (XDCP??
logo
Intersil Corporation
ISL90727 INTERSIL-ISL90727 Datasheet
186Kb / 8P
   Digitally Controlled Potentiometer XDCP
X93155 INTERSIL-X93155_08 Datasheet
201Kb / 8P
   Digitally Controlled Potentiometer(XDCP??
logo
Renesas Technology Corp
X9318 RENESAS-X9318 Datasheet
471Kb / 10P
   Digitally Controlled Potentiometer (XDCP??
logo
Xicor Inc.
X9319 XICOR-X9319 Datasheet
344Kb / 10P
   Digitally Controlled Potentiometer (XDCP)
X9C303 XICOR-X9C303 Datasheet
366Kb / 10P
   Digitally Controlled Potentiometer (XDCP)
logo
Intersil Corporation
X9C103SZT1 INTERSIL-X9C103SZT1 Datasheet
240Kb / 10P
   Digitally Controlled Potentiometer (XDCP??
X93154 INTERSIL-X93154_08 Datasheet
225Kb / 9P
   Digitally Controlled Potentiometer(XDCP??
X93155 INTERSIL-X93155 Datasheet
246Kb / 8P
   Digitally Controlled Potentiometer (XDCP)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com