Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X9317ZV8 Datasheet(PDF) 2 Page - Intersil Corporation

Part # X9317ZV8
Description  Digitally Controlled Potentiometer (XDCP??
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X9317ZV8 Datasheet(HTML) 2 Page - Intersil Corporation

  X9317ZV8 Datasheet HTML 1Page - Intersil Corporation X9317ZV8 Datasheet HTML 2Page - Intersil Corporation X9317ZV8 Datasheet HTML 3Page - Intersil Corporation X9317ZV8 Datasheet HTML 4Page - Intersil Corporation X9317ZV8 Datasheet HTML 5Page - Intersil Corporation X9317ZV8 Datasheet HTML 6Page - Intersil Corporation X9317ZV8 Datasheet HTML 7Page - Intersil Corporation X9317ZV8 Datasheet HTML 8Page - Intersil Corporation X9317ZV8 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
2
FN8183.6
December 16, 2009
Ordering Information
PART NUMBER
PART MARKING
VCC LIMITS
(V)
RTOTAL
(k
Ω)
TEMPERATURE
RANGE (°C)
PACKAGE
PKG.
DWG. #
X9317ZM8* (Note 2)
AFG
5 ±10%
1
0 to +70
8 Ld MSOP
M8.118
X9317ZM8Z* (Note 1)
DDA
0 to +70
8 Ld MSOP (Pb-free)
M8.118
X9317ZM8I* (Note 2)
AFI
-40 to +85
8 Ld MSOP
M8.118
X9317ZM8IZ* (Note 1)
DCY
-40 to +85
8 Ld MSOP (Pb-free)
M8.118
X9317ZP (Note 2)
X9317ZP
0 to +70
8 Ld PDIP
MDP0031
X9317ZS8* (Note 2)
X9317Z
0 to +70
8 Ld SOIC
M8.15E
X9317ZS8Z* (Note 1)
X9317Z Z
0 to +70
8 Ld SOIC (Pb-free)
M8.15E
X9317ZS8I* (Note 2)
9317W F
-40 to +85
8 Ld SOIC
M8.15E
X9317ZS8IZ* (Note 1)
X9317Z Z I
-40 to +85
8 Ld SOIC (Pb-free)
M8.15E
X9317ZV8* (Note 2)
9317Z
0 to +70
8 Ld TSSOP
M8.173
X9317ZV8Z* (Note 1)
9317Z Z
0 to +70
8 Ld TSSOP (Pb-free)
M8.173
X9317ZV8I* (Note 2)
317Z I
-40 to +85
8 Ld TSSOP
M8.173
X9317ZV8IZ* (Note 1)
9317Z IZ
-40 to +85
8 Ld TSSOP (Pb-free)
M8.173
X9317WM8T1 (Note 2)
ABF
10
0 to +70
8 Ld MSOP
M8.118
X9317WM8Z* (Note 1)
DCW
0 to +70
8 Ld MSOP (Pb-free)
M8.118
X9317WM8I*
ADS
-40 to +85
8 Ld MSOP
M8.118
X9317WM8 (Note 2)
ABF
-40 to +85
8 Ld MSOP
M8.118
X9317WM8IZ* (Note 1)
DCT
-40 to +85
8 Ld MSOP (Pb-free)
M8.118
X9317WP
X9317WP
0 to +70
8 Ld PDIP
MDP0031
X9317WPI (Note 2)
X9317WP I
-40 to +85
8 Ld PDIP
MDP0031
X9317WS8*
X9317W
0 to +70
8 Ld SOIC
M8.15E
X9317WS8Z* (Note 1)
X9317W Z
0 to +70
8 Ld SOIC (Pb-free)
M8.15E
X9317WS8I
X9317W I
-40 to +85
8 Ld SOIC
M8.15E
X9317WS8IT1 (Note 2)
X9317W I
-40 to +85
8 Ld SOIC
M8.15E
X9317WS8IZ* (Note 1)
X9317W ZI
-40 to +85
8 Ld SOIC (Pb-free)
M8.15E
X9317WV8
9317W
0 to +70
8 Ld TSSOP
M8.173
X9317WV8T1 (Note 2)
9317W
0 to +70
8 Ld TSSOP
M8.173
X9317WV8T2 (Note 2)
9317W
0 to +70
8 Ld TSSOP
M8.173
X9317WV8Z* (Note 1)
9317W Z
0 to +70
8 Ld TSSOP (Pb-free)
M8.173
X9317WV8I
317W I
-40 to +85
8 Ld TSSOP
M8.173
X9317WV8IT1 (Note 2)
317W I
-40 to +85
8 Ld TSSOP
M8.173
X9317WV8IZ* (Note 1)
9317W IZ
-40 to +85
8 Ld TSSOP (Pb-free)
M8.173
X9317UM8* (Note 2)
AEC
0 to +70
8 Ld MSOP
M8.118
X9317UM8Z* (Note 1)
DCS
0 to +70
8 Ld MSOP (Pb-free)
M8.118
X9317UM8I* (Note 2)
AFE
-40 to +85
8 Ld MSOP
M8.118
X9317UM8IZ* (Note 1)
DCR
-40 to +85
8 Ld MSOP (Pb-free)
M8.118
X9317UP (Note 2)
X9317UP
50
0 to +70
8 Ld PDIP
MDP0031
X9317UPI (Note 2)
X9317UP I
-40 to +85
8 Ld PDIP
MDP0031
X9317US8* (Note 2)
X9317U
0 to +70
8 Ld SOIC
M8.15E
X9317US8Z* (Note 1)
X9317U Z
0 to +70
8 Ld SOIC (Pb-free)
M8.15E
X9317US8I* (Note 2)
X9317U I
-40 to +85
8 Ld SOIC
M8.15E
X9317US8IZ* (Note 1)
X9317U ZI
-40 to +85
8 Ld SOIC (Pb-free)
M8.15E
X9317


Similar Part No. - X9317ZV8

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9317ZV8 INTERSIL-X9317ZV8 Datasheet
333Kb / 15P
   Low Noise, Low Power, 100 Taps
X9317ZV8-2.7 INTERSIL-X9317ZV8-2.7 Datasheet
333Kb / 15P
   Low Noise, Low Power, 100 Taps
X9317ZV8I INTERSIL-X9317ZV8I Datasheet
333Kb / 15P
   Low Noise, Low Power, 100 Taps
X9317ZV8I-2.7 INTERSIL-X9317ZV8I-2.7 Datasheet
333Kb / 15P
   Low Noise, Low Power, 100 Taps
X9317ZV8IZ INTERSIL-X9317ZV8IZ Datasheet
333Kb / 15P
   Low Noise, Low Power, 100 Taps
More results

Similar Description - X9317ZV8

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9313 INTERSIL-X9313_08 Datasheet
284Kb / 12P
   Digitally Controlled Potentiometer (XDCP??
logo
Renesas Technology Corp
X9C102 RENESAS-X9C102 Datasheet
522Kb / 10P
   Digitally Controlled Potentiometer (XDCP??
logo
Intersil Corporation
ISL90727 INTERSIL-ISL90727 Datasheet
186Kb / 8P
   Digitally Controlled Potentiometer XDCP
X93155 INTERSIL-X93155_08 Datasheet
201Kb / 8P
   Digitally Controlled Potentiometer(XDCP??
logo
Renesas Technology Corp
X9318 RENESAS-X9318 Datasheet
471Kb / 10P
   Digitally Controlled Potentiometer (XDCP??
logo
Xicor Inc.
X9319 XICOR-X9319 Datasheet
344Kb / 10P
   Digitally Controlled Potentiometer (XDCP)
X9C303 XICOR-X9C303 Datasheet
366Kb / 10P
   Digitally Controlled Potentiometer (XDCP)
logo
Intersil Corporation
X9C103SZT1 INTERSIL-X9C103SZT1 Datasheet
240Kb / 10P
   Digitally Controlled Potentiometer (XDCP??
X93154 INTERSIL-X93154_08 Datasheet
225Kb / 9P
   Digitally Controlled Potentiometer(XDCP??
X93155 INTERSIL-X93155 Datasheet
246Kb / 8P
   Digitally Controlled Potentiometer (XDCP)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com