Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BA6247FP-Y Datasheet(PDF) 10 Page - Rohm

Part # BA6247FP-Y
Description  1.0A or More Reversible Motor Drivers (2 Motors)
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA6247FP-Y Datasheet(HTML) 10 Page - Rohm

Back Button BA6247FP-Y Datasheet HTML 4Page - Rohm BA6247FP-Y Datasheet HTML 5Page - Rohm BA6247FP-Y Datasheet HTML 6Page - Rohm BA6247FP-Y Datasheet HTML 7Page - Rohm BA6247FP-Y Datasheet HTML 8Page - Rohm BA6247FP-Y Datasheet HTML 9Page - Rohm BA6247FP-Y Datasheet HTML 10Page - Rohm BA6247FP-Y Datasheet HTML 11Page - Rohm BA6247FP-Y Datasheet HTML 12Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
Technical Note
10/11
BA6247FP-Y,BA6238A
www.rohm.com
2011.05 - Rev.B
© 2011 ROHM Co., Ltd. All rights reserved.
11)
Testing on application boards
When testing the IC on an application board, connecting a capacitor to a low impedance pin subjects the IC to stress.
Therefore, always discharge capacitors after each process or step. Always turn the IC's power supply off before
connecting it to or removing it from the test setup during the inspection process. Ground the IC during assembly steps
as an antistatic measure. Use similar precaution when transporting or storing the IC.
12) Switching of rotating direction (FWD/REV)
When the rotating direction is changed over by the motor rotating condition, switch the direction after the motor is
temporarily brought to the BRAKE condition or OPEN condition. It is recommended to keep the relevant conditions as
follows:
via BRAKE: Longer than braking time*.
(* the time required for the output L terminal to achieve potential below GND when brake is activated.)
13) Regarding the input pin of the IC
This monolithic IC contains P+ isolation and P substrate layers between adjacent elements, in order to keep them
isolated. P-N junctions are formed at the intersection of these P layers with the N layers of other elements, creating a
parasitic diode or transistor. For example, the relation between each potential is as follows:
When GND > Pin A and GND > Pin B, the P-N junction operates as a parasitic diode.
When GND > Pin B, the P-N junction operates as a parasitic transistor.
Parasitic diodes inevitably occur in the structure of the IC. The operation of parasitic diodes can result in mutual
interference among circuits, as well as operating malfunctions and physical damage. Therefore, do not use methods by
which parasitic diodes operate, such as applying a voltage lower than the GND (P substrate) voltage to an input pin.
Fig.17 Example of monolithic IC structure
Parasitic
element
Resistor
Transistor (NPN)
N
N
N
P
+
P
+
P
P substrate
GND
Parasitic element
Pin A
N
N
P
+
P
+
P
P substrate
GND
Parasitic element
Pin B
C
B
E
N
GND
Pin A
Pin B
Other adjacent elements
E
B
C
GND
Parasitic
element
N


Similar Part No. - BA6247FP-Y

ManufacturerPart #DatasheetDescription
logo
Rohm
BA6247FP-Y ROHM-BA6247FP-Y Datasheet
283Kb / 5P
   Reversible Motor Driver for 2 motors
BA6247FP-Y ROHM-BA6247FP-Y Datasheet
121Kb / 6P
   Reversible motor driver
BA6247FP-Y ROHM-BA6247FP-Y Datasheet
360Kb / 16P
   Reversible motor drivers (for two motors series)
More results

Similar Description - BA6247FP-Y

ManufacturerPart #DatasheetDescription
logo
Rohm
BA6219BFP ROHM-BA6219BFP Datasheet
419Kb / 13P
   2.0A or More Reversible Motor Drivers (Single Motor)
BA6219BFP-Y ROHM-BA6219BFP-Y_11 Datasheet
278Kb / 11P
   2.0A or More Reversible Motor Drivers (Single Motor)
BA6956AN ROHM-BA6956AN_11 Datasheet
335Kb / 18P
   1.0A Reversible Motor Drivers (Single Motor)
BA6287F-E2 ROHM-BA6287F-E2 Datasheet
325Kb / 18P
   1.0A Reversible Motor Drivers (Single Motor)
BA6920FP-YE2 ROHM-BA6920FP-YE2 Datasheet
325Kb / 18P
   1.0A Reversible Motor Drivers (Single Motor)
BA6285FS-E2 ROHM-BA6285FS-E2 Datasheet
325Kb / 18P
   1.0A Reversible Motor Drivers (Single Motor)
BA6246 ROHM-BA6246_09 Datasheet
360Kb / 16P
   Reversible motor drivers (for two motors series)
BA6247FP-Y ROHM-BA6247FP-Y Datasheet
283Kb / 5P
   Reversible Motor Driver for 2 motors
BA6246N ROHM-BA6246N Datasheet
275Kb / 5P
   Reversible motor driver for 2 motors
BA6238A ROHM-BA6238A_1 Datasheet
282Kb / 5P
   Reversible Motor Driver for 2 motors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com