Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X9421YV14Z Datasheet(PDF) 6 Page - Intersil Corporation

Part # X9421YV14Z
Description  Single Digitally Controlled (XDCP?? Potentiometer
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X9421YV14Z Datasheet(HTML) 6 Page - Intersil Corporation

Back Button X9421YV14Z Datasheet HTML 2Page - Intersil Corporation X9421YV14Z Datasheet HTML 3Page - Intersil Corporation X9421YV14Z Datasheet HTML 4Page - Intersil Corporation X9421YV14Z Datasheet HTML 5Page - Intersil Corporation X9421YV14Z Datasheet HTML 6Page - Intersil Corporation X9421YV14Z Datasheet HTML 7Page - Intersil Corporation X9421YV14Z Datasheet HTML 8Page - Intersil Corporation X9421YV14Z Datasheet HTML 9Page - Intersil Corporation X9421YV14Z Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
6
FN8196.4
January 14, 2009
Write In Process
The contents of the Data Registers are saved to nonvolatile
memory when the CS pin goes from LOW to HIGH after a
complete write sequence is received by the device. The
progress of this internal write operation can be monitored by a
Write In Process bit (WIP). The WIP bit is read with a Read
Status command.
Instructions
Address/Identification (ID) Byte
The first byte sent to the X9421 from the host, following a CS
going HIGH to LOW, is called the Address or Identification
byte. The most significant four bits of the slave address are a
device type identifier, for the X9421 this is fixed as 0101[B]
(refer to Figure 2).
The least significant bit in the ID byte selects one of two
devices on the bus. The physical device address is defined
by the state of the A0 input pin. The X9421 compares the
serial data stream with the address input state; a successful
compare of the address bit is required for the X9421 to
successfully continue the command sequence. The A0 input
can be actively driven by a CMOS input signal or tied to VCC
or VSS.
The remaining three bits in the ID byte must be set to 110.
Instruction Byte
The next byte sent to the X9421 contains the instruction and
register pointer information. The four most significant bits are
the instruction. The next two bits point to one of four Data
Registers. The format is shown below in Figure 3.
The four high order bits of the instruction byte specify the
operation. The next two bits (R1 and R0) select one of the
four registers that is to be acted upon when a register
oriented instruction is issued. The last two bits are defined
as 0.
SERIAL DATA PATH
FROM INTERFACE
CIRCUITRY
REGISTER 0
REGISTER 1
REGISTER 2
REGISTER 3
SERIAL
BUS
INPUT
PARALLEL
BUS
INPUT
COUNTER
REGISTER
INC/DEC
LOGIC
UP/DN
CLK
MODIFIED SCK
UP/DN
VH
VL
VW
8
6
C
O
U
N
T
E
R
D
E
C
O
D
E
IF WCR = 00[H] THEN VW = VL
IF WCR = 3F[H] THEN VW = VH
WIPER
(WCR)
FIGURE 1. DETAILED POTENTIOMETER BLOCK DIAGRAM
1
0
0
11
0A0
DEVICE TYPE
IDENTIFIER
DEVICE ADDRESS
1
FIGURE 2. ADDRESS/IDENTIFICATION BYTE FORMAT
I1
I2
I3
I0
R1
R0
0
0
REGISTER
SELECT
INSTRUCTIONS
FIGURE 3. INSTRUCTION BYTE FORMAT
X9421


Similar Part No. - X9421YV14Z

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9421YV14Z INTERSIL-X9421YV14Z Datasheet
333Kb / 20P
   Single Voltage Potentiometer
logo
Renesas Technology Corp
X9421YV14Z RENESAS-X9421YV14Z Datasheet
805Kb / 20P
   Low Noise/Low Power/SPI Bus Single Digitally Controlled (XDCP?? Potentiometer
logo
Intersil Corporation
X9421YV14Z-2.7 INTERSIL-X9421YV14Z-2.7 Datasheet
333Kb / 20P
   Single Voltage Potentiometer
logo
Renesas Technology Corp
X9421YV14Z-2.7 RENESAS-X9421YV14Z-2.7 Datasheet
805Kb / 20P
   Low Noise/Low Power/SPI Bus Single Digitally Controlled (XDCP?? Potentiometer
More results

Similar Description - X9421YV14Z

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X93156 INTERSIL-X93156_07 Datasheet
190Kb / 7P
   Single Digitally Controlled Potentiometer (XDCP??
ISL22316 INTERSIL-ISL22316 Datasheet
546Kb / 15P
   Single Digitally Controlled Potentiometer XDCP
X9119 INTERSIL-X9119_08 Datasheet
287Kb / 17P
   Single Digitally-Controlled (XDCP?? Potentiometer
X9279 INTERSIL-X9279_09 Datasheet
437Kb / 18P
   Single Digitally-Controlled (XDCP?? Potentiometer
logo
Xilinx, Inc
X9119 XILINX-X9119 Datasheet
125Kb / 22P
   Single Digitally-Controlled (XDCP ??) Potentiometer
logo
Intersil Corporation
X9421 INTERSIL-X9421 Datasheet
367Kb / 21P
   Single Digitally Controlled (XDCP) Potentiometer
logo
Xicor Inc.
X9279 XICOR-X9279 Datasheet
398Kb / 24P
   Single Digitally-Controlled (XDCP) Potentiometer
X9421 XICOR-X9421 Datasheet
117Kb / 21P
   Single Digitally Controlled (XDCP) Potentiometer
logo
Intersil Corporation
X9429 INTERSIL-X9429_08 Datasheet
323Kb / 20P
   Single Digitally Controlled Potentiometer(XDCP??
X9271 INTERSIL-X9271_11 Datasheet
673Kb / 22P
   Single, Digitally Controlled (XDCP?? Potentiometer
ISL95810 INTERSIL-ISL95810 Datasheet
1Mb / 13P
   Single Digitally Controlled Potentiometer (XDCP)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com