Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X9421YV14IZ Datasheet(PDF) 2 Page - Intersil Corporation

Part # X9421YV14IZ
Description  Single Digitally Controlled (XDCP?? Potentiometer
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X9421YV14IZ Datasheet(HTML) 2 Page - Intersil Corporation

  X9421YV14IZ Datasheet HTML 1Page - Intersil Corporation X9421YV14IZ Datasheet HTML 2Page - Intersil Corporation X9421YV14IZ Datasheet HTML 3Page - Intersil Corporation X9421YV14IZ Datasheet HTML 4Page - Intersil Corporation X9421YV14IZ Datasheet HTML 5Page - Intersil Corporation X9421YV14IZ Datasheet HTML 6Page - Intersil Corporation X9421YV14IZ Datasheet HTML 7Page - Intersil Corporation X9421YV14IZ Datasheet HTML 8Page - Intersil Corporation X9421YV14IZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
2
FN8196.4
January 14, 2009
Ordering Information
PART
NUMBER
PART
MARKING
VCC LIMITS
(V)
POTENTIOMETER
ORGANIZATION
(k
Ω)
TEMP
RANGE (°C)
PACKAGE
X9421YS16*
X9421YS
5 ±10%
2.5
0 to +70
16 Ld SOIC (300 mil)
X9421YS16Z* (Note)
X9421YS Z
0 to +70
16 Ld SOIC (300 mil) (Pb-Free)
X9421YS16I*
X9421YS I
-40 to +85
16 Ld SOIC (300 mil)
X9421YS16IZ* (Note)
X9421YS ZI
-40 to +85
16 Ld SOIC (300 mil) (Pb-Free)
X9421YV14*
X9421 YV
0 to +70
14 Ld TSSOP (4.4mm)
X9421YV14Z* (Note)
X9421 YVZ
0 to +70
14 Ld TSSOP (4.4mm) (Pb-Free)
X9421YV14I*
X9421 YV I
-40 to +85
14 Ld TSSOP (4.4mm)
X9421YV14IZ* (Note)
X9421 YVZI
-40 to +85
14 Ld TSSOP (4.4mm) (Pb-Free)
X9421WS16*
X9421WS
10
0 to +70
16 Ld SOIC (300 mil)
X9421WS16Z* (Note)
X9421WS Z
0 to +70
16 Ld SOIC (300 mil) (Pb-Free)
X9421WS16I*
X9421WS I
-40 to +85
16 Ld SOIC (300 mil)
X9421WS16IZ* (Note)
X9421WS ZI
-40 to +85
16 Ld SOIC (300 mil) (Pb-Free)
X9421WV14*
X9421 WV
0 to +70
14 Ld TSSOP (4.4mm)
X9421WV14Z* (Note)
X9421 WV Z
0 to +70
14 Ld TSSOP (4.4mm) (Pb-Free)
X9421WV14I*
X9421 WV I
-40 to +85
14 Ld TSSOP (4.4mm)
X9421WV14IZ* (Note)
X9421 WVZI
-40 to +85
14 Ld TSSOP (4.4mm) (Pb-Free)
X9421YS16-2.7*
X9421YS F
2.7 to 5.5
2.5
0 to +70
16 Ld SOIC (300 mil)
X9421YS16Z-2.7* (Note)
X9421YS ZF
0 to +70
16 Ld SOIC (300 mil) (Pb-Free)
X9421YS16I-2.7*
X9421 YS G
-40 to +85
16 Ld SOIC (300 mil)
X9421YS16IZ-2.7* (Note)
X9421 YS ZG
-40 to +85
16 Ld SOIC (300 mil) (Pb-Free)
X9421YV14-2.7*
X9421 YVF
0 to +70
14 Ld TSSOP (4.4mm)
X9421YV14Z-2.7* (Pb-free)
X9421 YVZF
0 to +70
14 Ld TSSOP (4.4mm) (Pb-Free)
X9421YV14I-2.7*
X9421 YVG
-40 to +85
14 Ld TSSOP (4.4mm)
X9421YV14IZ-2.7* (Pb-free)
X9421 YVZG
-40 to +85
14 Ld TSSOP (4.4mm) (Pb-Free)
X9421WS16-2.7*
X9421WS F
10
0 to +70
16 Ld SOIC (300 mil)
X9421WS16Z-2.7* (Note)
X9421WS ZF
0 to +70
16 Ld SOIC (300 mil) (Pb-Free)
X9421WS16I-2.7*
X9421WS G
-40 to +85
16 Ld SOIC (300 mil)
X9421WS16IZ-2.7* (Note)
X9421WS ZG
-40 to +85
16 Ld SOIC (300 mil) (Pb-Free)
X9421WV14-2.7*
X9421 WVF
0 to +70
14 Ld TSSOP (4.4mm)
X9421WV14Z-2.7* (Pb-free)
X9421 WVZF
0 to +70
14 Ld TSSOP (4.4mm) (Pb-Free)
X9421WV14I-2.7*
X9421 WVG
-40 to +85
14 Ld TSSOP (4.4mm)
X9421WV14IZ-2.7* (Pb-free) X9421 WVZG
-40 to +85
14 Ld TSSOP (4.4mm) (Pb-Free)
*Add "T1" suffix for tape and reel. Please refer to TB347 for details on reel specifications.
NOTE: These Intersil Pb-free plastic packaged products employ special Pb-free material sets, molding compounds/die attach materials, and 100%
matte tin plate plus anneal (e3 termination finish, which is RoHS compliant and compatible with both SnPb and Pb-free soldering operations). Intersil
Pb-free products are MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020
X9421


Similar Part No. - X9421YV14IZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9421YV14IZ INTERSIL-X9421YV14IZ Datasheet
333Kb / 20P
   Single Voltage Potentiometer
logo
Renesas Technology Corp
X9421YV14IZ RENESAS-X9421YV14IZ Datasheet
805Kb / 20P
   Low Noise/Low Power/SPI Bus Single Digitally Controlled (XDCP?? Potentiometer
logo
Intersil Corporation
X9421YV14IZ-2.7 INTERSIL-X9421YV14IZ-2.7 Datasheet
333Kb / 20P
   Single Voltage Potentiometer
logo
Renesas Technology Corp
X9421YV14IZ-2.7 RENESAS-X9421YV14IZ-2.7 Datasheet
805Kb / 20P
   Low Noise/Low Power/SPI Bus Single Digitally Controlled (XDCP?? Potentiometer
More results

Similar Description - X9421YV14IZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X93156 INTERSIL-X93156_07 Datasheet
190Kb / 7P
   Single Digitally Controlled Potentiometer (XDCP??
ISL22316 INTERSIL-ISL22316 Datasheet
546Kb / 15P
   Single Digitally Controlled Potentiometer XDCP
X9119 INTERSIL-X9119_08 Datasheet
287Kb / 17P
   Single Digitally-Controlled (XDCP?? Potentiometer
X9279 INTERSIL-X9279_09 Datasheet
437Kb / 18P
   Single Digitally-Controlled (XDCP?? Potentiometer
logo
Xilinx, Inc
X9119 XILINX-X9119 Datasheet
125Kb / 22P
   Single Digitally-Controlled (XDCP ??) Potentiometer
logo
Intersil Corporation
X9421 INTERSIL-X9421 Datasheet
367Kb / 21P
   Single Digitally Controlled (XDCP) Potentiometer
logo
Xicor Inc.
X9279 XICOR-X9279 Datasheet
398Kb / 24P
   Single Digitally-Controlled (XDCP) Potentiometer
X9421 XICOR-X9421 Datasheet
117Kb / 21P
   Single Digitally Controlled (XDCP) Potentiometer
logo
Intersil Corporation
X9429 INTERSIL-X9429_08 Datasheet
323Kb / 20P
   Single Digitally Controlled Potentiometer(XDCP??
X9271 INTERSIL-X9271_11 Datasheet
673Kb / 22P
   Single, Digitally Controlled (XDCP?? Potentiometer
ISL95810 INTERSIL-ISL95810 Datasheet
1Mb / 13P
   Single Digitally Controlled Potentiometer (XDCP)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com