Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X9429YS16Z Datasheet(PDF) 1 Page - Intersil Corporation

Part # X9429YS16Z
Description  Single Digitally Controlled Potentiometer(XDCP??
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X9429YS16Z Datasheet(HTML) 1 Page - Intersil Corporation

  X9429YS16Z Datasheet HTML 1Page - Intersil Corporation X9429YS16Z Datasheet HTML 2Page - Intersil Corporation X9429YS16Z Datasheet HTML 3Page - Intersil Corporation X9429YS16Z Datasheet HTML 4Page - Intersil Corporation X9429YS16Z Datasheet HTML 5Page - Intersil Corporation X9429YS16Z Datasheet HTML 6Page - Intersil Corporation X9429YS16Z Datasheet HTML 7Page - Intersil Corporation X9429YS16Z Datasheet HTML 8Page - Intersil Corporation X9429YS16Z Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
1
®
FN8248.3
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
XDCP is a trademark of Intersil Americas Inc. Copyright Intersil Americas Inc. 2005, 2008. All Rights Reserved
All other trademarks mentioned are the property of their respective owners.
X9429
Low Noise/Low Power/2-Wire Bus
Single Digitally Controlled Potentiometer
(XDCP™)
The X9429 integrates a single digitally controlled
potentiometer (XDCP) on a monolithic CMOS integrated
circuit.
The digital controlled potentiometer is implemented using 63
resistive elements in a series array. Between each element
are tap points connected to the wiper terminal through
switches. The position of the wiper on the array is controlled
by the user through the 2-wire bus interface. The
potentiometer has associated with it a volatile Wiper Counter
Register (WCR) and a four non-volatile Data Registers that
can be directly written to and read by the user. The contents
of the WCR controls the position of the wiper on the resistor
array though the switches. Power-up recalls the contents of
the default data register (DR0) to the WCR.
The XDCP can be used as a three-terminal potentiometer or
as a two terminal variable resistor in a wide variety of
applications including control, parameter adjustments, and
signal processing.
Features
• Single Voltage Potentiometer
• 64 Resistor Taps
• 2-wire Serial Interface for Write, Read, and Transfer
Operations of the Potentiometer
• Wiper Resistance, 150W Typical at 5V
• Non-Volatile Storage of Multiple Wiper Positions
• Power-on Recall. Loads Saved Wiper Position on Power-up.
• Standby Current < 3µA Max
•VCC : 2.7V to 5.5V Operation
• 2.5kW, 10kW Total Pot Resistance
• Endurance: 100,000 Data Changes per Bit per Register
• 100 yr. Data Retention
• 14 Ld TSSOP, 16 Ld SOIC
• Low Power CMOS
• Pb-free available (RoHS compliant)
Block Diagram
VH/RH
VL/RL
VW/RW
POT
VCC
VSS
2-WIRE
BUS
ADDRESS
DATA
STATUS
WRITE
READ
WIPER
64-TAPS
TRANSFER
10k
Ω
INC/DEC
CONTROL
INTERFACE
BUS
INTERFACE
CONTROL
POWER-ON RECALL
WIPER COUNTER
REGISTER (WCR)
DATA REGISTERS
4 BYTES
AND
Data Sheet
October 13, 2008


Similar Part No. - X9429YS16Z

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9429YS16Z INTERSIL-X9429YS16Z Datasheet
367Kb / 21P
   Single Digitally Controlled Potentiometer
X9429YS16Z INTERSIL-X9429YS16Z Datasheet
320Kb / 20P
   Single Digitally Controlled Potentiometer
October 13, 2008
X9429YS16Z-2.7 INTERSIL-X9429YS16Z-2.7 Datasheet
367Kb / 21P
   Single Digitally Controlled Potentiometer
X9429YS16Z-2.7 INTERSIL-X9429YS16Z-2.7 Datasheet
320Kb / 20P
   Single Digitally Controlled Potentiometer
October 13, 2008
More results

Similar Description - X9429YS16Z

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X93156 INTERSIL-X93156_07 Datasheet
190Kb / 7P
   Single Digitally Controlled Potentiometer (XDCP??
ISL22316 INTERSIL-ISL22316 Datasheet
546Kb / 15P
   Single Digitally Controlled Potentiometer XDCP
X9119 INTERSIL-X9119_08 Datasheet
287Kb / 17P
   Single Digitally-Controlled (XDCP?? Potentiometer
X9279 INTERSIL-X9279_09 Datasheet
437Kb / 18P
   Single Digitally-Controlled (XDCP?? Potentiometer
logo
Xilinx, Inc
X9119 XILINX-X9119 Datasheet
125Kb / 22P
   Single Digitally-Controlled (XDCP ??) Potentiometer
logo
Intersil Corporation
X9421 INTERSIL-X9421 Datasheet
367Kb / 21P
   Single Digitally Controlled (XDCP) Potentiometer
logo
Xicor Inc.
X9279 XICOR-X9279 Datasheet
398Kb / 24P
   Single Digitally-Controlled (XDCP) Potentiometer
X9421 XICOR-X9421 Datasheet
117Kb / 21P
   Single Digitally Controlled (XDCP) Potentiometer
logo
Intersil Corporation
X9271 INTERSIL-X9271_11 Datasheet
673Kb / 22P
   Single, Digitally Controlled (XDCP?? Potentiometer
ISL95810 INTERSIL-ISL95810 Datasheet
1Mb / 13P
   Single Digitally Controlled Potentiometer (XDCP)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com