Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZL9101M_1104 Datasheet(PDF) 6 Page - Intersil Corporation

Part # ZL9101M_1104
Description  Digital DC/DC PMBus 12A Module
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ZL9101M_1104 Datasheet(HTML) 6 Page - Intersil Corporation

Back Button ZL9101M_1104 Datasheet HTML 2Page - Intersil Corporation ZL9101M_1104 Datasheet HTML 3Page - Intersil Corporation ZL9101M_1104 Datasheet HTML 4Page - Intersil Corporation ZL9101M_1104 Datasheet HTML 5Page - Intersil Corporation ZL9101M_1104 Datasheet HTML 6Page - Intersil Corporation ZL9101M_1104 Datasheet HTML 7Page - Intersil Corporation ZL9101M_1104 Datasheet HTML 8Page - Intersil Corporation ZL9101M_1104 Datasheet HTML 9Page - Intersil Corporation ZL9101M_1104 Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
ZL9101M
6
FN7669.2
April 8, 2011
Soft-start Ramp Duration Accuracy (Note 11)
100
µs
DYNAMIC CHARACTERISTICS
Voltage Change for Positive Load Step
ΔIOUT = 6A, slew rate = 2.5A/μs,
VOUT = 1.2V, COUT = 3000µF
3
%
Voltage Change for Negative Load Step
ΔIOUT = 6A, slew rate = 2.5A/μs,
VOUT = 1.2V, COUT = 3000µF
3
%
OSCILLATOR AND SWITCHING CHARACTERISTICS (Note 11)
Switching Frequency Range
590
615
630
kHz
Maximum PWM Duty Cycle
Factory setting
95
%
Minimum SYNC Pulse Width
150
ns
Input clock Frequency Drift Tolerance
External clock source
-13
13
%
LOGIC INPUT/OUTPUT CHARACTERISTICS (Note 11)
Logic Input Bias Current
EN, PG, SCL, SDA pins
-10
10
µA
Logic Input Low, VIL
0.8
V
Logic Input High, VIH
2.0
V
Logic Output Low, VOL
IOL ≤ 4mA (Note 17)
0.4
V
Logic Output High, VOH
IOH ≥ -2mA (Note 17)
2.25
V
FAULT PROTECTION CHARACTERISTICS (Note 11)
UVLO Threshold Range
Configurable via I2C/SMBus
2.85
16
V
UVLO Set-point Accuracy
-150
150
mV
UVLO Hysteresis
Factory setting
3
%
Configurable via I2C/SMBus
0
100
%
UVLO Delay
2.5
µs
Power Good VOUT Threshold
Factory setting
90
% VOUT
Power Good VOUT Hysteresis
Factory setting
5
%
Power Good Delay (Note 16)
Configurable via I2C/SMBus
0
200
ms
VSEN Undervoltage Threshold
Factory setting
85
% VOUT
Configurable via I2C/SMBus
0
110
% VOUT
VSEN Overvoltage Threshold
Factory setting
115
% VOUT
Configurable via I2C/SMBus
0
115
% VOUT
VSEN Undervoltage Hysteresis
5
% VOUT
VSEN Undervoltage/Overvoltage Fault Response
Time
Factory setting
16
µs
Configurable via I2C/SMBus
5
60
µs
Electrical Specifications VDD= 12 V, TA = -40°C to +85°C unless otherwise noted. Typical values are at TA = 25°C. Boldface limits apply
over the operating temperature range, -40°C to +85°C.
(Continued)
PARAMETER
CONDITIONS
MIN
(Note 9)
TYP
(Note 10)
MAX
(Note 9)
UNIT


Similar Part No. - ZL9101M_1104

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ZL9101M INTERSIL-ZL9101M_11 Datasheet
877Kb / 17P
   Digital DC/DC PMBus 12A Module
More results

Similar Description - ZL9101M_1104

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL28288 INTERSIL-ISL28288_11 Datasheet
995Kb / 17P
   Digital DC/DC PMBus 12A Module
ZL9101M INTERSIL-ZL9101M_11 Datasheet
877Kb / 17P
   Digital DC/DC PMBus 12A Module
ZL9101MIRZ INTERSIL-ZL9101MIRZ Datasheet
1Mb / 67P
   Digital DC/DC PMBus 12A Module
February 12, 2015
logo
Renesas Technology Corp
ZL9101M RENESAS-ZL9101M Datasheet
2Mb / 63P
   Digital DC/DC PMBus 12A Module
logo
Intersil Corporation
ZL9101M INTERSIL-ZL9101M Datasheet
870Kb / 17P
   Digital DC/DC PMBus 12A Module
logo
Renesas Technology Corp
ISL8270M RENESAS-ISL8270M Datasheet
2Mb / 56P
   Digital DC/DC PMBus 25A Module
ISL8271M RENESAS-ISL8271M Datasheet
2Mb / 57P
   Digital DC/DC PMBus 33A Module
logo
Intersil Corporation
ZL9117MIRZ INTERSIL-ZL9117MIRZ Datasheet
1Mb / 58P
   Digital DC/DC PMBus 17A Module
December 16, 2014
ISL8271MAIRZ INTERSIL-ISL8271MAIRZ Datasheet
1Mb / 51P
   Digital DC/DC PMBus 33A Module
December 18, 2014
ISL8270MAIRZ INTERSIL-ISL8270MAIRZ Datasheet
1Mb / 51P
   Digital DC/DC PMBus 25A Module
July 2, 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com