Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS5163 Datasheet(PDF) 8 Page - ams AG

Part # AS5163
Description  12-Bit Automotive Angle Position Sensor
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5163 Datasheet(HTML) 8 Page - ams AG

Back Button AS5163 Datasheet HTML 4Page - ams AG AS5163 Datasheet HTML 5Page - ams AG AS5163 Datasheet HTML 6Page - ams AG AS5163 Datasheet HTML 7Page - ams AG AS5163 Datasheet HTML 8Page - ams AG AS5163 Datasheet HTML 9Page - ams AG AS5163 Datasheet HTML 10Page - ams AG AS5163 Datasheet HTML 11Page - ams AG AS5163 Datasheet HTML 12Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 36 page
background image
www.austriamicrosystems.com/AS5163
Revision 2.7
8 - 36
AS5163
Datasheet - Detailed Descr i p ti on
7.1 Operation
The AS5163 operates at 5V ±10%, using two internal Low-Dropout (LDO) voltage regulators. For operation, the 5V supply is connected to pin
VDD. While VDD3 and VDD5 (LDO outputs) must be buffered by 2.2µF capacitors, the VDD requires a 1µF capacitor. All capacitors (low ESR
ceramic) are supposed to be placed close to the supply pins (see Figure 4).
The VDD3 and VDD5 outputs are intended for internal use only. It must not be loaded with an external load.
Figure 4. Connections for 5V Supply Voltages
7.1.1 VDD Voltage Monitor
VDD Overvoltage Management. If the voltage applied to the VDD pin exceeds the overvoltage upper threshold for longer than the detection
time, then the device enters a low power mode reducing the power consumption. When the overvoltage event has passed and the voltage
applied to the VDD pin falls below the overvoltage lower threshold for longer than the recovery time, then the device enters the normal mode.
VDD5 Undervoltage Management. When the voltage applied to the VDD5 pin falls below the undervoltage lower threshold for longer than
the VDD5_detection time, then the device stops the clock of the digital part and the output drivers are turned off to reduce the power
consumption. When the voltage applied to the VDD5 pin exceeds the VDD5 undervoltage upper threshold for longer than the VDD5_recovery
time, then the clock is restarted and the output drivers are turned on.
Notes:
1. The pins VDD3 and VDD5 must always be buffered by a capacitor. These pins must not be left floating, as this may
cause unstable internal supply voltages, which may lead to larger output jitter of the measured angle.
2. Only VDD is overvoltage protected up to 27V. In addition, the VDD has a reverse polarity protection.
2.2µF
1µF
4.5 - 5.5V
VDD5
GND
VDD
5V Operation
Internal
VDD 4. 5 V
LDO
Internal
VDD 3.45V
VDD 3
LDO
2.2µF


Similar Part No. - AS5163

ManufacturerPart #DatasheetDescription
logo
ams AG
AS5163 AMSCO-AS5163 Datasheet
881Kb / 33P
   12 BIT AUTOMOTIVE Angle Position Sensor
AS5163 AMSCO-AS5163 Datasheet
2Mb / 37P
   12-Bit Automotive Angle Position Sensor
AS5163-HTSP AMSCO-AS5163-HTSP Datasheet
2Mb / 37P
   12-Bit Automotive Angle Position Sensor
AS5163-HTSV AMSCO-AS5163-HTSV Datasheet
2Mb / 37P
   12-Bit Automotive Angle Position Sensor
AS5163HTSU AMSCO-AS5163HTSU Datasheet
881Kb / 33P
   12 BIT AUTOMOTIVE Angle Position Sensor
More results

Similar Description - AS5163

ManufacturerPart #DatasheetDescription
logo
ams AG
AS5261 AMSCO-AS5261 Datasheet
1Mb / 33P
   12-Bit Automotive Angle Position Sensor
AS5163 AMSCO-AS5163 Datasheet
881Kb / 33P
   12 BIT AUTOMOTIVE Angle Position Sensor
AS5163 AMSCO-AS5163_04 Datasheet
2Mb / 37P
   12-Bit Automotive Angle Position Sensor
AS5263 AMSCO-AS5263 Datasheet
2Mb / 38P
   12-Bit Redundant Automotive Angle Position Sensor
logo
List of Unclassifed Man...
AS5262 ETC2-AS5262 Datasheet
1Mb / 36P
   12-Bit Magnetic Angle Position Sensor
logo
ams AG
AS5162 AMSCO-AS5162 Datasheet
1Mb / 37P
   12-Bit Magnetic Angle Position Sensor
AS5161 AMSCO-AS5161 Datasheet
1Mb / 36P
   12-Bit Magnetic Angle Position Sensor
logo
List of Unclassifed Man...
AS5161 ETC2-AS5161 Datasheet
1Mb / 35P
   12-Bit Magnetic Angle Position Sensor
logo
ams AG
AS5262 AMSCO-AS5262 Datasheet
1Mb / 37P
   12-Bit Magnetic Angle Position Sensor
AS5045B AMSCO-AS5045B Datasheet
393Kb / 33P
   12-Bit Programmable Magnetic Position Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com