Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS8510 Datasheet(PDF) 8 Page - ams AG

Part # AS8510
Description  Data Acquisition Device for Battery Sensors
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8510 Datasheet(HTML) 8 Page - ams AG

Back Button AS8510 Datasheet HTML 4Page - ams AG AS8510 Datasheet HTML 5Page - ams AG AS8510 Datasheet HTML 6Page - ams AG AS8510 Datasheet HTML 7Page - ams AG AS8510 Datasheet HTML 8Page - ams AG AS8510 Datasheet HTML 9Page - ams AG AS8510 Datasheet HTML 10Page - ams AG AS8510 Datasheet HTML 11Page - ams AG AS8510 Datasheet HTML 12Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 46 page
background image
www.austriamicrosystems.com/AS8510
Revision 3.4
8 - 46
AS8510
Datasheet - Electrical Character i s t ics
Table 7. SDO Output
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VOH
High level output voltage
Isource = 8mA
2.5
V
VOL
Low level output voltage
Isink = 8mA
0.4
V
Io
Output Current
8
mA
Table 8. CHOP_CLK Output
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VOH
High level output voltage
2.5
V
VOL
Low level output voltage
0.4
V
Io
Output Current
4
mA
Table 9. CLK I/O with Input Schmitt Trigger and Output Buffer
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VIH
High level input voltage
DVDD = 3.3V
2.4
V
VIL
Low level input voltage
DVDD = 3.3V
1.0
V
ILEAK
Input leakage current
-1
+1
µA
IPD
Pull down current
CLK pulled to DVSS
10
100
µA
Io
Output Current
4
mA
VOH
High level output voltage
2.5
V
VOL
Low level output voltage
0.4
V
Table 10. SCLK with Input Schmitt Trigger
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VIH
High level input voltage
DVDD = 3.3V
2.4
V
VIL
Low level input voltage
DVDD = 3.3V
1.0
V
ILEAK
Input leakage current
-1
+1
µA
Table 11. MEN Output
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VOH
High level output voltage
2.5
V
VOL
Low level output voltage
0.4
V
IO
Output Current
2
mA


Similar Part No. - AS8510

ManufacturerPart #DatasheetDescription
logo
ams AG
AS8510 AMSCO-AS8510 Datasheet
482Kb / 47P
   Data Acquisition Device for Battery Sensors
AS8510-ASSM AMSCO-AS8510-ASSM Datasheet
482Kb / 47P
   Data Acquisition Device for Battery Sensors
AS8510-ASSP AMSCO-AS8510-ASSP Datasheet
482Kb / 47P
   Data Acquisition Device for Battery Sensors
AS8510 AMSCO-AS8510_10 Datasheet
482Kb / 47P
   Data Acquisition Device for Battery Sensors
More results

Similar Description - AS8510

ManufacturerPart #DatasheetDescription
logo
ams AG
AS8510 AMSCO-AS8510_10 Datasheet
482Kb / 47P
   Data Acquisition Device for Battery Sensors
logo
Semtech Corporation
SX8725C SEMTECH-SX8725C Datasheet
1Mb / 68P
   ZoomingADC for sensing data acquisition
SX8723S SEMTECH-SX8723S Datasheet
1Mb / 68P
   ZoomingADC for sensing data acquisition
SX8723C SEMTECH-SX8723C Datasheet
1Mb / 67P
   ZoomingADC for sensing data acquisition
SX8724C SEMTECH-SX8724C Datasheet
1Mb / 67P
   ZoomingADC for sensing data acquisition
SX8724S SEMTECH-SX8724S Datasheet
1Mb / 69P
   ZoomingADC for sensing data acquisition
SX8724CEVK SEMTECH-SX8724CEVK Datasheet
1Mb / 67P
   ZoomingADC for sensing data acquisition
logo
Intersil Corporation
ADC0801 INTERSIL-ADC0801 Datasheet
6Mb / 180P
   Data Acquisition
logo
Maxim Integrated Produc...
MAX44000EVSYS MAXIM-MAX44000EVSYS Datasheet
2Mb / 25P
   Continuous Data Acquisition
Rev 0; 11/11
logo
Semtech Corporation
XE8805 SEMTECH-XE8805 Datasheet
1Mb / 156P
   Data Acquisition MCU
Rev 1 January 2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com