Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BA6950FS Datasheet(PDF) 1 Page - Rohm

Part # BA6950FS
Description  0.5A or Less Reversible Motor Driver (Single Motor)
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA6950FS Datasheet(HTML) 1 Page - Rohm

  BA6950FS_11 Datasheet HTML 1Page - Rohm BA6950FS_11 Datasheet HTML 2Page - Rohm BA6950FS_11 Datasheet HTML 3Page - Rohm BA6950FS_11 Datasheet HTML 4Page - Rohm BA6950FS_11 Datasheet HTML 5Page - Rohm BA6950FS_11 Datasheet HTML 6Page - Rohm BA6950FS_11 Datasheet HTML 7Page - Rohm BA6950FS_11 Datasheet HTML 8Page - Rohm BA6950FS_11 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1/10
www.rohm.com
2011.05 - Rev.C
© 2011 ROHM Co., Ltd. All rights reserved.
Reversible Motor Drivers for Brush Motors
0.5A or Less Reversible
Motor Driver (Single Motor)
BA6950FS
0.8A Reversible
Motor Driver (Single Motor)
BA6951FS
Description
These drivers are reversible motor drivers that can directly drive brush motor which require forward and reverse rotations.
Four modes of output setting are available by the use of input logic (2 inputs); forward, reverse, stop (idling), and braking. In
addition, since voltage applied to motors varies in accord with the control terminal, motor rotating speed can be optionally
set and by the built-in current feedback amplifier, the motor can be driven at a constant speed.
Features
1) Four-mode outputs of forward, reverse, stop (idling), and braking are enabled in compliance with two inputs
2) Motors can be driven at a constant speed by a current feedback amplifier
3) Built-in thermal shutdown circuit
4) Built-in current limiting function (BA6951FS)
Applications
Audio-visual equipment; PC peripherals; Car audios; Car navigation systems; OA equipments
Absolute maximum ratings (Ta=25℃, All voltages are with respect to ground)
Parameter
Symbol
Ratings
Unit
BA6950FS
BA6951FS
Supply voltage
VCC
8
V
Supply voltage
VB
18
V
Output current
IOMAX
0.4*
1
0.8*
1
A
Operating temperature
TOPR
-20 ~ 75
Storage temperature
TSTG
-55 ~ 150
Power dissipation
Pd
0.813*
2
W
Junction temperature
Tjmax
150
*1 Do not, exceed Pd or ASO.
*2 SSOP-A16 package. Mounted on a 70mm x 70mm x 1.6mm FR4 glass-epoxy board with less than 3% copper foil.
Derated at 6.4mW/℃ above 25℃.
Operating conditions (Ta=25℃)
Parameter
Symbol
Ratings
Unit
Supply voltage
VCC
3 ~ 6
V
Supply voltage
VB
3 ~ 16
V
VTCL voltage
VCTL
0 ~ (VCC-1.8)
V
No.11008ECT01


Similar Part No. - BA6950FS_11

ManufacturerPart #DatasheetDescription
logo
Rohm
BA6950FS ROHM-BA6950FS_1 Datasheet
308Kb / 5P
   Reversible Motor Driver
BA6950FS ROHM-BA6950FS_10 Datasheet
272Kb / 10P
   Reversible Motor Drivers for 0.8A or less (1 Motor)
More results

Similar Description - BA6950FS_11

ManufacturerPart #DatasheetDescription
logo
Rohm
BD7931F-E2 ROHM-BD7931F-E2 Datasheet
396Kb / 11P
   0.5A or Less Reversible Motor Drivers (Single Moter)
BH6578FVM ROHM-BH6578FVM_11 Datasheet
253Kb / 9P
   0.5A or Less Reversible Motor Drivers (Single Moter)
BH6578FVM ROHM-BH6578FVM_15 Datasheet
1Mb / 17P
   0.5 Amp or Less Reversible Motor Drivers (Single Motor)
BA6950FS ROHM-BA6950FS_10 Datasheet
272Kb / 10P
   Reversible Motor Drivers for 0.8A or less (1 Motor)
BA6219BFP ROHM-BA6219BFP Datasheet
419Kb / 13P
   2.0A or More Reversible Motor Drivers (Single Motor)
BA6219BFP-Y ROHM-BA6219BFP-Y_11 Datasheet
278Kb / 11P
   2.0A or More Reversible Motor Drivers (Single Motor)
BA6285FS ROHM-BA6285FS Datasheet
155Kb / 9P
   Reversible motor driver
logo
Unisonic Technologies
BA6208 UTC-BA6208_15 Datasheet
192Kb / 4P
   REVERSIBLE MOTOR DRIVER
logo
Rohm
BA6951FS ROHM-BA6951FS Datasheet
303Kb / 5P
   Reversible Motor Driver
BA6222 ROHM-BA6222_1 Datasheet
290Kb / 5P
   Reversible Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com