Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BA2903SF Datasheet(PDF) 7 Page - Rohm

Part # BA2903SF
Description  Ground Sense Comparators
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA2903SF Datasheet(HTML) 7 Page - Rohm

Back Button BA2903SF Datasheet HTML 3Page - Rohm BA2903SF Datasheet HTML 4Page - Rohm BA2903SF Datasheet HTML 5Page - Rohm BA2903SF Datasheet HTML 6Page - Rohm BA2903SF Datasheet HTML 7Page - Rohm BA2903SF Datasheet HTML 8Page - Rohm BA2903SF Datasheet HTML 9Page - Rohm BA2903SF Datasheet HTML 10Page - Rohm BA2903SF Datasheet HTML 11Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
Technical Note
7/24
BA10393F,BA10339F,BA10339FV,BA2903SF,BA2903SFV,BA2903SFVM,BA2903F,BA2903FV,
BA2903FVM,BA2901SF,BA2901SFV,BA2901SKN,BA2901F,BA2901FV,BA2901KN,BA8391G
www.rohm.com
2011.08 - Rev.B
© 2011 ROHM Co., Ltd. All rights reserved.
Reference Data BA8391 family
(*)The data above is ability value of sample, it is not guaranteed. BA8391G:-40[℃]~+85[℃]
0
1
2
3
4
5
-100
-80
-60
-40
-20
0
OUTPUT DRIVE VOLTAGE[mV]
0
1
2
3
4
5
-50
-25
0
25
50
75
100
AMBIENT TEMPERATURE[℃]
0
1
2
3
4
5
-50
-250
255075
100
AMBIENT TEMPERATURE[℃]
60
80
100
120
140
160
180
200
-50
-25
0
25
50
75
100
AMBIENT TEMPERATURE[℃]
40
60
80
100
120
140
160
0
1020
3040
SUPPLY VOLTAGE[V]
0
25
50
75
100
125
150
-50
-25
0
25
50
75
100
AMBIENT TEMPERATURE[℃]
2V
5V
36V
-6
-4
-2
0
2
4
6
-1
0
1
2
3
4
5
INPUT VOLTAGE[V]
60
70
80
90
100
110
120
130
140
0
10
203040
SUPPLY VOLTAGE[V]
25℃
-40℃
85℃
-50
-40
-30
-20
-10
0
10
20
30
40
50
-50
-25
0
25
50
75
100
AMBIENT TEMPERATURE[℃]
5V
2V
36V
Fig.18
入力オフセット電圧-同相入力電圧範囲
(VCC=5[V])
Fig.14
大振幅電圧利得-電源電圧特性
Fig.15
大振幅電圧利得-温度特性
Fig.16
同相信号除去比-電源電圧特性
Fig.17
同相信号除去比-温度特性
Fig.19
電源電圧除去比-温度特性
Fig.13
入力オフセット電流-温度特性
Fig.20
L→H応答時間-オーバードライブ電圧特性
(VCC=5[V],VRL=5[V],RL=5.1[kΩ])
Fig.21
L→H応答時間-温度特性
(VCC=5[V],VRL=5[V],RL=5.1[kΩ])
Fig.22
H→L応答時間-オーバードライブ電圧特性
(VCC=5[V],VRL=5[V],RL=5.1[kΩ])
60
70
80
90
100
110
120
130
140
-50
-25
0
25
50
75
100
AMBIENT TEMPERATURE[℃]
5V
2V
36V
0
1
2
3
4
5
0
2040
6080
100
OUTPUT DRIVE VOLTAGE[mV]
Fig.23
H→L応答時間-温度特性
(VCC=5[V],VRL=5[V],RL=5.1[kΩ])
25℃
-40℃
85℃
25℃
-40℃
85℃
25℃
-40℃
85℃
20m V overdrive
100m V overdrive
5mV overdrive
25℃
-40℃
85℃
20m V overdrive
100mV overdrive
5m V overdrive
BA8391ファ ミリ
BA8391ファ ミリ
BA8391ファ ミリ
BA8391ファ ミリ
BA8391ファ ミリ
BA8391ファ ミリ
BA8391ファ ミリ
BA8391ファ ミリ
BA8391ファ ミリ
BA8391ファ ミリ
BA8391ファ ミリ
BA8391 family
BA8391 family
BA8391 family
BA8391 family
BA8391 family
BA8391 family
BA8391 family
BA8391 family
BA8391 family
Fig.16
Common Mode Rejection Ratio
- Supply Voltage
Fig.17
Common Mode Rejection Ratio
- Ambient Temperature
Fig.22
Response Time (High to Low)
- Over Drive Voltage
(VCC=5[V],VRL=5[V],RL=5.1[kΩ])
Fig.23
Response Time (High to Low)
- Ambient Temperature
(VCC=5[V],VRL=5[V],RL=5.1[kΩ])
Fig.13
Input Offset Current - Ambient Temperature
Fig.14
Large Signal Voltage Gain
- Supply Voltage
Fig.15
Large Signal Voltage Gain
- Ambient Temperature
Fig.19
Power Supply Rejection Ratio
- Ambient Temperature
Fig.21
Response Time (Low to High)
- Ambient Temperature
(VCC=5[V],VRL=5[V],RL=5.1[kΩ])
Fig.20
Response Time (Low to High)
- Over Drive Voltage
(VCC=5[V],VRL=5[V],RL=5.1[kΩ])
BA8391 family
BA8391 family
Fig.18
Input Offset Voltage - Input Voltage
(VCC=5V)


Similar Part No. - BA2903SF

ManufacturerPart #DatasheetDescription
logo
Rohm
BA2903SF ROHM-BA2903SF Datasheet
574Kb / 20P
   Comparators: Ground Sense
BA2903SF ROHM-BA2903SF Datasheet
466Kb / 20P
   Comparators : Ground Sense
BA2903SF ROHM-BA2903SF Datasheet
533Kb / 25P
   Ground Sense Comparators
BA2903SF ROHM-BA2903SF Datasheet
533Kb / 25P
   Ground Sense Comparators
BA2903SF ROHM-BA2903SF Datasheet
958Kb / 56P
   Ground Sense Comparator
More results

Similar Description - BA2903SF

ManufacturerPart #DatasheetDescription
logo
Rohm
BA10393F-E2 ROHM-BA10393F-E2 Datasheet
533Kb / 25P
   Ground Sense Comparators
BA10393F ROHM-BA10393F_09 Datasheet
574Kb / 20P
   Comparators: Ground Sense
BA10339FV-E2 ROHM-BA10339FV-E2 Datasheet
533Kb / 25P
   Ground Sense Comparators
LM393XXX ROHM-LM393XXX Datasheet
4Mb / 40P
   Ground Sense Comparators
15.Jul.2016 Rev.002
BA2903YF-LB ROHM-BA2903YF-LB Datasheet
677Kb / 31P
   Ground Sense Comparators
BA10393F ROHM-BA10393F_10 Datasheet
466Kb / 20P
   Comparators : Ground Sense
BA2903YFC ROHM-BA2903YFC Datasheet
825Kb / 32P
   Automotive Ground Sense Comparators
BA2903YFV-C ROHM-BA2903YFV-C Datasheet
1Mb / 33P
   Automotive Ground Sense Comparators
29.Sep.2015 Rev.005
BA2901YF-M ROHM-BA2901YF-M Datasheet
531Kb / 27P
   Automotive Ground Sense Comparators
BA2903YF-CE2 ROHM-BA2903YF-CE2 Datasheet
1Mb / 34P
   Automotive Ground Sense Comparators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com